Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68SEC000CPB20 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC68SEC000CPB20
Description  Addendum to M68000 User Manual
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68SEC000CPB20 Datasheet(HTML) 3 Page - Motorola, Inc

  MC68SEC000CPB20 Datasheet HTML 1Page - Motorola, Inc MC68SEC000CPB20 Datasheet HTML 2Page - Motorola, Inc MC68SEC000CPB20 Datasheet HTML 3Page - Motorola, Inc MC68SEC000CPB20 Datasheet HTML 4Page - Motorola, Inc MC68SEC000CPB20 Datasheet HTML 5Page - Motorola, Inc MC68SEC000CPB20 Datasheet HTML 6Page - Motorola, Inc MC68SEC000CPB20 Datasheet HTML 7Page - Motorola, Inc MC68SEC000CPB20 Datasheet HTML 8Page - Motorola, Inc MC68SEC000CPB20 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
MOTOROLA
M68000 USER’S MANUAL ADDENDUM
3
1.3 MC68SEC000
The MC68SEC000 is a cost-effective static embedded processor engineered for low-power applications. In
addition to providing the substantial cost and performance benefits of the MC68EC000, the low-power mode
of the MC68SEC000 provides significant advantages in power consumption and power management. The
typical current consumption of the MC68SEC000 is only 0.5
µA in static standby mode and 15.0mA in normal
3.3V operation. The MC68SEC000 operates in either 3.3V or 5.0V systems. The remarkably low power
consumption, small footprint packages, and static implementation are combined in the MC68SEC000 for low-
power applications such as portable measuring equipment, electronic games, and battery-operated hand-held
consumer products.
The HCMOS MC68SEC000’s static architecture is a direct replacement for the MC68EC000, which offers the
lowest cost entry point to 32-bit processing. The internal 32-bit architecture provides fast and efficient
processing that satisfies the requirements of sophisticated applications based on high-level languages.
All of the existing third-party developer tools widely available for the MC68EC000 will directly support the
MC68SEC000. You can find detailed descriptions of these tools in the
High Performance Embedded Systems
Source Catalog.


Similar Part No. - MC68SEC000CPB20

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68SEC000CFU10 MOTOROLA-MC68SEC000CFU10 Datasheet
249Kb / 26P
   M68000 USERS MANUAL ADDENDUM
More results

Similar Description - MC68SEC000CPB20

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68SEC000CFU10 MOTOROLA-MC68SEC000CFU10 Datasheet
249Kb / 26P
   M68000 USERS MANUAL ADDENDUM
logo
COREBAI Microelectronic...
CBM1001A-Q COREBAI-CBM1001A-Q Datasheet
1Mb / 15P
   User manual
logo
CML Microcircuits
EV1050 CMLMICRO-EV1050 Datasheet
341Kb / 9P
   User Manual
logo
List of Unclassifed Man...
VFD-L ETC-VFD-L Datasheet
489Kb / 16P
   User Manual
logo
Freescale Semiconductor...
MC68F333 FREESCALE-MC68F333 Datasheet
12Mb / 364P
   USER MANUAL
logo
CML Microcircuits
EV0181 CMLMICRO-EV0181 Datasheet
544Kb / 18P
   User Manual
EV6021 CMLMICRO-EV6021 Datasheet
314Kb / 28P
   User Manual
logo
Motorola, Inc
M68060 MOTOROLA-M68060 Datasheet
1Mb / 416P
   M68060 User Manual
logo
List of Unclassifed Man...
WIZ820IO ETC2-WIZ820IO Datasheet
562Kb / 15P
   WIZ820io User Manual
logo
NXP Semiconductors
UM10601 NXP-UM10601 Datasheet
1Mb / 313P
   LPC800 User manual
Rev. 1.0-7 November 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com