Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK433-120-E Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # STK433-120-E
Description  Thick-Film Hybrid IC 2-channel class AB audio power IC, 120W120W
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK433-120-E Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button STK433-120-E Datasheet HTML 2Page - Sanyo Semicon Device STK433-120-E Datasheet HTML 3Page - Sanyo Semicon Device STK433-120-E Datasheet HTML 4Page - Sanyo Semicon Device STK433-120-E Datasheet HTML 5Page - Sanyo Semicon Device STK433-120-E Datasheet HTML 6Page - Sanyo Semicon Device STK433-120-E Datasheet HTML 7Page - Sanyo Semicon Device STK433-120-E Datasheet HTML 8Page - Sanyo Semicon Device STK433-120-E Datasheet HTML 9Page - Sanyo Semicon Device STK433-120-E Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
STK433-120-E
No. A1595-6/11
Pin Assignments
[STK433-000/-100/-200Sr & STK415/416-100Sr Pin Layout]
12
345678
9
10
11
12
13
14
15
2ch class-AB
2ch classAB/2.00mm
STK433-030-E 30W/JEITA
STK433-040-E 40W/JEITA
STK433-060-E 50W/JEITA
STK433-070-E 60W/JEITA
STK433-090-E 80W/JEITA
STK433-100-E 100W/JEITA
STK433-120-E 120W/JEITA
STK433-130-E 150W/JEITA
-
P
R
E
-
V
C
C
+
V
C
C
O
U
T
/
C
H
1
+
O
U
T
/
C
H
1
-
O
U
T
/
C
H
2
+
O
U
T
/
C
H
2
-
+
P
R
E
S
U
B
G
N
D
G
N
D
I
N
/
C
H
1
N
F
/
C
H
1
S
T
A
N
D
|
B
Y
N
F
/
C
H
2
I
N
/
C
H
2
12
345678
9
10
11
12
13
14
15
16
17
18
19
3ch class-AB
3ch classAB/2.00mm
STK433-230A-E 30W/JEITA
STK433-240A-E 40W/JEITA
STK433-260A-E 50W/JEITA
STK433-270-E 60W/JEITA
STK433-290-E 80W/JEITA
STK433-300-E 100W/JEITA
STK433-320-E 120W/JEITA
STK433-330-E 150W/JEITA
-
P
R
E
-
V
C
C
+
V
C
C
O
U
T
/
C
H
1
+
O
U
T
/
C
H
1
-
O
U
T
/
C
H
2
+
O
U
T
/
C
H
2
-
+
P
R
E
S
U
B
G
N
D
G
N
D
I
N
/
C
H
1
N
F
/
C
H
1
S
T
A
N
D
|
B
Y
N
F
/
C
H
2
I
N
/
C
H
2
I
N
/
C
H
3
N
F
/
C
H
3
O
U
T
/
C
H
3
+
O
U
T
/
C
H
3
-
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
2ch class-H
2ch classH/2.00mm
STK415-090-E 80W/JEITA
STK415-100-E 90W/JEITA
STK415-120-E 120W/JEITA
STK415-130-E 150W/JEITA
STK415-140-E 180W/JEITA
+
V
L
-
V
L
+
O
F
F
S
E
T
-
O
F
F
S
E
T
-
P
R
E
-
V
H
+
V
H
O
U
T
/
C
H
1
+
O
U
T
/
C
H
1
-
O
U
T
/
C
H
2
+
O
U
T
/
C
H
2
-
+
P
R
E
S
U
B
G
N
D
G
N
D
I
N
/
C
H
1
N
F
/
C
H
1
S
T
A
N
D
|
B
Y
N
F
/
C
H
2
I
N
/
C
H
2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
3ch class-H
3ch classH/2.00mm
STK416-090-E 80W/JEITA
STK416-100-E 90W/JEITA
STK416-120-E 120W/JEITA
STK416-130-E 150W/JEITA
+
V
L
-
V
L
+
O
F
F
S
E
T
-
O
F
F
S
E
T
-
P
R
E
-
V
H
+
V
H
O
U
T
/
C
H
1
+
O
U
T
/
C
H
1
-
O
U
T
/
C
H
2
+
O
U
T
/
C
H
2
-
+
P
R
E
S
U
B
G
N
D
G
N
D
I
N
/
C
H
1
N
F
/
C
H
1
S
T
A
N
D
|
B
Y
N
F
/
C
H
2
I
N
/
C
H
2
I
N
/
C
H
3
N
F
/
C
H
3
O
U
T
/
C
H
3
+
O
U
T
/
C
H
3
-


Similar Part No. - STK433-120-E

ManufacturerPart #DatasheetDescription
logo
Sunspirit Electronic Lt...
STK433-120LF SUNSPIRIT-STK433-120LF Datasheet
355Kb / 2P
   2-channel class AB audio power IC, 100W100W
More results

Similar Description - STK433-120-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK404-120N-E SANYO-STK404-120N-E Datasheet
213Kb / 11P
   1ch class-AB Audio Power IC 120W
STK433-290-E SANYO-STK433-290-E Datasheet
209Kb / 13P
   Thick-Film Hybrid IC 3-channel class AB audio power IC, 3-channel class AB audio power IC,
STK433-100-E SANYO-STK433-100-E Datasheet
185Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 100W100W
STK433-130-E SANYO-STK433-130-E Datasheet
185Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 150W150W
STK433-060-E SANYO-STK433-060-E Datasheet
228Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 50W50W
STK433-070-E SANYO-STK433-070-E Datasheet
228Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 60W60W
STK415-140-E SANYO-STK415-140-E Datasheet
186Kb / 12P
   2-Channel Power Switching Audio Power IC, 120W120W
STK433-040-E SANYO-STK433-040-E Datasheet
228Kb / 11P
   2-channel class AB audio power IC, 40W40W
STK433-030-E SANYO-STK433-030-E Datasheet
228Kb / 11P
   2-channel class AB audio power IC, 30W30W
STK433-730-E SANYO-STK433-730-E Datasheet
177Kb / 12P
   2-channel class AB audio power IC, 30W30W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com