Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2783 Datasheet(PDF) 4 Page - New Japan Radio

Part # NJM2783
Description  Monaural Microphone Amplifier with ALC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2783 Datasheet(HTML) 4 Page - New Japan Radio

  NJM2783 Datasheet HTML 1Page - New Japan Radio NJM2783 Datasheet HTML 2Page - New Japan Radio NJM2783 Datasheet HTML 3Page - New Japan Radio NJM2783 Datasheet HTML 4Page - New Japan Radio NJM2783 Datasheet HTML 5Page - New Japan Radio NJM2783 Datasheet HTML 6Page - New Japan Radio NJM2783 Datasheet HTML 7Page - New Japan Radio NJM2783 Datasheet HTML 8Page - New Japan Radio NJM2783 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Version 7.0E
NJM2783
– 4 –
"
"
"
"CONTROL TERMINAL EXPLANATION
GAIN SW (13 pin)
MODE
STATUS
NOTE
0dB
L
The gain of microphone amplifier is not increased.
+20dB
H
The gain of microphone amplifier is increased +20dB.
"TEST CIRCUIT
Detector
V+
GND
Bias
VREF
SENSE
INT
GAIN1
BUFFIN
BUFFGAIN
BUFFOUT
OUT
GAIN SW
GAIN2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
V
RG2
10
µF
10
µF
10
µF
4.7k
4.7
µF
0.47
µF
VIN
1
µF
VIH
VIL
V
+
V
+
RG1
RSENSE
IN
DET
0.47
µF
4.7
µF
1
µF
10k
VR


Similar Part No. - NJM2783

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2781 NJRC-NJM2781 Datasheet
183Kb / 11P
   Monaural Microphone Amplifier
NJM2781RB1 NJRC-NJM2781RB1 Datasheet
183Kb / 11P
   Monaural Microphone Amplifier
NJM2781V NJRC-NJM2781V Datasheet
183Kb / 11P
   Monaural Microphone Amplifier
More results

Similar Description - NJM2783

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7907A NJRC-NJU7907A Datasheet
148Kb / 10P
   Monaural Microphone Amplifier
NJM2118 NJRC-NJM2118 Datasheet
122Kb / 4P
   MONAURAL MICROPHONE AMPLIFIER
NJM2781 NJRC-NJM2781 Datasheet
183Kb / 11P
   Monaural Microphone Amplifier
logo
Samsung semiconductor
KA2220 SAMSUNG-KA2220 Datasheet
164Kb / 5P
   EQUALIZER AMPLIFIER WITH ALC
logo
Sanyo Semicon Device
LA3210 SANYO-LA3210 Datasheet
152Kb / 5P
   Equalizer Amplifier With ALC
logo
Wuxi Youda electronics ...
YD22241 YOUDA-YD22241 Datasheet
83Kb / 3P
   DUAL EQUALIZER AMPLIFIER WITH ALC
logo
New Japan Radio
NJM2128 NJRC-NJM2128 Datasheet
143Kb / 4P
   PRE & POWER AMPLIFIER WITH ALC
logo
Unisonic Technologies
UTCKA22241 UTC-UTCKA22241 Datasheet
37Kb / 3P
   DUAL EQUALIZER AMPLIFIER WITH ALC
TDA2611 UTC-TDA2611 Datasheet
115Kb / 3P
   DUAL EQUALIZER AMPLIFIER WITH ALC
KA22241 UTC-KA22241 Datasheet
213Kb / 6P
   DUAL EQUALIZER AMPLIFIER WITH ALC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com