Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM3357 Datasheet(PDF) 1 Page - New Japan Radio

Part # NJM3357
Description  LOW POWER NARROW BAND FM IF
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM3357 Datasheet(HTML) 1 Page - New Japan Radio

  NJM3357 Datasheet HTML 1Page - New Japan Radio NJM3357 Datasheet HTML 2Page - New Japan Radio NJM3357 Datasheet HTML 3Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NJM3357
-1-
Ver.2003-12-09
LOW POWER NARROW BAND FM IF
■ GENERAL DESCRIPTION
■ PACKAGE OUTLINE
The NJM3357 includes Oscillator, Mixer, Limiting Amplifier
Quadrature Discriminator, Active Filter, Squelch Scan Control,
and Mute Switch. The NJM3357 is designed for use in FM dual
conversion communication equipment.
■ FEATURES
● Low Operating Current (3.0mA typ. @V+=6V)
● Minimum other parts.
● Package Outline
DIP16, DMP16
● Bipolar Technology
■ PIN CONFIGURATION
■ BLOCK DIAGRAM
NJM3357D
NJM3357M
NJM3357D
NJM3357M
NJM3357D
NJM3357M


Similar Part No. - NJM3357

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM3359 NJRC-NJM3359 Datasheet
194Kb / 5P
   LOW POWER NARROW BAND FM IF?
NJM3359 NJRC-NJM3359 Datasheet
152Kb / 4P
   LOW POWER NARROW BAND FM IF
NJM3359D NJRC-NJM3359D Datasheet
194Kb / 5P
   LOW POWER NARROW BAND FM IF?
NJM3359D NJRC-NJM3359D Datasheet
152Kb / 4P
   LOW POWER NARROW BAND FM IF
NJM3359 NJRC-NJM3359_1 Datasheet
152Kb / 4P
   LOW POWER NARROW BAND FM IF
More results

Similar Description - NJM3357

ManufacturerPart #DatasheetDescription
logo
AUK corp
SL5019 AUK-SL5019_1 Datasheet
83Kb / 6P
   LOW POWER NARROW BAND FM IF
logo
Tiger Electronic Co.,Lt...
MC3361D TGS-MC3361D Datasheet
218Kb / 5P
   LOW POWER NARROW BAND FM IF
logo
AUK corp
SL5018P AUK-SL5018P Datasheet
126Kb / 5P
   LOW POWER NARROW BAND FM IF
logo
Daewoo Semiconductor
DBL5019 DAEWOO-DBL5019 Datasheet
270Kb / 6P
   LOW POWER NARROW BAND FM IF
logo
Hynix Semiconductor
GL3361 HYNIX-GL3361 Datasheet
41Kb / 4P
   Low Power Narrow Band FM IF
logo
AUK corp
SL5018 AUK-SL5018_1 Datasheet
129Kb / 5P
   LOW POWER NARROW BAND FM IF
logo
Daewoo Semiconductor
DBL5018 DAEWOO-DBL5018 Datasheet
226Kb / 5P
   LOW POWER NARROW BAND FM IF
logo
New Japan Radio
NJM3359 NJRC-NJM3359_1 Datasheet
152Kb / 4P
   LOW POWER NARROW BAND FM IF
NJM3359 NJRC-NJM3359 Datasheet
194Kb / 5P
   LOW POWER NARROW BAND FM IF?
logo
Unisonic Technologies
UTCMC3361BP UTC-UTCMC3361BP Datasheet
30Kb / 3P
   LOW VOLTAGE/POWER NARROW BAND FM IF
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com