Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJU6434 Datasheet(PDF) 1 Page - New Japan Radio

Part # NJU6434
Description  1/4 DUTY LCD DRIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU6434 Datasheet(HTML) 1 Page - New Japan Radio

  NJU6434 Datasheet HTML 1Page - New Japan Radio NJU6434 Datasheet HTML 2Page - New Japan Radio NJU6434 Datasheet HTML 3Page - New Japan Radio NJU6434 Datasheet HTML 4Page - New Japan Radio NJU6434 Datasheet HTML 5Page - New Japan Radio NJU6434 Datasheet HTML 6Page - New Japan Radio NJU6434 Datasheet HTML 7Page - New Japan Radio NJU6434 Datasheet HTML 8Page - New Japan Radio NJU6434 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
NJU6434
Ver.2009-11-12
-1 -
1/4 DUTY LCD DRIVER
! GENERAL DESCRIPTION
The NJU6434 is a 1/4 duty LCD driver for segment type
LCD panel.
The LCD driver consists of 4-common and 50-segment
drives up to 200 segments.
The NJU6434 is useful for the digital tuning system or
others segment type display driver.
! FEATURES
# 50 Segment Drivers
# Duty Ratio 1/4 (Up to 200-Segments)
# Serial Data Transmission (Shift Clock 2MHz max.)
# Oscillation Circuit On-chip (External Resistance Required)
# Display Off Function (INHb Terminal)
# Operating Voltage
2.4 to 5.5V
# LCD Driving Voltage
2.4 to 6.0V
# Package Outline
Chip, QFN 64-S4, QFP64-H2
# C-MOS Technology
P-Sub
! BLOCK DIAGRAM
! PACKAGE OUTLINE
PRELIMINARY
VLCD
INHb
CE
VSS
OSC1
VDD
Oscillation
Divider
Shift
Register2
50-bit
Input
Select
Shift
Register1
50-bit
Input
Select
Shift
Register4
50-bit
Input
Select
Shift
Register3
50-bit
Input
Select
Decoder
Shift Register
Control Circuit
Input Select Circuit
OSC2
DATA
MODE
SCL
Latch Circuit / Segment Driver
LCD Driving
Voltage Circuit
Common Driver
Reset
Circuit
NJU6434KS4
NJU6434C
NJU6434FH2


Similar Part No. - NJU6434

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6432 NJRC-NJU6432 Datasheet
262Kb / 8P
   DUPLEX LCD DRIVER
NJU6432B NJRC-NJU6432B Datasheet
262Kb / 8P
   DUPLEX LCD DRIVER
NJU6432BF NJRC-NJU6432BF Datasheet
262Kb / 8P
   DUPLEX LCD DRIVER
NJU6433 NJRC-NJU6433 Datasheet
372Kb / 11P
   1/4 DUTY LCD DRIVER
NJU6433BFH1 NJRC-NJU6433BFH1 Datasheet
111Kb / 12P
   1/4 DUTY LCD DRIVER
More results

Similar Description - NJU6434

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6438 NJRC-NJU6438 Datasheet
394Kb / 12P
   1/4 DUTY LCD DRIVER?
NJU6439 NJRC-NJU6439 Datasheet
366Kb / 11P
   1/4 DUTY LCD DRIVER???
NJU6437 NJRC-NJU6437 Datasheet
324Kb / 10P
   1/4 DUTY LCD DRIVER
NJU6433BFH1 NJRC-NJU6433BFH1 Datasheet
111Kb / 12P
   1/4 DUTY LCD DRIVER
NJU6433 NJRC-NJU6433 Datasheet
372Kb / 11P
   1/4 DUTY LCD DRIVER
NJU6533 NJRC-NJU6533 Datasheet
38Kb / 4P
   1/3, 1/4 Duty LCD Driver
NJU6535 NJRC-NJU6535 Datasheet
221Kb / 30P
   1/3 , 1/4 Duty LCD Driver
logo
Sanyo Semicon Device
LC75814V SANYO-LC75814V Datasheet
101Kb / 14P
   1/4 Duty General-Purpose LCD Driver
LC75844M SANYO-LC75844M Datasheet
133Kb / 14P
   1/4 Duty General-Purpose LCD Driver
logo
ON Semiconductor
LC75836WS-T ONSEMI-LC75836WS-T_17 Datasheet
263Kb / 17P
   1/4-Duty General-Purpose LCD Driver
June 2017 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com