Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJU6645 Datasheet(PDF) 5 Page - New Japan Radio

Part # NJU6645
Description  16-CHARACTER 6-LINE LCD DRIVER with JAPANESE KANJI ROM
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU6645 Datasheet(HTML) 5 Page - New Japan Radio

  NJU6645 Datasheet HTML 1Page - New Japan Radio NJU6645 Datasheet HTML 2Page - New Japan Radio NJU6645 Datasheet HTML 3Page - New Japan Radio NJU6645 Datasheet HTML 4Page - New Japan Radio NJU6645 Datasheet HTML 5Page - New Japan Radio NJU6645 Datasheet HTML 6Page - New Japan Radio NJU6645 Datasheet HTML 7Page - New Japan Radio NJU6645 Datasheet HTML 8Page - New Japan Radio NJU6645 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 112 page
background image
-5 -
Ver.2009-05-20
NJU6645
Preliminary
! PAD COORDINATES 2
Chip Size 14.16mm x 3.16mm (Chip Center X=0
µm, Y=0µm)
PAD No.
PAD name
X=
µm
Y=
µm
PAD No.
PAD name
X=
µm
Y=
µm
101
V1
-1475
-1412.5
151
VSS
1025
-1412.5
102
V1
-1425
-1412.5
152
VSS
1075
-1412.5
103
V1
-1375
-1412.5
153
DUMMY58
1125
-1412.5
104
V1
-1325
-1412.5
154
DUMMY59
1175
-1412.5
105
DUMMY44
-1275
-1412.5
155
VOUT
1225
-1412.5
106
DUMMY45
-1225
-1412.5
156
VOUT
1275
-1412.5
107
V2
-1175
-1412.5
157
VOUT
1325
-1412.5
108
V2
-1125
-1412.5
158
VOUT
1375
-1412.5
109
V2
-1075
-1412.5
159
VOUT
1425
-1412.5
110
V2
-1025
-1412.5
160
VOUT
1475
-1412.5
111
V2
-975
-1412.5
161
DUMMY103
1525
-1412.5
112
DUMMY46
-925
-1412.5
162
DUMMY104
1575
-1412.5
113
DUMMY47
-875
-1412.5
163
VDCOUT
1625
-1412.5
114
V3
-825
-1412.5
164
VDCOUT
1675
-1412.5
115
V3
-775
-1412.5
165
VDCOUT
1725
-1412.5
116
V3
-725
-1412.5
166
VDCOUT
1775
-1412.5
117
V3
-675
-1412.5
167
VDCOUT
1825
-1412.5
118
V3
-625
-1412.5
168
VDCOUT
1875
-1412.5
119
DUMMY48
-575
-1412.5
169
VDCOUT
1925
-1412.5
120
DUMMY49
-525
-1412.5
170
DUMMY60
1975
-1412.5
121
V4
-475
-1412.5
171
DUMMY61
2025
-1412.5
122
V4
-425
-1412.5
172
VEE
2075
-1412.5
123
V4
-375
-1412.5
173
VEE
2125
-1412.5
124
V4
-325
-1412.5
174
VEE
2175
-1412.5
125
V4
-275
-1412.5
175
VEE
2225
-1412.5
126
DUMMY50
-225
-1412.5
176
VEE
2275
-1412.5
127
DUMMY51
-175
-1412.5
177
VEE
2325
-1412.5
128
VREG
-125
-1412.5
178
DUMMY62
2375
-1412.5
129
VREG
-75
-1412.5
179
DUMMY63
2425
-1412.5
130
VREG
-25
-1412.5
180
C1+
2475
-1412.5
131
VREG
25
-1412.5
181
C1+
2525
-1412.5
132
VREG
75
-1412.5
182
C1+
2575
-1412.5
133
DUMMY52
125
-1412.5
183
C1+
2625
-1412.5
134
DUMMY53
175
-1412.5
184
C1+
2675
-1412.5
135
VREF
225
-1412.5
185
C1+
2725
-1412.5
136
VREF
275
-1412.5
186
DUMMY64
2775
-1412.5
137
VREF
325
-1412.5
187
DUMMY65
2825
-1412.5
138
VREF
375
-1412.5
188
C1-
2875
-1412.5
139
DUMMY54
425
-1412.5
189
C1-
2925
-1412.5
140
DUMMY55
475
-1412.5
190
C1-
2975
-1412.5
141
VBA
525
-1412.5
191
C1-
3025
-1412.5
142
VBA
575
-1412.5
192
C1-
3075
-1412.5
143
VBA
625
-1412.5
193
C1-
3125
-1412.5
144
VBA
675
-1412.5
194
DUMMY66
3175
-1412.5
145
DUMMY56
725
-1412.5
195
DUMMY67
3225
-1412.5
146
DUMMY57
775
-1412.5
196
C2+
3275
-1412.5
147
VSS
825
-1412.5
197
C2+
3325
-1412.5
148
VSS
875
-1412.5
198
C2+
3375
-1412.5
149
VSS
925
-1412.5
199
C2+
3425
-1412.5
150
VSS
975
-1412.5
200
C2+
3475
-1412.5


Similar Part No. - NJU6645

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6620 NJRC-NJU6620 Datasheet
1Mb / 41P
   12-CHARACTER 4-LINE DOT MATRIX LCD CONTROLLER
NJU6620CH NJRC-NJU6620CH Datasheet
1Mb / 41P
   12-CHARACTER 4-LINE DOT MATRIX LCD CONTROLLER
NJU6623 NJRC-NJU6623 Datasheet
742Kb / 22P
   15-CHARACTER 1-LINE DOT MATRIX LCD CONTROLLER DRIVER with OUTPUT PORT?
NJU6623FG1 NJRC-NJU6623FG1 Datasheet
742Kb / 22P
   15-CHARACTER 1-LINE DOT MATRIX LCD CONTROLLER DRIVER with OUTPUT PORT?
NJU6624A NJRC-NJU6624A Datasheet
978Kb / 35P
   12-CHARACTER 1-LINE DOT MATRIX LCD CONTROLLER DRIVER with SMOOTH SCROLL FUNCTION
More results

Similar Description - NJU6645

ManufacturerPart #DatasheetDescription
logo
BOWIN ELECTRONIC CO.
LS6108 BOWIN-LS6108 Datasheet
132Kb / 13P
   Japanese/Chinese Character LCD Watch with EL Driver
logo
New Japan Radio
NJU6470 NJRC-NJU6470 Datasheet
1Mb / 33P
   16-CHARACTER 1-LINE DOT MATRIX LCD CONTROLLER DRIVER WITH KEYSCAN
NJU6631A NJRC-NJU6631A Datasheet
458Kb / 32P
   16-CHARACTER 1-LINE DOT MATRIX LCD CONTROLLER DRIVER
NJU6464 NJRC-NJU6464 Datasheet
1Mb / 41P
   16-CHARACTER 3-LINE DOT MATRIX LCD CONTROLLER DRIVER??????
NJU6635 NJRC-NJU6635 Datasheet
391Kb / 33P
   16-CHARACTER 2-LINE DOT MATRIX LCD CONTROLLER DRIVER
NJU6420B NJRC-NJU6420B Datasheet
1Mb / 38P
   16-CHARACTER 2-LINE DOT MATRIX LCD CONTROLLER DRIVER
NJU6463 NJRC-NJU6463 Datasheet
1Mb / 42P
   16-CHARACTER 3-LINE DOT MATRIX LCD CONTROLLER DRIVER????
NJU6637 NJRC-NJU6637 Datasheet
338Kb / 28P
   16-CHARACTER 3-LINE DOT MATRIX LCD CONTROLLER DRIVER
NJU6460A NJRC-NJU6460A Datasheet
1Mb / 34P
   16-CHARACTER 1-LINE DOT MATRIX LCD CONTROLLER DRIVER???
logo
Sanyo Semicon Device
LC7584N SANYO-LC7584N Datasheet
415Kb / 23P
   LCD DRIVER with CHARACTER GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com