Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8378VRANFA Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC8378VRANFA
Description  PowerQUICC??II Pro Processor Hardware Specifications
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8378VRANFA Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC8378VRANFA Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8378VRANFA Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8378VRANFA Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8378VRANFA Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8378VRANFA Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8378VRANFA Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8378VRANFA Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8378VRANFA Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8378VRANFA Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 126 page
background image
© Freescale Semiconductor, Inc., 2009. All rights reserved.
Freescale Semiconductor
Technical Data
This document provides an overview of the MPC8378E
PowerQUICC™ II Pro processor features, including a block
diagram showing the major functional components. The
device is a cost-effective, low-power, highly integrated host
processor that addresses the requirements of several printing
and imaging, consumer, and industrial applications,
including main CPUs and I/O processors in printing systems,
networking switches and line cards, wireless LANs
(WLANs), network access servers (NAS), VPN routers,
intelligent NIC, and industrial controllers. The MPC8378E
extends the PowerQUICC™ family, adding higher CPU
performance, additional functionality, and faster interfaces
while addressing the requirements related to time-to-market,
price, power consumption, and package size.
1Overview
The MPC8378E incorporates the e300c4s core, which
includes 32 Kbytes of L1 instruction and data caches and
on-chip memory management units (MMUs). The device
offers two enhanced three-speed 10, 100, 1000 Mbps
Ethernet interfaces, a DDR1/DDR2 SDRAM memory
controller, a flexible, a 32-bit local bus controller, a 32-bit
PCI controller, an optional dedicated security engine, a USB
Document Number: MPC8378EEC
Rev. 2, 10/2009
Contents
1. Overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
2. Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . 6
3. Power Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 10
4. Clock Input Timing . . . . . . . . . . . . . . . . . . . . . . . . . . 13
5. RESET Initialization . . . . . . . . . . . . . . . . . . . . . . . . . 14
6. DDR1 and DDR2 SDRAM . . . . . . . . . . . . . . . . . . . . 16
7. DUART . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
8. Ethernet: Enhanced Three-Speed Ethernet (eTSEC) 22
9. USB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
10. Local Bus . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
11. Enhanced Secure Digital Host Controller (eSDHC) . 48
12. JTAG . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 56
13. I2C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60
14. PCI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 62
15. PCI Express . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 64
16. Timers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 73
17. GPIO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 74
18. IPIC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 75
19. SPI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 76
20. High-Speed Serial Interfaces (HSSI) . . . . . . . . . . . . 78
21. Package and Pin Listings . . . . . . . . . . . . . . . . . . . . . 88
22. Clocking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 106
23. Thermal . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 113
24. System Design Information . . . . . . . . . . . . . . . . . . 119
25. Ordering Information . . . . . . . . . . . . . . . . . . . . . . . 121
26. Document Revision History . . . . . . . . . . . . . . . . . . 124
MPC8378E
PowerQUICCII Pro Processor
Hardware Specifications


Similar Part No. - MPC8378VRANFA

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8378E FREESCALE-MPC8378E Datasheet
2Mb / 127P
   PowerQUICC II Pro Processor Hardware Specifications
MPC8378E FREESCALE-MPC8378E Datasheet
2Mb / 128P
   PowerQUICC II Pro Processor
MPC8378E FREESCALE-MPC8378E_10 Datasheet
2Mb / 127P
   PowerQUICC II Pro Processor Hardware Specifications
MPC8378E FREESCALE-MPC8378E_12 Datasheet
2Mb / 128P
   PowerQUICC II Pro Processor
More results

Similar Description - MPC8378VRANFA

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8315E FREESCALE-MPC8315E Datasheet
1Mb / 112P
   PowerQUICC??II Pro Processor Hardware Specifications
MPC8379E FREESCALE-MPC8379E Datasheet
1Mb / 114P
   PowerQUICC??II Pro Processor Hardware Specifications
MPC8314EEC FREESCALE-MPC8314EEC Datasheet
651Kb / 101P
   PowerQUICC II Pro Processor Hardware Specifications
MPC8313EEC FREESCALE-MPC8313EEC Datasheet
1Mb / 100P
   PowerQUICC??II Pro Processor Hardware Specifications
MPC8377E FREESCALE-MPC8377E Datasheet
1Mb / 124P
   PowerQUICC??II Pro Processor Hardware Specifications
MPC8378E FREESCALE-MPC8378E_10 Datasheet
2Mb / 127P
   PowerQUICC II Pro Processor Hardware Specifications
logo
NXP Semiconductors
MPC8315EEC NXP-MPC8315EEC Datasheet
1Mb / 106P
   PowerQUICC II Pro Processor Hardware Specifications
Rev. 2, 11/2011
logo
Freescale Semiconductor...
MPC8313E FREESCALE-MPC8313E Datasheet
1Mb / 88P
   PowerQUICC??II Pro Processor Hardware Specifications
KMPC8315CVRAGDA FREESCALE-KMPC8315CVRAGDA Datasheet
667Kb / 106P
   PowerQUICC II Pro Processor Hardware Specifications
MPC8377E FREESCALE-MPC8377E_10 Datasheet
2Mb / 126P
   PowerQUICC II Pro Processor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com