Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJW1110V Datasheet(PDF) 9 Page - New Japan Radio

Part # NJW1110V
Description  9-Input 3-Output Stereo Audio Selector
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1110V Datasheet(HTML) 9 Page - New Japan Radio

Back Button NJW1110V Datasheet HTML 3Page - New Japan Radio NJW1110V Datasheet HTML 4Page - New Japan Radio NJW1110V Datasheet HTML 5Page - New Japan Radio NJW1110V Datasheet HTML 6Page - New Japan Radio NJW1110V Datasheet HTML 7Page - New Japan Radio NJW1110V Datasheet HTML 8Page - New Japan Radio NJW1110V Datasheet HTML 9Page - New Japan Radio NJW1110V Datasheet HTML 10Page - New Japan Radio NJW1110V Datasheet HTML 11Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
NJW1110
– 9 –
!
!
!
!
TYPICAL CHARACTERISTICS
Maximum Output Voltage vs Frequency
V+=9V, THD=1%, I/O: INA1-1Aout
2.2
2.4
2.6
2.8
10
100
1000
10000
100000
Frequency [Hz]
-40oC
-20oC
25oC
50oC
85oC
Output Voltage vs Load Resistance
V+=9V, f=1kHz, VOL=0dB,
I/O: INA1-1Aout ,T=85,50,25,-20,-40oC
1
2
3
4
100
1000
10000
100000
RL[Ω]
-40oC
85oC
25oC
-20oC
Volum e Gain Output vs Volume Setting
V+=9V, Vin=1Vrms
f=1kHz, I/O: INA1-1Aout, T=85,50,25,-20,-40oC
0
1
2
3
4
5
6
7
8
01
23
45
6
7
8
Volume Setting [dB]
ICC vs Supply Voltage
No signal
0
5
10
0
5
10
15
20
Supply Voltage [V]
-20oC
0 to 85oC
-40oC
VREF vs Supply Voltage
No signal, T=85,50,25,-20,-40oC
0
5
10
0
5
10
15
20
Supply Voltage [V]
Maximum Output Voltage vs Supply Voltage
V+=9V, THD=1%,I/O: INA1-1Aout,T=85,50,25,-20,-40oC
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0
5
10
15
20
Supply Voltage [+V]


Similar Part No. - NJW1110V

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1111 NJRC-NJW1111 Datasheet
221Kb / 11P
   9-Input 3-Output Stereo Audio Selector
NJW1111V NJRC-NJW1111V Datasheet
221Kb / 11P
   9-Input 3-Output Stereo Audio Selector
NJW1112 NJRC-NJW1112 Datasheet
293Kb / 13P
   8-IN 4-OUT STEREO AUDIO SELECTOR
NJW1112V NJRC-NJW1112V Datasheet
293Kb / 13P
   8-IN 4-OUT STEREO AUDIO SELECTOR
More results

Similar Description - NJW1110V

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1111 NJRC-NJW1111 Datasheet
221Kb / 11P
   9-Input 3-Output Stereo Audio Selector
NJM2753 NJRC-NJM2753 Datasheet
153Kb / 9P
   3-Input / 1-Output Stereo Audio Selector
NJM2750 NJRC-NJM2750 Datasheet
158Kb / 7P
   4 INPUT / 1 OUTPUT STEREO AUDIO SELECTOR
logo
Unisonic Technologies
UM2750 UTC-UM2750 Datasheet
107Kb / 5P
   4 INPUT/1 OUTPUT STEREO AUDIO SELECTOR
UM2750 UTC-UM2750_15 Datasheet
119Kb / 5P
   4 INPUT/1 OUTPUT STEREO AUDIO SELECTOR
logo
New Japan Radio
NJM2752 NJRC-NJM2752 Datasheet
154Kb / 9P
   2-Input / 1-Output Stereo Audio Selector
logo
Unisonic Technologies
UM2752 UTC-UM2752 Datasheet
153Kb / 5P
   2 INPUT/1 OUTPUT STEREO AUDIO SELECTOR
logo
New Japan Radio
NJM2755 NJRC-NJM2755 Datasheet
154Kb / 9P
   4-Input / 1-Output Stereo Audio Selector
logo
Texas Instruments
PCM3008 TI1-PCM3008_08 Datasheet
618Kb / 30P
[Old version datasheet]   ANALOG INPUT/OUTPUT STEREO AUDIO CODEC
logo
New Japan Radio
NJW1168 NJRC-NJW1168 Datasheet
505Kb / 34P
   AUDIO PROCESSOR with Input Selector and Subwoofer Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com