Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC5643LF0VMM8 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # SPC5643LF0VMM8
Description  MPC5643L Microcontroller Data Sheet
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5643LF0VMM8 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button SPC5643LF0VMM8 Datasheet HTML 4Page - Freescale Semiconductor, Inc SPC5643LF0VMM8 Datasheet HTML 5Page - Freescale Semiconductor, Inc SPC5643LF0VMM8 Datasheet HTML 6Page - Freescale Semiconductor, Inc SPC5643LF0VMM8 Datasheet HTML 7Page - Freescale Semiconductor, Inc SPC5643LF0VMM8 Datasheet HTML 8Page - Freescale Semiconductor, Inc SPC5643LF0VMM8 Datasheet HTML 9Page - Freescale Semiconductor, Inc SPC5643LF0VMM8 Datasheet HTML 10Page - Freescale Semiconductor, Inc SPC5643LF0VMM8 Datasheet HTML 11Page - Freescale Semiconductor, Inc SPC5643LF0VMM8 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 98 page
background image
MPC5643L Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Overview
Freescale Semiconductor
8
1.3.2
Crossbar switch (XBAR)
The XBAR multi-port crossbar switch supports simultaneous connections between four master ports and three slave ports. The
crossbar supports a 32-bit address bus width and a 64-bit data bus width.
The crossbar allows four concurrent transactions to occur from any master port to any slave port, although one of those transfers
must be an instruction fetch from internal flash memory. If a slave port is simultaneously requested by more than one master
port, arbitration logic selects the higher priority master and grants it ownership of the slave port. All other masters requesting
that slave port are stalled until the higher priority master completes its transactions.
The crossbar provides the following features:
Four masters and three slaves supported per each replicated crossbar
— Masters allocation for each crossbar: e200z4d core with two independent bus interface units (BIU) for I and D
access (two masters), one DMA, one FlexRay
— Slaves allocation for each crossbar: a redundant flash-memory controller with two slave ports to guarantee
maximum flexibility to handle Instruction and Data array, one redundant SRAM controller with one slave port
each and one redundant peripheral bus bridge
32-bit address bus and 64-bit data bus
Programmable arbitration priority
— Requesting masters can be treated with equal priority and are granted access to a slave port in round-robin method,
based upon the ID of the last master to be granted access or a priority order can be assigned by software at
application run time
Temporary dynamic priority elevation of masters
The XBAR is replicated for each processor.
1.3.3
Memory Protection Unit (MPU)
The Memory Protection Unit splits the physical memory into 16 different regions. Each master (DMA, FlexRay, CPU) can be
assigned different access rights to each region.
16-region MPU with concurrent checks against each master access
32-byte granularity for protected address region
The memory protection unit is replicated for each processor.
1.3.4
Enhanced Direct Memory Access (eDMA)
The enhanced direct memory access (eDMA) controller is a second-generation module capable of performing complex data
movements via 16 programmable channels, with minimal intervention from the host processor. The hardware microarchitecture
includes a DMA engine which performs source and destination address calculations, and the actual data movement operations,
along with an SRAM-based memory containing the transfer control descriptors (TCD) for the channels. This implementation
is used to minimize the overall block size.
The eDMA module provides the following features:
16 channels supporting 8-, 16-, and 32-bit value single or block transfers
Support variable sized queues and circular buffered queue
Source and destination address registers independently configured to post-increment or stay constant
Support major and minor loop offset
Support minor and major loop done signals
DMA task initiated either by hardware requestor or by software
Each DMA task can optionally generate an interrupt at completion and retirement of the task
Signal to indicate closure of last minor loop


Similar Part No. - SPC5643LF0VMM8

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
SPC5643LF2MLQ1 FREESCALE-SPC5643LF2MLQ1 Datasheet
739Kb / 136P
   Qorivva Microcontroller
logo
NXP Semiconductors
SPC5643LF2MLQ1 NXP-SPC5643LF2MLQ1 Datasheet
1Mb / 136P
   MPC5643L Microcontroller Data Sheet
Rev. 10, 11/2021
SPC5643LF2MLQ1R NXP-SPC5643LF2MLQ1R Datasheet
1Mb / 136P
   MPC5643L Microcontroller Data Sheet
Rev. 10, 11/2021
logo
Freescale Semiconductor...
SPC5643LF2MLQ8 FREESCALE-SPC5643LF2MLQ8 Datasheet
739Kb / 136P
   Qorivva Microcontroller
logo
NXP Semiconductors
SPC5643LF2MLQ8 NXP-SPC5643LF2MLQ8 Datasheet
1Mb / 136P
   MPC5643L Microcontroller Data Sheet
Rev. 10, 11/2021
More results

Similar Description - SPC5643LF0VMM8

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MPC5643L NXP-MPC5643L Datasheet
1Mb / 136P
   MPC5643L Microcontroller Data Sheet
Rev. 10, 11/2021
logo
Freescale Semiconductor...
MPC5533 FREESCALE-MPC5533 Datasheet
1Mb / 50P
   Microcontroller Data Sheet
MCF52223 FREESCALE-MCF52223 Datasheet
834Kb / 56P
   Microcontroller Data Sheet
MPC5553 FREESCALE-MPC5553_07 Datasheet
2Mb / 66P
   Microcontroller Data Sheet
SPC5607BF1MLU6 FREESCALE-SPC5607BF1MLU6 Datasheet
779Kb / 110P
   Microcontroller Data Sheet
logo
NXP Semiconductors
MPC5561 NXP-MPC5561 Datasheet
1Mb / 58P
   Microcontroller Data Sheet
Rev. 3, June 2012
logo
Freescale Semiconductor...
PPC5604EEMLH FREESCALE-PPC5604EEMLH Datasheet
994Kb / 75P
   MPC5604E Microcontroller Data Sheet
SPC5668EK0MMGR FREESCALE-SPC5668EK0MMGR Datasheet
575Kb / 66P
   MPC5668x Microcontroller Data Sheet
logo
NXP Semiconductors
MPC5674F NXP-MPC5674F Datasheet
2Mb / 132P
   MPC5674F Microcontroller Data Sheet
Rev. 11, 10/2021
logo
Freescale Semiconductor...
MPC5674F FREESCALE-MPC5674F Datasheet
1Mb / 132P
   MPC5674F Microcontroller Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com