Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCIMX253DVM4 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MCIMX253DVM4
Description  i.MX25 Applications Processor for Consumer and Industrial Products
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX253DVM4 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MCIMX253DVM4 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCIMX253DVM4 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCIMX253DVM4 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCIMX253DVM4 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCIMX253DVM4 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCIMX253DVM4 Datasheet HTML 11Page - Freescale Semiconductor, Inc MCIMX253DVM4 Datasheet HTML 12Page - Freescale Semiconductor, Inc MCIMX253DVM4 Datasheet HTML 13Page - Freescale Semiconductor, Inc MCIMX253DVM4 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 132 page
background image
i.MX25 Applications Processor for Consumer and Industrial Products, Rev. 1
10
Freescale Semiconductor
3
Electrical Characteristics
This section provides the device-level and module-level electrical characteristics for the i.MX25.
3.1
i.MX25 Chip-Level Conditions
This section provides the chip-level electrical characteristics for the IC.
3.1.1
DC Absolute Maximum Ratings
Table 4 provides the DC absolute maximum operating conditions.
CAUTION
Stresses beyond those listed under Table 4 may cause permanent
damage to the device.
Exposure to absolute-maximum-rated conditions for extended periods
may affect device reliability.
Table 4 gives stress ratings only—functional operation of the device is
not implied beyond the conditions indicated in Table 5.
3.1.2
DC Operating Conditions
Table 5 provides the DC recommended operating conditions.
Table 4. DC Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Supply voltage
QVDD
–0.5
1.52
V
Supply voltage (level shift i/o)
VDDIOmax
–0.5
3.6
V
ESD damage immunity:
Vesd
V
Human body model (HBM)
2500
Charge device model (CDM)
400
Machine model (MM)
200
Input voltage range
VImax
–0.5
NVDD + 0.3
V
Storage temperature range
Tstorage
–40
105
oC
Table 5. DC Operating Conditions
Parameter
Symbol
Min.
Typ.
Max.
Units
Core supply voltage (at 266 MHz)
QVDD
1.15
1.34
1.52
V
Core supply voltage (at 400 MHz)
QVDD
1.38
1.45
1.52
V
Coin battery1
BAT_VDD
VDD_BAT
1.15
1.55
V
I/O supply voltage, GPIO
NFC,CSI,SDIO
NVDD_GPIO1
1.75
3.6
V


Similar Part No. - MCIMX253DVM4

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX253DVM4 FREESCALE-MCIMX253DVM4 Datasheet
3Mb / 132P
   i.MX25 Applications Processor for Consumer and Industrial Products
MCIMX253DVM4 FREESCALE-MCIMX253DVM4 Datasheet
2Mb / 153P
   i.MX25 Applications Processor for Consumer and Industrial Products
More results

Similar Description - MCIMX253DVM4

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX25_1004 FREESCALE-MCIMX25_1004 Datasheet
1Mb / 144P
   i.MX25 Applications Processor for Consumer and Industrial Products
MCIMX257DJM4A FREESCALE-MCIMX257DJM4A Datasheet
2Mb / 153P
   i.MX25 Applications Processor for Consumer and Industrial Products
MCIMX25 FREESCALE-MCIMX25_09 Datasheet
3Mb / 132P
   i.MX25 Applications Processor for Consumer and Industrial Products
MCIMX25 FREESCALE-MCIMX25_10 Datasheet
1Mb / 134P
   i.MX25 Applications Processor for Automotive Products
MCIMX25 FREESCALE-MCIMX25_11 Datasheet
1Mb / 140P
   i.MX25 Applications Processor for Automotive Products
MCIMX25 FREESCALE-MCIMX25_10 Datasheet
1Mb / 132P
   i.MX25 Applications Processor for Automotive Products
MCIMX25 FREESCALE-MCIMX25 Datasheet
2Mb / 132P
   i.MX25 Applications Processor for Automotive Products
logo
NXP Semiconductors
IMX25AEC NXP-IMX25AEC Datasheet
1Mb / 140P
   i.MX25 Applications Processor for Automotive Products
Rev. 10, 06/2013
MCIMX35SR2CEC NXP-MCIMX35SR2CEC Datasheet
2Mb / 147P
   i.MX35 Applications Processors for Industrial and Consumer Products
Rev. 10, 06/2012
logo
Freescale Semiconductor...
MCIMX35_101 FREESCALE-MCIMX35_101 Datasheet
1Mb / 148P
   i.MX35 Applications Processors for Industrial and Consumer Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com