Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE2550BL-EK1 Datasheet(PDF) 2 Page - SiGe Semiconductor, Inc.

Part # SE2550BL-EK1
Description  2.4 GHz Low Power Front End Module Preliminary
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE2550BL-EK1 Datasheet(HTML) 2 Page - SiGe Semiconductor, Inc.

  SE2550BL-EK1 Datasheet HTML 1Page - SiGe Semiconductor, Inc. SE2550BL-EK1 Datasheet HTML 2Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SE2550BL
2.4 GHz Low Power Front End Module
Preliminary
http://www.sige.com
Email: sales@sige.com
Customer Service Locations:
North America:
Hong Kong
1050 Morrison Drive, Suite 100
Phone: +852 3428 7222
Ottawa ON K2H 8K7 Canada
Fax:
+852 3579 5450
Phone: +1 613 820 9244
San Diego
Fax:
+1 613 820 4933
Phone: +1 858 668 3541 (ext. 226)
Fax:
+1 858 668 3546
United Kingdom
Phone: +44 1279 464217
Fax:
+44 1279 464201
Product Preview
The datasheet contains information from the product concept specification. SiGe Semiconductor, Inc. reserves the right to change
information at any time without notification.
Preliminary Information
The datasheet contains information from the design target specification. SiGe Semiconductor, Inc. reserves the right to change
information at any time without notification.
Production testing may not include testing of all parameters.
Information furnished is believed to be accurate and reliable and is provided on an “as is” basis. SiGe Semiconductor, Inc. assumes
no responsibility or liability for the direct or indirect consequences of use of such information nor for any infringement of patents or
other rights of third parties, which may result from its use. No license or indemnity is granted by implication or otherwise under any
patent or other intellectual property rights of SiGe Semiconductor, Inc. or third parties. Specifications mentioned in this publication
are subject to change without notice.
This publication supersedes and replaces all information previously supplied.
SiGe
Semiconductor, Inc. products are NOT authorized for use in implantation or life support applications or systems without express
written approval from SiGe Semiconductor, Inc.
Copyright 2009 SiGe Semiconductor, Inc.
All Rights Reserved
65-DST-01
Rev 1.3
May-26-2009
2 of 2
QA040506


Similar Part No. - SE2550BL-EK1

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2559L20 SIGE-SE2559L20 Datasheet
105Kb / 2P
   2.4 GHz High Efficiency Wireless LAN Front End Preliminary
SE2559L20-EK1 SIGE-SE2559L20-EK1 Datasheet
105Kb / 2P
   2.4 GHz High Efficiency Wireless LAN Front End Preliminary
SE2559L20-R SIGE-SE2559L20-R Datasheet
105Kb / 2P
   2.4 GHz High Efficiency Wireless LAN Front End Preliminary
More results

Similar Description - SE2550BL-EK1

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2521A80 SIGE-SE2521A80 Datasheet
105Kb / 2P
   2.4 GHz Wireless LAN Front End Preliminary
logo
Silicon Storage Technol...
SST12LF01 SST-SST12LF01 Datasheet
335Kb / 21P
   2.4 GHz Front-End Module
logo
SiGe Semiconductor, Inc...
SE2600S SIGE-SE2600S Datasheet
134Kb / 2P
   2.4 GHz WLAN Switch/LNA Front End Preliminary
logo
Skyworks Solutions Inc.
SE2620T SKYWORKS-SE2620T Datasheet
273Kb / 13P
   2.4 GHz Wireless LAN/BT Front End Preliminary
SKY85312-11 SKYWORKS-SKY85312-11 Datasheet
197Kb / 2P
   2.4 GHz, 802.11ac Front-End Module
SKY85320-11 SKYWORKS-SKY85320-11 Datasheet
176Kb / 2P
   2.4 GHz, 802.11ac Front-End Module
SE2620T-DS SKYWORKS-SE2620T-DS Datasheet
273Kb / 13P
   SE2620T: 2.4 GHz Wireless LAN/BT Front End Preliminary
SE2436L SKYWORKS-SE2436L Datasheet
262Kb / 13P
   High Power 2.4 GHz 802.15.4 Front End Module
logo
SiGe Semiconductor, Inc...
SE2559L20 SIGE-SE2559L20 Datasheet
105Kb / 2P
   2.4 GHz High Efficiency Wireless LAN Front End Preliminary
logo
Skyworks Solutions Inc.
SKY65337-11 SKYWORKS-SKY65337-11 Datasheet
249Kb / 12P
   2.4 GHz Transmit/Receive Front-End Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com