Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8377CVRANDA Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MPC8377CVRANDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
Download  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8377CVRANDA Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MPC8377CVRANDA Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8377CVRANDA Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8377CVRANDA Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8377CVRANDA Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8377CVRANDA Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8377CVRANDA Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8377CVRANDA Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8377CVRANDA Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8377CVRANDA Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 124 page
background image
MPC8377E PowerQUICCII Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
7
Electrical Characteristics
Compatible with the SD Memory Card Specification, Rev 2.0, and supports High Capacity SD
memory cards
Compatible with the SDIO Card Specification Rev, 1.2
Designed to work with SD Memory, miniSD Memory, SDIO, miniSDIO, SD Combo, MMC,
MMCplus, MMC 4x, and RS-MMC cards
SD bus clock frequency up to 50 MHz
Supports 1-/4-bit SD and SDIO modes, 1-/4-bit MMC modes
Supports internal DMA capabilities
2
Electrical Characteristics
This section provides the AC and DC electrical specifications and thermal characteristics for the
MPC8377E. The device is currently targeted to these specifications. Some of these specifications are
independent of the I/O cell, but are included for a more complete reference. These are not purely I/O buffer
design specifications.
2.1
Overall DC Electrical Characteristics
This section covers the ratings, conditions, and other characteristics.
2.1.1
Absolute Maximum Ratings
Table 2 provides the absolute maximum ratings.
Table 2. Absolute Maximum Ratings 1
Characteristic
Symbol
Max Value
Unit
Notes
Core supply voltage
VDD
–0.3 to 1.1
V
PLL supply voltage (e300 core, system and eLBC)
AVDD
–0.3 to 1.1
V
DDR1 and DDR2 DRAM I/O voltage
GVDD
–0.3 to 2.75
–0.3 to 1.98
V—
Three-speed Ethernet I/O, MII management voltage
LVDD[1,2]
–0.3 to 3.63
V
PCI, DUART, system control and power management, I2C, and
JTAG I/O voltage
OVDD
–0.3 to 3.63
V
Local bus
LBVDD
–0.3 to 3.63
V
SerDes
L[1,2]_
nVDD
–0.3 to 1.1
V
6
Input voltage
DDR DRAM signals
MVIN
–0.3 to (GVDD + 0.3)
V
2, 4
DDR DRAM reference
MVREF
–0.3 to (GVDD + 0.3)
V
2, 4
Three-speed Ethernet signals
LVIN
–0.3 to (LVDD + 0.3)
V
PCI, DUART, CLKIN, system control and power
management, I2C, and JTAG signals
OVIN
–0.3 to (OVDD + 0.3)
V
3, 4
Local Bus
LBIN
–0.3 to (LBVDD + 0.3)
V
5


Similar Part No. - MPC8377CVRANDA

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8377E FREESCALE-MPC8377E Datasheet
2Mb / 126P
   PowerQUICC II Pro Processor Hardware Specifications
MPC8377E FREESCALE-MPC8377E Datasheet
2Mb / 127P
   PowerQUICC II Pro Processor
MPC8377E FREESCALE-MPC8377E_10 Datasheet
2Mb / 126P
   PowerQUICC II Pro Processor Hardware Specifications
MPC8377E FREESCALE-MPC8377E_12 Datasheet
2Mb / 127P
   PowerQUICC II Pro Processor
More results

Similar Description - MPC8377CVRANDA

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8315E FREESCALE-MPC8315E Datasheet
1Mb / 112P
   PowerQUICC??II Pro Processor Hardware Specifications
MPC8379E FREESCALE-MPC8379E Datasheet
1Mb / 114P
   PowerQUICC??II Pro Processor Hardware Specifications
MPC8314EEC FREESCALE-MPC8314EEC Datasheet
651Kb / 101P
   PowerQUICC II Pro Processor Hardware Specifications
MPC8313EEC FREESCALE-MPC8313EEC Datasheet
1Mb / 100P
   PowerQUICC??II Pro Processor Hardware Specifications
MPC8378E FREESCALE-MPC8378E_10 Datasheet
2Mb / 127P
   PowerQUICC II Pro Processor Hardware Specifications
logo
NXP Semiconductors
MPC8315EEC NXP-MPC8315EEC Datasheet
1Mb / 106P
   PowerQUICC II Pro Processor Hardware Specifications
Rev. 2, 11/2011
logo
Freescale Semiconductor...
MPC8313E FREESCALE-MPC8313E Datasheet
1Mb / 88P
   PowerQUICC??II Pro Processor Hardware Specifications
KMPC8315CVRAGDA FREESCALE-KMPC8315CVRAGDA Datasheet
667Kb / 106P
   PowerQUICC II Pro Processor Hardware Specifications
MPC8378E FREESCALE-MPC8378E Datasheet
1Mb / 126P
   PowerQUICC??II Pro Processor Hardware Specifications
MPC8377E FREESCALE-MPC8377E_10 Datasheet
2Mb / 126P
   PowerQUICC II Pro Processor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com