Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZJ2.2C Datasheet(PDF) 3 Page - Weitron Technology

Part # ZJ2.2C
Description  Axial Lead Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

ZJ2.2C Datasheet(HTML) 3 Page - Weitron Technology

  ZJ2.2C Datasheet HTML 1Page - Weitron Technology ZJ2.2C Datasheet HTML 2Page - Weitron Technology ZJ2.2C Datasheet HTML 3Page - Weitron Technology ZJ2.2C Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ZJ Series
WEITRON
http//www.weitron.com.tw
3/4
05-Jan-07
A
1.88
2.10
ZJ 2.0
B
2.02
2.20
5
100
5
1000
0.5
120
0.5
A
2.12
2.30
ZJ 2.2
B
2.22
2.41
5
100
5
1000
0.5
100
0.7
A
2.33
2.52
ZJ 2.4
B
2.43
2.63
5
100
5
1000
0.5
120
1.0
A
2.54
2.75
ZJ 2.7
B
2.69
2.91
5
110
5
1000
0.5
100
1.0
A
2.85
3.07
ZJ 3.0
B
3.01
3.22
5
120
5
1000
0.5
50
1.0
A
3.16
3.38
ZJ 3.3
B
3.32
3.53
5
120
5
1000
0.5
20
1.0
A
3.46
3.69
ZJ 3.6
B
3.60
3.84
5
100
5
1000
1
10
1.0
A
3.74
4.01
ZJ 3.9
B
3.89
4.16
5
100
5
1000
1
5
1.0
A
4.04
4.29
B
4.17
4.43
ZJ 4.3
C
4.30
4.57
5
100
5
1000
1
5
1.0
A
4.44
4.68
B
4.55
4.80
ZJ 4.7
C
4.68
4.93
5
90
5
900
1
5
1.0
A
4.81
5.07
B
4.94
5.20
ZJ 5.1
C
5.09
5.37
5
80
5
800
1
5
1.5
A
5.28
5.55
B
5.45
5.73
ZJ 5.6
C
5.61
5.91
5
60
5
500
1
5
2.5
A
5.78
6.09
B
5.96
6.27
ZJ 6.2
C
6.12
6.44
5
60
5
300
1
5
3.0
A
6.29
6.63
B
6.49
6.83
ZJ 6.8
C
6.66
7.01
5
20
5
150
0.5
2
3.5
A
6.85
7.22
B
7.07
7.45
ZJ 7.5
C
7.29
7.67
5
20
5
120
0.5
0.5
4.0
A
7.53
7.92
B
7.78
8.19
ZJ 8.2
C
8.03
8.45
5
20
5
120
0.5
0.5
5.0
A
8.29
8.73
B
8.57
9.01
ZJ 9.1
C
8.83
9.30
5
25
5
120
0.5
0.5
6.0
A
9.12
9.59
B
9.41
9.90
C
9.70
10.20
ZJ 10
D
9.94
10.44
5
30
5
120
0.5
0.2
7.0
Zener voltage
Reverse current
Vz (V)
Zzt (Ω )
Zzk (Ω )
Type
Rank
Min.
Max.
Iz (mA)
Max.
Iz (mA)
Max.
Iz (mA)
Max.
VR (V)
IR(μA)
Rising operating
resistance
Operating
resistance
Electrical Characteristics Tj=25°C


Similar Part No. - ZJ2.2C

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
ZJ2-BC12 RCD-ZJ2-BC12 Datasheet
53Kb / 1P
   ZERO-OHM JUMPERS, 2A to 25A
ZJ2-BC12Q RCD-ZJ2-BC12Q Datasheet
53Kb / 1P
   ZERO-OHM JUMPERS, 2A to 25A
ZJ2-BC12W RCD-ZJ2-BC12W Datasheet
53Kb / 1P
   ZERO-OHM JUMPERS, 2A to 25A
ZJ2-BC2 RCD-ZJ2-BC2 Datasheet
53Kb / 1P
   ZERO-OHM JUMPERS, 2A to 25A
ZJ2-BC25 RCD-ZJ2-BC25 Datasheet
53Kb / 1P
   ZERO-OHM JUMPERS, 2A to 25A
More results

Similar Description - ZJ2.2C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GDZ2.0 PANJIT-GDZ2.0 Datasheet
66Kb / 4P
   AXIAL LEAD ZENER DIODES
logo
Weitron Technology
BZX85C WEITRON-BZX85C Datasheet
870Kb / 4P
   Axial Lead Zener Diodes
logo
Pan Jit International I...
GDZJ2.0 PANJIT-GDZJ2.0_08 Datasheet
92Kb / 4P
   AXIAL LEAD ZENER DIODES
logo
Anova Technologies CO.,...
2EZ5.6D5 ANOVA-2EZ5.6D5 Datasheet
245Kb / 3P
   Axial Lead Zener Diodes
logo
Pan Jit International I...
BZX55C2V4 PANJIT-BZX55C2V4 Datasheet
80Kb / 3P
   AXIAL LEAD ZENER DIODES
logo
Anova Technologies CO.,...
1N4728A ANOVA-1N4728A Datasheet
240Kb / 3P
   Axial Lead Zener Diodes
1N5919B ANOVA-1N5919B Datasheet
240Kb / 3P
   Axial Lead Zener Diodes
logo
Pan Jit International I...
GDZJ2.0 PANJIT-GDZJ2.0 Datasheet
146Kb / 5P
   AXIAL LEAD ZENER DIODES
logo
Anova Technologies CO.,...
3EZ5.6D5 ANOVA-3EZ5.6D5 Datasheet
251Kb / 3P
   Axial Lead Zener Diodes
logo
Weitron Technology
1N4728A WEITRON-1N4728A_10 Datasheet
2Mb / 4P
   Axial Lead Zener Diodes
logo
Pan Jit International I...
BZX55-C PANJIT-BZX55-C Datasheet
126Kb / 4P
   AXIAL LEAD ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com