Electronic Components Datasheet Search |
|
MPC8533HXANXB Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc |
|
MPC8533HXANXB Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc |
6 / 116 page MPC8533E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3 6 Freescale Semiconductor MPC8533E Overview – Broadcast address (accept/reject) – Hash table match on up to 512 multicast addresses – Promiscuous mode — Buffer descriptors backward compatible with MPC8260 and MPC860T 10/100 Ethernet programming models — RMON statistics support — 10-Kbyte internal transmit and 2-Kbyte receive FIFOs — MII management interface for control and status — Ability to force allocation of header information and buffer descriptors into L2 cache • OCeaN switch fabric — Full crossbar packet switch — Reorders packets from a source based on priorities — Reorders packets to bypass blocked packets — Implements starvation avoidance algorithms — Supports packets with payloads of up to 256 bytes • Integrated DMA controller — Four-channel controller — All channels accessible by both the local and remote masters — Extended DMA functions (advanced chaining and striding capability) — Support for scatter and gather transfers — Misaligned transfer capability — Interrupt on completed segment, link, list, and error — Supports transfers to or from any local memory or I/O port — Selectable hardware-enforced coherency (snoop/no snoop) — Ability to start and flow control each DMA channel from external 3-pin interface — Ability to launch DMA from single write transaction • PCI controller — PCI 2.2 compatible — One 32-bit PCI port with support for speeds from 16 to 66 MHz — Host and agent mode support — 64-bit dual address cycle (DAC) support — Supports PCI-to-memory and memory-to-PCI streaming — Memory prefetching of PCI read accesses — Supports posting of processor-to-PCI and PCI-to-memory writes — PCI 3.3-V compatible — Selectable hardware-enforced coherency |
Similar Part No. - MPC8533HXANXB |
|
Similar Description - MPC8533HXANXB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |