Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ5227B Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # MMSZ5227B
Description  SURFACE MOUNT ZENER TYPE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

MMSZ5227B Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  MMSZ5227B Datasheet HTML 1Page - PACELEADER INDUSTRIAL MMSZ5227B Datasheet HTML 2Page - PACELEADER INDUSTRIAL MMSZ5227B Datasheet HTML 3Page - PACELEADER INDUSTRIAL MMSZ5227B Datasheet HTML 4Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
o
MAXIMUM RATINGS (at TA=25 C unless otherwise noted)
FEATURES
MECHANICAL DATA
SURFACE MOUNT ZENER TYPE
SURFACE MOUNT ZENER TYPE
www.paceleader.tw
Dimensions in inches and (millimeters)
SOD-123F
0.053(1.35)
0.037(0.95)
0.110(2.80)
0.098(2.50)
0.154(3.90)
0.141(3.60)
MMSZ5221B THRU MMSZ5262B
Silicon epitaxial planar chip structure.
Wide zener reverse voltage range 2.4V to 75V.
Very tiny package size for high density applications.
Ideally suited for automated assembly processes.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
Up to 500mW power dissipation.
Epoxy:UL94-VO rated flame retardant
Case : Molded plastic, SOD-123F
Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
Polarity : Indicated by cathode band
Mounting Position : Any
Weight : Approximated 0.010 gram
PARAMETER
CONDITIONS
Symbol
V
F
P
D
MIN.
TYP.
MAX.
1.00
500
UNIT
V
mW
Forward surge current
Storage temperature
Operating temperature
8.3ms single half sine-wave superimposed
on rate load (JEDEC methode)
I
FSM
T
STG
T
J
-55
-65
4000
+150
+175
mA
oC
oC
Forward voltage
Power Dissipation
I = 100 mA DC
F


Similar Part No. - MMSZ5227B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMSZ5227B PANJIT-MMSZ5227B Datasheet
82Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Nanjing International G...
MMSZ5227B DGNJDZ-MMSZ5227B Datasheet
535Kb / 2P
   SOD-123 Plastic-Encapsulate Diodes
logo
Galaxy Semi-Conductor H...
MMSZ5227B BILIN-MMSZ5227B Datasheet
142Kb / 4P
   Surface mount zener diode
logo
Diotec Semiconductor
MMSZ5227B DIOTEC-MMSZ5227B Datasheet
135Kb / 2P
   SMD Planar Zener Diodes
logo
Frontier Electronics.
MMSZ5227B FRONTIER-MMSZ5227B Datasheet
146Kb / 2P
   ZENER DIODES
More results

Similar Description - MMSZ5227B

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SMC5342B PACELEADER-SMC5342B Datasheet
360Kb / 2P
   SURFACE MOUNT ZENER TYPE
SMA4949A PACELEADER-SMA4949A Datasheet
241Kb / 2P
   SURFACE MOUNT ZENER TYPE
SMB5921B PACELEADER-SMB5921B Datasheet
381Kb / 2P
   SURFACE MOUNT ZENER TYPE
ZGFM052V4C-MH PACELEADER-ZGFM052V4C-MH Datasheet
210Kb / 4P
   SURFACE MOUNT ZENER TYPE
MMSZ2V4 PACELEADER-MMSZ2V4 Datasheet
233Kb / 4P
   SURFACE MOUNT ZENER TYPE
ZGFM103V3-M PACELEADER-ZGFM103V3-M Datasheet
267Kb / 3P
   SURFACE MOUNT ZENER TYPE
ZGF052V4C-MH PACELEADER-ZGF052V4C-MH Datasheet
210Kb / 4P
   SURFACE MOUNT ZENER TYPE
SMB5341B PACELEADER-SMB5341B Datasheet
458Kb / 3P
   SURFACE MOUNT ZENER TYPE
SMA5921B PACELEADER-SMA5921B Datasheet
361Kb / 3P
   SURFACE MOUNT ZENER TYPE
ZS4728A PACELEADER-ZS4728A Datasheet
262Kb / 3P
   SURFACE MOUNT ZENER TYPE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com