Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE7265L-EK1 Datasheet(PDF) 2 Page - SiGe Semiconductor, Inc.

Part # SE7265L-EK1
Description  2.3-2.7 GHz WiMAX Power Amplifier Preliminary
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE7265L-EK1 Datasheet(HTML) 2 Page - SiGe Semiconductor, Inc.

  SE7265L-EK1 Datasheet HTML 1Page - SiGe Semiconductor, Inc. SE7265L-EK1 Datasheet HTML 2Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SE7265L
2.3-2.7 GHz WiMAX Power Amplifier
Preliminary
http://www.sige.com
Email:
sales@sige.com
Customer Service Locations:
North America:
Hong Kong
1050 Morrison Drive, Suite 100
Phone:+852 3428 7222
Ottawa ON K2H 8K7 Canada
Fax:
+852 3579 5450
Phone:+1 613 820 9244
San Diego
Fax:
+1 613 820 4933
Phone:+1 858 668 3541 (ext. 226)
Fax:
+1 858 668 3546
United Kingdom
Phone:+44 1279 464217
Fax:
+44 1279 464201
Product Preview
The datasheet contains information from the product concept specification. SiGe Semiconductor, Inc. reserves the right to change
information at any time without notification.
Preliminary Information
The datasheet contains information from the design target specification. SiGe Semiconductor, Inc. reserves the right to change
information at any time without notification.
Production testing may not include testing of all parameters.
Information furnished is believed to be accurate and reliable and is provided on an “as is” basis. SiGe Semiconductor, Inc. assumes
no responsibility or liability for the direct or indirect consequences of use of such information nor for any infringement of patents or
other rights of third parties, which may result from its use. No license or indemnity is granted by implication or otherwise under any
patent or other intellectual property rights of SiGe Semiconductor, Inc. or third parties. Specifications mentioned in this publication
are subject to change without notice.
This publication supersedes and replaces all information previously supplied.
SiGe
Semiconductor, Inc. products are NOT authorized for use in implantation or life support applications or systems without express
written approval from SiGe Semiconductor, Inc.
Copyright 2009 SiGe Semiconductor, Inc.
All Rights Reserved
DST-00218 Rev 1.5 July-10-2009
10 of 10


Similar Part No. - SE7265L-EK1

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE7261A SIGE-SE7261A Datasheet
156Kb / 2P
   2.5-2.7 GHz WiMAX Front End Module Preliminary
SE7261A-EK1 SIGE-SE7261A-EK1 Datasheet
156Kb / 2P
   2.5-2.7 GHz WiMAX Front End Module Preliminary
SE7261A-R SIGE-SE7261A-R Datasheet
156Kb / 2P
   2.5-2.7 GHz WiMAX Front End Module Preliminary
SE7262L SIGE-SE7262L Datasheet
137Kb / 2P
   2.5-2.7 GHz WiMAX Power Amplifier
SE7262L-EK1 SIGE-SE7262L-EK1 Datasheet
137Kb / 2P
   2.5-2.7 GHz WiMAX Power Amplifier
More results

Similar Description - SE7265L-EK1

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SMTR2327-44 STEALTH_MICROWAVE-SMTR2327-44 Datasheet
226Kb / 5P
   2.3-2.7 GHz Bi-Directional WiMAX Power Amplifier
logo
ANADIGICS, Inc
AWT6264R ANADIGICS-AWT6264R Datasheet
399Kb / 9P
   2.3-2.7 GHz Mobile WiMAX Power Amplifier Module
logo
Skyworks Solutions Inc.
AWT6264R SKYWORKS-AWT6264R Datasheet
648Kb / 12P
   2.3-2.7 GHz Mobile WiMAX Power Amplifier Module
logo
Johanson Technology Inc...
2500AT44M0400 JOHANSON-2500AT44M0400_09 Datasheet
294Kb / 3P
   WiMAX 2.3 - 2.7 GHz Chip Antenna
2500AT44M0400 JOHANSON-2500AT44M0400 Datasheet
145Kb / 3P
   WiMAX 2.3 - 2.7 GHz Chip Antenna
logo
SiGe Semiconductor, Inc...
SE7262L SIGE-SE7262L Datasheet
137Kb / 2P
   2.5-2.7 GHz WiMAX Power Amplifier
logo
Analog Devices
ADL5570 AD-ADL5570 Datasheet
271Kb / 10P
   2.3 GHz to 2.4 GHz WiMAX Power Amplifier
Rev. PrG
logo
TriQuint Semiconductor
AP561 TRIQUINT-AP561 Datasheet
560Kb / 8P
   2.3-2.9 GHz WiMAX 8W Power Amplifier
logo
Analog Devices
ADL5571 AD-ADL5571 Datasheet
468Kb / 16P
   2.5 GHz to 2.7 GHz WiMAX Power Amplifier
REV. 0
logo
SiGe Semiconductor, Inc...
SE7261A SIGE-SE7261A Datasheet
156Kb / 2P
   2.5-2.7 GHz WiMAX Front End Module Preliminary
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com