Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM1003MA Datasheet(PDF) 2 Page - Sanken electric

Part # SSM1003MA
Description  High Voltage 3-Phase Motor Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SSM1003MA Datasheet(HTML) 2 Page - Sanken electric

  SSM1003MA Datasheet HTML 1Page - Sanken electric SSM1003MA Datasheet HTML 2Page - Sanken electric SSM1003MA Datasheet HTML 3Page - Sanken electric SSM1003MA Datasheet HTML 4Page - Sanken electric SSM1003MA Datasheet HTML 5Page - Sanken electric SSM1003MA Datasheet HTML 6Page - Sanken electric SSM1003MA Datasheet HTML 7Page - Sanken electric SSM1003MA Datasheet HTML 8Page - Sanken electric SSM1003MA Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
High Voltage 3-Phase Motor Driver
SSM1003MA
2
All performance characteristics given are typical values for circuit or
system baseline design only and are at the nominal operating voltage and
an ambient temperature, TA, of 25°C, unless otherwise stated.
Recommended Operating Conditions
Characteristic
Symbol
Remarks
Min.
Typ.
Max.
Units
Main Supply Voltage
VBB
Between VBB and LS
300
450
V
Logic Supply Voltage
VCC
Between VCC and COM
13.5
16.5
V
Dead Time
tdead
2.5
μs
Carrier Frequency
fC
18
kHz
Junction Temperature
TJ
125
°C
Selection Guide
Part Number
Packing
IGBT Breakdown
Voltage, VCES(min)
(V)
IGBT Saturation
Voltage, VCE(sat)(typ)
(V)
Output Current
Continuous, IO(max)
(A)
Pulsed, IOP (max)
(A)
SSM1003MA
8 pieces per tube
600
2.2
15
30
Absolute Maximum Ratings
, valid at TA = 25°C
Characteristic
Symbol
Remarks
Rating
Unit
Main Supply Voltage
VBB
Between VBB and GND
450
V
Logic Supply Voltage
VCC
Between VCC and COM
20
V
Bootstrap Voltage
VBS
Between VB and HS (U,V, and W phases)
20
V
Output Current, Continuous
IO
TC = 25°C
15
A
Output Current, Pulsed
IOP
PW ≤ 5 ms
30
A
Input Voltage
VIN
–0.5 to 7
V
RC Pin Input Voltage
VRC
Between RC and COM
20
V
Allowable Power Dissipation
PD
TC = 25°C, 1 element operating (IGBT)
33
W
Allowable Power Dissipation for
Shunt Resistance
PDR
TC = 25°C
6
W
Thermal Resistance (Junction to Case)
RθJC
1 element operating (IGBT)
3.79
°C/W
1 element operating (FWD)
5.43
°C/W
Case Operating Temperature
TCOP
–20 to 100
°C
Junction Temperature (IGBT)
TJ
150
°C
Storage Temperature
Tstg
–40 to 150
°C
Isolation Voltage
Viso
Between exposed thermal dissipation pad and each pin;
for 1 minute, AC
1500
VRMS
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com


Similar Part No. - SSM1003MA

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SSM1001MA SANKEN-SSM1001MA Datasheet
465Kb / 12P
   High Voltage 3-Phase Motor Driver
SSM1002MA SANKEN-SSM1002MA Datasheet
465Kb / 12P
   High Voltage 3-Phase Motor Driver
SSM1004MA SANKEN-SSM1004MA Datasheet
470Kb / 12P
   High Voltage 3-Phase Motor Driver
More results

Similar Description - SSM1003MA

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SCM1106M ALLEGRO-SCM1106M Datasheet
376Kb / 10P
   High Voltage 3 Phase Motor Driver
logo
Sanken electric
SMA6821MP SANKEN-SMA6821MP Datasheet
251Kb / 13P
   High Voltage 3-Phase Motor Driver
SMA6853M SANKEN-SMA6853M Datasheet
264Kb / 14P
   High Voltage 3-Phase Motor Driver
SMA6863M SANKEN-SMA6863M Datasheet
237Kb / 13P
   High Voltage 3-Phase Motor Driver
logo
Allegro MicroSystems
SCM-1101M ALLEGRO-SCM-1101M Datasheet
338Kb / 11P
   High Voltage 3-Phase Motor Driver
SCM-1106M ALLEGRO-SCM-1106M Datasheet
336Kb / 11P
   High Voltage 3-Phase Motor Driver
SCM-1105MF ALLEGRO-SCM-1105MF Datasheet
416Kb / 11P
   High Voltage 3-Phase Motor Driver
logo
Sanken electric
SLA6828M SANKEN-SLA6828M Datasheet
244Kb / 13P
   High Voltage 3-Phase Motor Driver
SLA6805MP SANKEN-SLA6805MP Datasheet
351Kb / 14P
   High Voltage 3-Phase Motor Driver
SLA6816MP SANKEN-SLA6816MP Datasheet
354Kb / 14P
   High Voltage 3-Phase Motor Driver
SMA6862M SANKEN-SMA6862M Datasheet
237Kb / 13P
   High Voltage 3-Phase Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com