Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFA107S Datasheet(PDF) 5 Page - Sanken electric

Part # TFA107S
Description  Reverse Blocking Triode Thyristor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

TFA107S Datasheet(HTML) 5 Page - Sanken electric

  TFA107S Datasheet HTML 1Page - Sanken electric TFA107S Datasheet HTML 2Page - Sanken electric TFA107S Datasheet HTML 3Page - Sanken electric TFA107S Datasheet HTML 4Page - Sanken electric TFA107S Datasheet HTML 5Page - Sanken electric TFA107S Datasheet HTML 6Page - Sanken electric TFA107S Datasheet HTML 7Page - Sanken electric TFA107S Datasheet HTML 8Page - Sanken electric TFA107S Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Reverse Blocking Triode Thyristor
TFA10x
Series
5
Performance Characteristics at TA = 25°C
0
1
10
100
0.6
1.0
1.4
1.8
2.2
2.6
3.0
3.4
V
T (max) (V)
200
180
160
140
120
100
80
60
40
20
0
16
14
12
10
8
6
4
2
0
200
180
160
140
120
100
80
60
40
20
0
2
1
0
1
10
100
0
2
6
8
10
12
14
4
0
2
4
6
8
10
12
14
–60
–20
20
60
100
140
0.1
1
100
10
Maximum On-State
Current versus
Maximum On-State
Voltage
Gate Voltage
versus
Gate Current
Surge On-State
Current versus
Quantity of
Cycles
Maximum Allowable
Case Temperature
versus Average
On-State Current
Maximum Average
Power Dissipation
versus Average
On-State Current
Typical Gate
Trigger Voltage
versus
Junction Temperature
at V
D = 6 V
and R
L = 10 Ω
T
J = 150°C
Half cycle sine wave
Half cycle sine wave
T
J = 25°C
I
T(AV) (A)
I
G (mA)
Quantity of Cycles
Typical Gate
Trigger Current
versus
Junction Temperature
at V
D = 6 V
and R
L = 10 Ω
Typical
Holding Current
versus
Junction Temperature
at R
GREF = 10 kΩ
T
J (°C)
–60
–20
20
60
100
140
T
J (°C)
0.1
1
100
10
–60
–20
20
60
100
140
T
J (°C)
RGREF = 10 kΩ
= 30°
= 60°
= 120°
= 180°
= 90°
I
T(AV) (A)
= 30°
= 60°
= 120°
= 180°
= 90°
0.1
1
100
10
10
100
1000
10 000
V
GM = 10 V
V
GT (–40°C)
= 1.5 V
V
GT (25°C)
= 1 V
V
GD (125°C)= 0.2 V
I
GM = 2 A
I
GT (–40°C)
= 30 mA
I
GT (25°C) = 15 mA
P
GM
= 5 W
P
G(AV)
= 0.5 W
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com


Similar Part No. - TFA107S

ManufacturerPart #DatasheetDescription
logo
Sanken electric
TFA107S SANKEN-TFA107S Datasheet
394Kb / 12P
   Reverse Blocking Triode Thyristor
TFA107S SANKEN-TFA107S Datasheet
394Kb / 12P
   Reverse Blocking Triode Thyristor
TFA107S SANKEN-TFA107S Datasheet
75Kb / 3P
   Thyristors
More results

Similar Description - TFA107S

ManufacturerPart #DatasheetDescription
logo
Sanken electric
TFA37S SANKEN-TFA37S Datasheet
399Kb / 12P
   Reverse Blocking Triode Thyristor
TFA87S SANKEN-TFA87S Datasheet
399Kb / 12P
   Reverse Blocking Triode Thyristor
TFA8X SANKEN-TFA8X Datasheet
287Kb / 12P
   Reverse Blocking Triode Thyristor
TFA88S SANKEN-TFA88S Datasheet
399Kb / 12P
   Reverse Blocking Triode Thyristor
TFA57S SANKEN-TFA57S Datasheet
399Kb / 12P
   Reverse Blocking Triode Thyristor
TFA3X SANKEN-TFA3X_10 Datasheet
398Kb / 12P
   Reverse Blocking Triode Thyristor
TFA5X SANKEN-TFA5X_10 Datasheet
399Kb / 12P
   Reverse Blocking Triode Thyristor
TFA38S SANKEN-TFA38S Datasheet
399Kb / 12P
   Reverse Blocking Triode Thyristor
TFA107S SANKEN-TFA107S Datasheet
394Kb / 12P
   Reverse Blocking Triode Thyristor
TFA5X SANKEN-TFA5X Datasheet
287Kb / 12P
   Reverse Blocking Triode Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com