Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC000FN8 Datasheet(PDF) 9 Page - Motorola, Inc

Part # MC68HC000FN8
Description  Addendum to M68000 User Manual
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC000FN8 Datasheet(HTML) 9 Page - Motorola, Inc

Back Button MC68HC000FN8 Datasheet HTML 5Page - Motorola, Inc MC68HC000FN8 Datasheet HTML 6Page - Motorola, Inc MC68HC000FN8 Datasheet HTML 7Page - Motorola, Inc MC68HC000FN8 Datasheet HTML 8Page - Motorola, Inc MC68HC000FN8 Datasheet HTML 9Page - Motorola, Inc MC68HC000FN8 Datasheet HTML 10Page - Motorola, Inc MC68HC000FN8 Datasheet HTML 11Page - Motorola, Inc MC68HC000FN8 Datasheet HTML 12Page - Motorola, Inc MC68HC000FN8 Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
9
M68000 USER’S MANUAL ADDENDUM
MOTOROLA
4.0 MC68SEC000 AC ELECTRICAL SPECIFICATIONS
Replace Figure 10-2 on page 10-6 with Figure 7.
Figure 7. Drive Levels and Test Points for AC Specifications - applies to all parts
0.8 V
2.0 V
B
DRIVE TO
0.5 V
2.0 V
0.8 V
VALID
OUTPUT n
VALID
OUTPUT
n + 1
2.0 V
0.8 V
2.0 V
0.8 V
2.0 V
0.8 V
VALID
OUTPUT n
VALID
OUTPUT n+1
2.0 V
0.8 V
B
A
VALID
INPUT
2.0 V
0.8 V
2.0 V
0.8 V
D
C
DRIVE TO
0.5 V
DRIVE TO
2.4 V
VALID
INPUT
2.0 V
0.8 V
2.0 V
0.8 V
D
C
DRIVE
TO 0.5 V
DRIVE
TO 2.4 V
2.0 V
0.8 V
2.0 V
0.8 V
F
CLK
OUTPUTS(1) CLK
OUTPUTS(2) CLK
INPUTS(3) CLK
INPUTS(4) CLK
ALL SIGNALS(5)
NOTES:
1. This output timing is applicable to all parameters specified relative to the rising edge of the clock.
2. This output timing is applicable to all parameters specified relative to the falling edge of the clock.
3. This input timing is applicable to all parameters specified relative to the rising edge of the clock.
4. This input timing is applicable to all parameters specified relative to the falling edge of the clock.
5. This timing is applicable to all parameters specified relative to the assertion/negation of another signal.
LEGEND:
A. Maximum output delay specification.
B. Minimum output hold time.
C. Minimum input setup time specification.
D. Minimum input hold time specification.
E. Signal valid to signal valid specification (maximum or minimum).
F. Signal valid to signal invalid specification (maximum or minimum).
DRIVE
TO 2.4 V
E
A


Similar Part No. - MC68HC000FN8

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC000 MOTOROLA-MC68HC000 Datasheet
823Kb / 33P
   Low Power HCMOS 16-/32-Bit Microprocessor
MC68HC000 MOTOROLA-MC68HC000 Datasheet
7Mb / 224P
   Microprocessor User Manual Ninth Edition
logo
Freescale Semiconductor...
MC68HC000 FREESCALE-MC68HC000 Datasheet
1Mb / 189P
   8-/16-/32-Bit Microprocessors User Manual
logo
Motorola, Inc
MC68HC000 MOTOROLA-MC68HC000 Datasheet
7Mb / 224P
   MICROPROCESSOR USERS MANUAL NINTH EDITION
logo
Freescale Semiconductor...
MC68HC000EI20 FREESCALE-MC68HC000EI20 Datasheet
1Mb / 189P
   8-/16-/32-Bit Microprocessors User?셲 Manual
More results

Similar Description - MC68HC000FN8

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68SEC000CFU10 MOTOROLA-MC68SEC000CFU10 Datasheet
249Kb / 26P
   M68000 USERS MANUAL ADDENDUM
logo
COREBAI Microelectronic...
CBM1001A-Q COREBAI-CBM1001A-Q Datasheet
1Mb / 15P
   User manual
logo
CML Microcircuits
EV1050 CMLMICRO-EV1050 Datasheet
341Kb / 9P
   User Manual
logo
List of Unclassifed Man...
VFD-L ETC-VFD-L Datasheet
489Kb / 16P
   User Manual
logo
Freescale Semiconductor...
MC68F333 FREESCALE-MC68F333 Datasheet
12Mb / 364P
   USER MANUAL
logo
CML Microcircuits
EV0181 CMLMICRO-EV0181 Datasheet
544Kb / 18P
   User Manual
EV6021 CMLMICRO-EV6021 Datasheet
314Kb / 28P
   User Manual
logo
Motorola, Inc
M68060 MOTOROLA-M68060 Datasheet
1Mb / 416P
   M68060 User Manual
logo
List of Unclassifed Man...
WIZ820IO ETC2-WIZ820IO Datasheet
562Kb / 15P
   WIZ820io User Manual
logo
NXP Semiconductors
UM10601 NXP-UM10601 Datasheet
1Mb / 313P
   LPC800 User manual
Rev. 1.0-7 November 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com