Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S5MC Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # S5MC
Description  SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

S5MC Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  S5MC Datasheet HTML 1Page - PACELEADER INDUSTRIAL S5MC Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
RATINGS AND CHARACTERISTIC CURVES S5AC THRU S5MC
S5AC thru S5MC
SURFACE MOUNT GLASS PASSIVATED RECTIFIER
SURFACE MOUNT GLASS PASSIVATED RECTIFIER
0
25
50
75
100
125
150
1.0
2.0
3.0
5.0
4.0
Resistive or
Inductive load
0.01
0.1
1.0
10
100
1000
0
20
40
60
80
100
120
140
T =125 C
j
T =25 C
j
0
20
40
1
10
100
60
80
100
120
Single Half Sine-Wave
(JEDEC Method)
0.01
0.1
1.0
10
0
0. 4
0.8
T - 25 C
j
1. 2
1. 6
2.0
O
T , TERMINAL TEMPERATURE ( C)
T
Fig. 1 Forward Current Derating Curve
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Fig. 2 Typical Forward Characteristics
O
O
O
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 4 Typical Reverse Characteristics
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Forward Surge Current Derating Curve
www.paceleader.tw


Similar Part No. - S5MC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
S5MC DIODES-S5MC Datasheet
47Kb / 2P
   5.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS16007 Rev. 4 - 2
logo
Shanghai Yint Electroni...
S5MC YINT-S5MC Datasheet
490Kb / 3P
   Surface Mount General Purpose Silicon Rectifiers
logo
Diodes Incorporated
S5MC DIODES-S5MC Datasheet
82Kb / 3P
   5.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16007 Rev. 7 - 2
logo
SAMYANG ELECTRONICS CO....
S5MC SAMYANG-S5MC Datasheet
1Mb / 3P
   PLASTIC SILICON RECTIFIER
logo
Galaxy Semi-Conductor H...
S5MC BILIN-S5MC Datasheet
89Kb / 2P
   SURFACE MOUNT RECTIFIER
More results

Similar Description - S5MC

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
S3A SSE-S3A Datasheet
16Kb / 1P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Shenzhen Taychipst Elec...
S3A TAYCHIPST-S3A Datasheet
14Mb / 2P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Vishay Siliconix
S1G-TR VISHAY-S1G-TR Datasheet
84Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 19-Aug-13
GF1GHE3-5CA VISHAY-GF1GHE3-5CA Datasheet
77Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 11-Dec-13
S2JHE3-52T VISHAY-S2JHE3-52T Datasheet
79Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 14-Aug-13
S1M-E3-61T VISHAY-S1M-E3-61T Datasheet
83Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 11-Dec-12
S2M-E3-52T VISHAY-S2M-E3-52T Datasheet
86Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 22-Mar-12
S2G-E3-52T VISHAY-S2G-E3-52T Datasheet
86Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 22-Mar-12
S1MHE3 VISHAY-S1MHE3 Datasheet
81Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 25-Apr-14
SA2M-E35AT VISHAY-SA2M-E35AT Datasheet
78Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 14-Aug-13
S5M-E3 VISHAY-S5M-E3 Datasheet
84Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 28-Apr-14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com