Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB1680CT Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # SB1680CT
Description  SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SB1680CT Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  SB1680CT Datasheet HTML 1Page - PACELEADER INDUSTRIAL SB1680CT Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
VOLTAGE - 20 TO 150 VOLTS
CURRENT - 16 AMPERES
SB1620CT thru SB16150CT
SCHOTTKY BARRIER RECTIFIER
SCHOTTKY BARRIER RECTIFIER
FEATURES
MECHANICAL DATA
Plastic Package has Underwriters Laboratory
Flammability Classification 94-0 utilizing
Flame Retardant Epoxy Molding Compound
Exceeds environmental standards of MIL-S-19500/228
Low power loss, gigh efficiency
Low Forward Voltage, high Current Capability
High surge Capability
For use low Voltage, high frequency inverters,
Free wheeling, and polarity protection applications
o
High temperature soldering 260 C/10seconds at terminals
Pb free product are available 99% Sn above can meet RoHS
environment substance directive request
Case TO220AB Molded plastic
Terminals Lead solderable per
MIL-STD-202, Method 208
Polarity As Marked on Body
Mounting Position Any
Weight 2.24gram
MAXIMUM RATIXGS AND ELECTRICAL CHARACTERISTICS
UNITS
0C
-55 to +150
Volts
Volts
Volts
Amps
Amps
Volts
16
150
60
120
0.55
0.75
0.5
100
0.1
7
0.85
0.92
mA
PARAMETER
20
14
20
30
21
30
40
28
40
50
35
50
60
42
60
80
56
80
100
70
100
150
105
150
o
Ratings at 25 C ambient temperature unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load
For capacitive load, derate current by 20%
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
0
Maximum Average Forward Rectified Current at TC=90 C
Peak Forward Surge Current 8.3ms Single Half Sine-Wave
Superimposed on Rated Load (JEDEC Method)
Maximum Forward Voltage at 8.0A per element
0
Maximum DC Reverse Current at Rated TC=25 C
0
DC Blocking Voltage TC=100 C
Typical Junction Resistance Note R JA
Operating and Storage Temperature Range
SB
1620CT
SB
1630CT
SB
1640CT
SB
1650CT
SB
1660CT
SB
1680CT
NOTE:
1. Thermal Resistance Junction to Ambient
0C / W
SB
16150CT
SB
16100CT
TO-220AB
www.paceleader.tw


Similar Part No. - SB1680CT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB1680CT PANJIT-SB1680CT Datasheet
57Kb / 2P
   16 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 16.0 Amperes)
logo
Won-Top Electronics
SB1680CT WTE-SB1680CT Datasheet
39Kb / 3P
   16A SCHOTTKY BARRIER RECTIFIER
SB1680CT WTE-SB1680CT Datasheet
48Kb / 4P
   16A DUAL SCHOTTKY BARRIER RECTIFIER
logo
Formosa MS
SB1680CT FORMOSA-SB1680CT Datasheet
107Kb / 6P
   Schottky Barrier Rectifier
More results

Similar Description - SB1680CT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com