Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3803X Datasheet(PDF) 2 Page - STANLEY ELECTRIC CO.,LTD.

Part # AN3803X
Description  Through-hole IRED/3 Type
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

AN3803X Datasheet(HTML) 2 Page - STANLEY ELECTRIC CO.,LTD.

  AN3803X Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. AN3803X Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. AN3803X Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. AN3803X Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. AN3803X Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. AN3803X Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. AN3803X Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. AN3803X Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. AN3803X Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Abs olute Maximum R atings
Ite m
S ymbol
Unit
P owe r Dissipa tion
P d
mW
F orwa rd Curre nt
IF
mA
P ulse F orwa rd Curre nt
※ 1
IFR M
mA
⊿ IF
mA/℃
⊿ IFRM
mA/℃
Re ve rse Volta g e
VR
V
Operating Temperature
T opr
Stora g e T e mpe ra ture
T stg
E lectro- Optical Characteris tics
Conditions
MIN.
1.15
TYP .
1.3
MAX .
1.45
Re ve rse Curre nt
VR =5V
IR
MAX .
10
μ A
MIN.
8.4
TYP .
22
T ota l Output P owe r
IF =50mA
P o
T YP .
12
mW
Pe a k Wa ve le ng th
IF =50mA
λ p
T YP .
940
nm
S pe ctra l Ha lf-width
IF =50mA
⊿λ
TYP .
50
nm
Ha lf Inte nsity Angle
IF =50mA
2θ 1/2
T YP .
26
de g .
Re sponse T ime
IF =50mA
tr/tf
T YP .
1/1
μs
De ra ting
(T a =25℃ or hig he r)
Ite m
S ymbol
Cha ra cte ristics
-30~ +85
-30~ +100
※ 1 IFR M Measurement condition : P ulse Width≦ 0.1ms, Duty≦ 1/100
Absolute Ma x imum Ra ting s
V
mW/sr
Unit
160
100
1,000
1.33
13.3
5
Forwa rd Volta ge
IF =50mA
VF
Ra dia nt Inte nsity
IF =50mA
IE
Page 2
Through-hole IRED/φ3 Type
AN3803X
(Ta=25℃)
(Ta=25℃)
2009.2.2


Similar Part No. - AN3803X

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
AN3803X-4B0 STANLEY-AN3803X-4B0 Datasheet
857Kb / 11P
   Narrow Distribution
More results

Similar Description - AN3803X

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
AN3804X STANLEY-AN3804X Datasheet
236Kb / 11P
   Through-hole IRED/3 Type
DNP331 STANLEY-DNP331 Datasheet
178Kb / 10P
   Through-hole IRED/3 Wide Distribution Type
AN5306X STANLEY-AN5306X Datasheet
236Kb / 11P
   Through-hole IRED/5 Type
AN304 STANLEY-AN304 Datasheet
174Kb / 10P
   Through-hole IRED/?5 Type
AN504 STANLEY-AN504 Datasheet
176Kb / 10P
   Through-hole IRED/Right Angle Type
DNF324U-4 STANLEY-DNF324U-4 Datasheet
171Kb / 10P
   Through-hole IRED/?5 High Speed Type
DNK3302X STANLEY-DNK3302X Datasheet
241Kb / 11P
   Through-hole IRED/3 High Speed, High Total Output Power Type
DNK3804X STANLEY-DNK3804X Datasheet
242Kb / 11P
   Through-hole IRED/3 High Speed, High Total Output Power Type
DNK3308S STANLEY-DNK3308S Datasheet
240Kb / 11P
   Through-hole IRED/3 High Speed, High Total Output Power Type
DNK3803X STANLEY-DNK3803X Datasheet
249Kb / 11P
   Through-hole IRED/3 High Speed, High Total Output Power Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com