Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMA164P-L Datasheet(PDF) 7 Page - Sanken electric

Part # TMA164P-L
Description  Triac (Bidirectional Triode Thyristor)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

TMA164P-L Datasheet(HTML) 7 Page - Sanken electric

Back Button TMA164P-L Datasheet HTML 3Page - Sanken electric TMA164P-L Datasheet HTML 4Page - Sanken electric TMA164P-L Datasheet HTML 5Page - Sanken electric TMA164P-L Datasheet HTML 6Page - Sanken electric TMA164P-L Datasheet HTML 7Page - Sanken electric TMA164P-L Datasheet HTML 8Page - Sanken electric TMA164P-L Datasheet HTML 9Page - Sanken electric TMA164P-L Datasheet HTML 10Page - Sanken electric TMA164P-L Datasheet HTML 11Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Triac (Bidirectional Triode Thyristor)
TMA16xP
Series
7
Leadframe plating Pb-free. Device
meets RoHS requirements.
15.6 ±0.3
5.0 MAX
2.1 MAX
Terminal dimension at lead tip
1.0
+0.2
–0.1
2
+0.2
–0.1
2
+0.2
–0.1
1.7
+0.2
–0.1
3
+0.2
–0.1
0.6
+0.2
–0.1
Branding
Area
XXXXXXXX
XXXXX
XXXXX
Branding codes (exact appearance at manufacturer discretion):
1st line,
type: MA16xP
2nd line left, lot:
YM
Where: Y is the last digit of the year of manufacture
M is the month (1 to 9, O, N, D)
2nd line right, subtype:
L
12
3
5.45 ±0.1
14.0 ±0.3
13.6 ±0.2
9.6 ±0.2
15.8 ±0.2
Gate burr: 0.3 mm (max.), mold flash may appear at opposite side
Terminal core material: Cu
Terminal treatment: Ni plating and Pb-free solder dip
Leadform: 100
Package: TO-3P (M100)
Dimensions in millimeters
View A
0.7 MAX
View B
0.7 MAX
View A
View B
Exposed
heatsink pad
TO-3P Package Outline Drawing
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com


Similar Part No. - TMA164P-L

ManufacturerPart #DatasheetDescription
logo
Sanken electric
TMA164P-L SANKEN-TMA164P-L Datasheet
267Kb / 12P
   Triac (Bidirectional Triode Thyristor)
More results

Similar Description - TMA164P-L

ManufacturerPart #DatasheetDescription
logo
American Microsemicondu...
AM-SJST60 AMMSEMI-AM-SJST60 Datasheet
537Kb / 2P
   Bidirectional Triode Thyristor (TRIAC)
logo
Sanken electric
TMA36G-L SANKEN-TMA36G-L Datasheet
200Kb / 10P
   Triac (Bidirectional Triode Thyristor)
TMA12X SANKEN-TMA12X Datasheet
275Kb / 12P
   Triac (Bidirectional Triode Thyristor)
TMA166H-L SANKEN-TMA166H-L Datasheet
349Kb / 11P
   Triac (Bidirectional Triode Thyristor)
TMA206S-L SANKEN-TMA206S-L Datasheet
275Kb / 12P
   Triac (Bidirectional Triode Thyristor)
TMA3X SANKEN-TMA3X Datasheet
275Kb / 12P
   Triac (Bidirectional Triode Thyristor)
TMA16XS SANKEN-TMA16XS Datasheet
269Kb / 12P
   Triac (Bidirectional Triode Thyristor)
TMA86S-L SANKEN-TMA86S-L Datasheet
275Kb / 12P
   Triac (Bidirectional Triode Thyristor)
TMA36S-L SANKEN-TMA36S-L Datasheet
275Kb / 12P
   Triac (Bidirectional Triode Thyristor)
TMA126G-L SANKEN-TMA126G-L Datasheet
200Kb / 10P
   Triac (Bidirectional Triode Thyristor)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com