Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB3040PT Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # SB3040PT
Description  SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SB3040PT Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  SB3040PT Datasheet HTML 1Page - PACELEADER INDUSTRIAL SB3040PT Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
SB3020PT thru SB30200PT
FEATURES
MECHANICAL DATA
UNITS
0C
0C
-50 to +170
-50 to +150
SYMBOL
Volts
Volts
Volts
Volts
Amps
Amps
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IRM
30
200
TJ
TSTG
0.1
20
1.4
0C / W
MAXIMUM RATIXGS AND ELECTRICAL CHARACTERISTICS
o
Ratings at 25 C ambient temp. unless otherwise specified
Single phase, half sine wave, 60Hz, resistive or inductive load
For capacitive load, derate current by 20%
RATINGS
R JC
mA
SCHOTTKY BARRIER RECTIFIER
SCHOTTKY BARRIER RECTIFIER
VOLTAGE - 20 TO 200 VOLTS
CURRENT - 30 AMPERES
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
Flame Retardant Epoxy Molding Compound.
Metal silicon junction, majority carrier conduction
Low power loss, high efficiency.
High Current Capability
Guardring for over voltage protection
For use in low voltage, high frequency inverters
Free wheeling, and polarlity protection applications
Component are in compliance with EU RoHS 2002/95/EC directives
Case TO-3P Molded plastic
Terminals Solder plated, solderable per
MIL-STD-750, Method 2026
Polarity As Marked
Mounting Position Any
Weight 0.2 ounces, 5.6gram
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Current (See Fig.1)
Peak Forward Surge Current 8.3ms Single Half Sine-Wave
Superimposed on Rated Load (JEDEC Method)
Maximum Forward Voltage at 15A
0
Maximum DC Reverse Current TC=25 C
0
at Rated DC Blocking Voltage TC=125 C
Typical Therm Resistance
Operating Junction Temperature Range
Storage Temperature Range
SB
3020PT
20
14
20
SB
3030PT
30
21
30
SB
3040PT
40
28
40
SB
3045PT
45
31.5
45
SB
3050PT
50
35
50
SB
3060PT
60
42
60
SB
3080PT
80
56
80
SB
30100PT
100
70
100
SB
30150PT
150
105
150
SB
30200PT
200
140
200
0.65
0.75
0.8
0.92
NOTE
1. Both Bonding and Chip structure are available.
TO-3P
www.paceleader.tw


Similar Part No. - SB3040PT

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SB3040PT WTE-SB3040PT Datasheet
45Kb / 3P
   30A SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB3040PT PANJIT-SB3040PT Datasheet
184Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SB3040PT PANJIT-SB3040PT Datasheet
53Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Zibo Seno Electronic En...
SB3040PT ZSELEC-SB3040PT Datasheet
140Kb / 2P
   30.0A SCHOTTKY BARRIER DIODE
More results

Similar Description - SB3040PT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com