Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3491-0 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 3491-0
Description  Insulated Minigator Clip To Pin Tip Jack
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

3491-0 Datasheet(HTML) 1 Page - Pomona Electronics

  3491-0 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pomona®
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
6/9/99
PomonaACCESS 90577 (800) 444-6785 or (425) 446-6010
SY/EH/LS
More drawings available at www.pomonaelectronics.com
S:\Engineering \Release\DataSheets\FlukeDataSheet\d3491_1_01.doc
Page 1 of
1
Model 3491
Insulated Minigator Clip
To Pin Tip Jack
Sal es: 800-490-2361 Fax: 888-403-3360
Technical Assistance: 800-241-2060
FEATURES:
• Mates to Model #PT080 or any standard 0.080” pin tip plug.
• Alligator clip has 4.7 (.187) Max. jaw opening.
MATERIALS:
Minigator Clip:
Material: Steel
Finish: Nickel plated
Insulator:
Material: Vinyl
2.03 (.080) Dia. – Pin Tip Jack
Material: Jack Body – Brass per QQ-B-626, Alloy 360, ½ Hard.
Spring – Beryllium Copper per QQ-C-533, Alloy 172, Cond. HT
Finish: Gold plated per MIL-G-45204, Type II, Class 00 over electroless nickel.
RATINGS:
Operating Temperature: +50
°C. (+122°F.) Max.
Operating Voltage: 45 VRMS/DC
Current: 5 Amperes
ORDERING INFORMATION: Model 3491-*
*=Color, -0 Black, -2 Red
Ordering Example: 3491-2 Color is Red


Similar Part No. - 3491-0

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3491-0 3M-3491-0 Datasheet
26Kb / 1P
   Insulated Minigator Clip To Pin Tip Jack
More results

Similar Description - 3491-0

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3491-0 3M-3491-0 Datasheet
26Kb / 1P
   Insulated Minigator Clip To Pin Tip Jack
logo
Pomona Electronics
4543 POMONA-4543 Datasheet
31Kb / 1P
   Insulated Double Pin Tip Jack
3542 POMONA-3542 Datasheet
43Kb / 1P
   Insulated Panel Mount Pin Tip Jack
1437 POMONA-1437 Datasheet
20Kb / 1P
   Alligator Clip To Pin Tip Jack With Flex Boot
logo
List of Unclassifed Man...
BU-00234-0 ETC2-BU-00234-0 Datasheet
51Kb / 1P
   Insulated Phone Tip Jack
logo
Pomona Electronics
1437-0 POMONA-1437-0 Datasheet
20Kb / 1P
   Model 1437 Alligator Clip To Pin Tip Jack With Flex Boot
logo
3M Electronics
1432-0 3M-1432-0 Datasheet
22Kb / 1P
   Banana Jack To Pin Tip Plug
logo
Pomona Electronics
1432 POMONA-1432 Datasheet
22Kb / 1P
   Banana Jack To Pin Tip Plug
3220 POMONA-3220 Datasheet
21Kb / 1P
   Minigator Clip To Stacking Banana Plug
logo
List of Unclassifed Man...
BU-P4543-0 ETC2-BU-P4543-0 Datasheet
180Kb / 1P
   Double Pin Tip Jack
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com