Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGL41-30 Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # SGL41-30
Description  SURFACE MOUNT SCHOTTKY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SGL41-30 Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  SGL41-30 Datasheet HTML 1Page - PACELEADER INDUSTRIAL SGL41-30 Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
FEATURES
MECHANICAL DATA
MAXIMUM RATIXGS AND ELECTRICAL CHARACTERISTICS
UNITS
0C
-55 to +125
-55 to +150
110
10
80
5
pF
SYMBOL
Volts
Volts
Volts
Amps
Amps
Volts
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
CJ
1.0
30
0.5
0.55
0.6
0.7
TJ
TSTG
0.5
75
30
mA
0C / W
SURFACE MOUNT SCHOTTKY RECTIFIER
SURFACE MOUNT SCHOTTKY RECTIFIER
o
Ratings at 25 C ambient temp. unless otherwise specified
Single phase, half sine wave, 60Hz, resistive or inductive load
For capacitive load, derate current by 20%
20
14
20
30
21
30
40
28
40
50
35
50
60
42
60
SGL
41-20
SGL
41-30
SGL
41-40
SGL
41-50
SGL
41-60
SGL41-20 thru SGL41-60
Low power loss,high efficiency
High current and surge capability
Low forward voltage drop
For use in low voltage, highfrequency inverters,
Free wheeling application
Guarding for over voltage protechion
Metal silicon junction, majority carrier conduction
High temperature soldering guaranteed
o
250 C/10 seconds/ 375
, (9.5mm)lead lengths
Case Molded plastic use UL94V-0 recoqnized
flame retardant epoxy
Terminals Plated terminals, solderable per
MIL-STD-202, Method208
Polarity Blue Color band on body denotes cathode
Mounting position Any
Weight 0.1296grams
Maximum Current Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
Peak Forward Surge Current Single
Sine-Wave on Rated Load (JEDEC Method)
Maximum Instantaneous Forward Voltage Drop at 1.0A DC
0
Maximum DC Reverse Current TA=25 C
0
at Rated DC Blocking Voltage TA=100 C
Typical Thermal Resistance
Typical Junction Capacitance
Operating Junction and Storage Temperature Range
R JA
R JL
DO-213AB / MELF
0.022(0.559)
0.016(0.406)
0.205(5.20)
0.185(4.70)
0.105(2.67)
0.095(2.41)
+0
-0.008(0.20)
SOLDERABLE ENDS
CATHODE BAND
D1=
D2=D1
D2
Dimension in inches (millimeters )
www.paceleader.com.tw


Similar Part No. - SGL41-30

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SGL41-30 GE-SGL41-30 Datasheet
55Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Seme LAB
SGL41-30 SEME-LAB-SGL41-30 Datasheet
82Kb / 4P
   Surface Mount Schottky Barrier Rectifier
logo
TAITRON Components Inco...
SGL41-30 TAITRON-SGL41-30 Datasheet
142Kb / 3P
   1A Surface Mount Schottky Rectifiers
logo
Vishay Siliconix
SGL41-30 VISHAY-SGL41-30 Datasheet
342Kb / 4P
   Surface Mount Schottky Barrier Rectifier
Revision: 29-Apr-08
SGL41-30 VISHAY-SGL41-30 Datasheet
85Kb / 4P
   Surface Mount Schottky Barrier Rectifier
Reivision: 26-Mar-12
More results

Similar Description - SGL41-30

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SGL34-20 PACELEADER-SGL34-20 Datasheet
606Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER
SR320M PACELEADER-SR320M Datasheet
607Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
DSK12 WINNERJOIN-DSK12 Datasheet
64Kb / 2P
   Surface Mount Schottky rectifier
logo
GOOD-ARK Electronics
PS12 GOOD-ARK-PS12 Datasheet
447Kb / 4P
   Surface Mount Schottky Rectifier
PS26 GOOD-ARK-PS26 Datasheet
450Kb / 4P
   Surface Mount Schottky Rectifier
SGC101BSH GOOD-ARK-SGC101BSH Datasheet
218Kb / 4P
   Surface Mount Schottky Rectifier
SGC2060ST GOOD-ARK-SGC2060ST Datasheet
410Kb / 4P
   Surface Mount Schottky Rectifier
SK1B5 GOOD-ARK-SK1B5 Datasheet
766Kb / 5P
   Surface Mount Schottky Rectifier
FS32 GOOD-ARK-FS32 Datasheet
367Kb / 4P
   Surface Mount Schottky Rectifier
LS24A GOOD-ARK-LS24A Datasheet
395Kb / 4P
   Surface Mount Schottky Rectifier
LS26 GOOD-ARK-LS26 Datasheet
423Kb / 4P
   Surface Mount Schottky Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com