Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DNK5306X Datasheet(PDF) 6 Page - STANLEY ELECTRIC CO.,LTD.

Part # DNK5306X
Description  Through-hole IRED/5 High Speed, High Total Output Power Type
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

DNK5306X Datasheet(HTML) 6 Page - STANLEY ELECTRIC CO.,LTD.

Back Button DNK5306X Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. DNK5306X Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. DNK5306X Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. DNK5306X Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. DNK5306X Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. DNK5306X Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. DNK5306X Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. DNK5306X Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. DNK5306X Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Page 6
2009.2.2
DNK5306X
Technical Data
Ambient Temperature vs. Pulse Forward Current
Condition : tw≦100μs, Duty≦1/100
Ambient Temperature : Ta(℃)
Ambient Temperature vs. Forward Current
Ambient Temperature : Ta(℃)
Ambient Temperature vs. Forward Voltage
Condition : I
F = 50mA
Ambient Temperature : Ta (℃)
Ambient Temperature vs. Pulse Forward Voltage
Condition : I
FRM=500mA, tw≦100μs, Duty≦1/100
Ambient Temperature : Ta (℃)
Through-hole IRED/
φ5 High Speed, High Total Output Power Type


Similar Part No. - DNK5306X

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
DNK5307B STANLEY-DNK5307B Datasheet
238Kb / 11P
   Through-hole IRED/5 High Speed, High Total Output Power Type
More results

Similar Description - DNK5306X

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
DNK5307B STANLEY-DNK5307B Datasheet
238Kb / 11P
   Through-hole IRED/5 High Speed, High Total Output Power Type
DNK3302X STANLEY-DNK3302X Datasheet
241Kb / 11P
   Through-hole IRED/3 High Speed, High Total Output Power Type
DNK3804X STANLEY-DNK3804X Datasheet
242Kb / 11P
   Through-hole IRED/3 High Speed, High Total Output Power Type
DNK3308S STANLEY-DNK3308S Datasheet
240Kb / 11P
   Through-hole IRED/3 High Speed, High Total Output Power Type
DNK3803X STANLEY-DNK3803X Datasheet
249Kb / 11P
   Through-hole IRED/3 High Speed, High Total Output Power Type
DNF324U-4 STANLEY-DNF324U-4 Datasheet
171Kb / 10P
   Through-hole IRED/?5 High Speed Type
DNP325-4 STANLEY-DNP325-4 Datasheet
179Kb / 10P
   Through-hole IRED/5 High Radiant Intensity Type
AN5306X STANLEY-AN5306X Datasheet
236Kb / 11P
   Through-hole IRED/5 Type
AN304 STANLEY-AN304 Datasheet
174Kb / 10P
   Through-hole IRED/?5 Type
AN3804X STANLEY-AN3804X Datasheet
236Kb / 11P
   Through-hole IRED/3 Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com