Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DNK5307B Datasheet(PDF) 9 Page - STANLEY ELECTRIC CO.,LTD.

Part # DNK5307B
Description  Through-hole IRED/5 High Speed, High Total Output Power Type
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

DNK5307B Datasheet(HTML) 9 Page - STANLEY ELECTRIC CO.,LTD.

Back Button DNK5307B Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. DNK5307B Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. DNK5307B Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. DNK5307B Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. DNK5307B Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. DNK5307B Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. DNK5307B Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. DNK5307B Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. DNK5307B Datasheet HTML 11Page - STANLEY ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Page 9
TTW (Through The Wave) soldering Conditions
Solder Bath Temp.
Dipping Time
265 ℃
5 s
(MAX.)
(MAX.)
Position
At least 3.0 mm away from the root of lead
Iron tip temp.
Soldering time and frequency
3 s
1 time
400 ℃
(MAX.)
(MAX.)
(MAX.) (30 W Max.)
Position
At least 3.0 mm away from the root of lead
2009.2.2
Pre-heating
100 ℃
(MAX.) Resin surface temperature
1) The dip soldering process shall be twice maximum.
2) The product shall be cooled to normal temperature before the second dipping process.
※The detail is described to LED and Photodetector handling precautions of home page:
"Mounting through-hole Type Devices“ and "Soldering", and use it after the confirmation, please.
Manual Soldering Conditions
※The detail is described to LED and Photodetector handling precautions of home page:
"Mounting through-hole Type Devices“ and "Soldering", and use it after the confirmation, please.
Through-hole IRED/
DNK5307B
φ5 High Speed, High Total Output Power Type


Similar Part No. - DNK5307B

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
DNK5306X STANLEY-DNK5306X Datasheet
243Kb / 11P
   Through-hole IRED/5 High Speed, High Total Output Power Type
More results

Similar Description - DNK5307B

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
DNK5306X STANLEY-DNK5306X Datasheet
243Kb / 11P
   Through-hole IRED/5 High Speed, High Total Output Power Type
DNK3302X STANLEY-DNK3302X Datasheet
241Kb / 11P
   Through-hole IRED/3 High Speed, High Total Output Power Type
DNK3804X STANLEY-DNK3804X Datasheet
242Kb / 11P
   Through-hole IRED/3 High Speed, High Total Output Power Type
DNK3308S STANLEY-DNK3308S Datasheet
240Kb / 11P
   Through-hole IRED/3 High Speed, High Total Output Power Type
DNK3803X STANLEY-DNK3803X Datasheet
249Kb / 11P
   Through-hole IRED/3 High Speed, High Total Output Power Type
DNF324U-4 STANLEY-DNF324U-4 Datasheet
171Kb / 10P
   Through-hole IRED/?5 High Speed Type
DNP325-4 STANLEY-DNP325-4 Datasheet
179Kb / 10P
   Through-hole IRED/5 High Radiant Intensity Type
AN5306X STANLEY-AN5306X Datasheet
236Kb / 11P
   Through-hole IRED/5 Type
AN304 STANLEY-AN304 Datasheet
174Kb / 10P
   Through-hole IRED/?5 Type
AN3804X STANLEY-AN3804X Datasheet
236Kb / 11P
   Through-hole IRED/3 Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com