Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DNK5307B Datasheet(PDF) 1 Page - STANLEY ELECTRIC CO.,LTD.

Part # DNK5307B
Description  Through-hole IRED/5 High Speed, High Total Output Power Type
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

DNK5307B Datasheet(HTML) 1 Page - STANLEY ELECTRIC CO.,LTD.

  DNK5307B Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. DNK5307B Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. DNK5307B Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. DNK5307B Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. DNK5307B Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. DNK5307B Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. DNK5307B Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. DNK5307B Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. DNK5307B Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Page 1
Features
Recommended Applications
Electric Household Appliances, OA/FA, PC/Peripheral Equipment, Other General Applications
Peak Wavelength
870nm
Product features
Die materials
GaAlAs
35 deg.
Package
φ5 type, Water clear epoxy
Rank grouping parameter
Soldering methods
ESD
Packing
TTW (Through The Wave) soldering and manual soldering
※Please refer to Soldering Conditions about soldering.
2kV (HBM)
Bulk : 200pcs(MIN.)
Sorted by radiant intensity per rank taping
Half Intensity Angle
2009.2.2
DNK5307B
Through-hole IRED/
φ5 High Speed, High Total Output Power Type
・High Speed : Cut-off Frequency 55 TYP. MHz (I
F=50mA)
・High Power Output : 26mW TYP. (I
F=50mA)
・Wide Distribution
・Lead–free soldering compatible
・RoHS compliant


Similar Part No. - DNK5307B

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
DNK5306X STANLEY-DNK5306X Datasheet
243Kb / 11P
   Through-hole IRED/5 High Speed, High Total Output Power Type
More results

Similar Description - DNK5307B

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
DNK5306X STANLEY-DNK5306X Datasheet
243Kb / 11P
   Through-hole IRED/5 High Speed, High Total Output Power Type
DNK3302X STANLEY-DNK3302X Datasheet
241Kb / 11P
   Through-hole IRED/3 High Speed, High Total Output Power Type
DNK3804X STANLEY-DNK3804X Datasheet
242Kb / 11P
   Through-hole IRED/3 High Speed, High Total Output Power Type
DNK3308S STANLEY-DNK3308S Datasheet
240Kb / 11P
   Through-hole IRED/3 High Speed, High Total Output Power Type
DNK3803X STANLEY-DNK3803X Datasheet
249Kb / 11P
   Through-hole IRED/3 High Speed, High Total Output Power Type
DNF324U-4 STANLEY-DNF324U-4 Datasheet
171Kb / 10P
   Through-hole IRED/?5 High Speed Type
DNP325-4 STANLEY-DNP325-4 Datasheet
179Kb / 10P
   Through-hole IRED/5 High Radiant Intensity Type
AN5306X STANLEY-AN5306X Datasheet
236Kb / 11P
   Through-hole IRED/5 Type
AN304 STANLEY-AN304 Datasheet
174Kb / 10P
   Through-hole IRED/?5 Type
AN3804X STANLEY-AN3804X Datasheet
236Kb / 11P
   Through-hole IRED/3 Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com