Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NU1106W Datasheet(PDF) 10 Page - STANLEY ELECTRIC CO.,LTD.

Part # NU1106W
Description  Single Color Super Wide Angle Type (t=1.3 mm)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

NU1106W Datasheet(HTML) 10 Page - STANLEY ELECTRIC CO.,LTD.

Back Button NU1106W Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. NU1106W Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. NU1106W Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. NU1106W Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. NU1106W Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. NU1106W Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. NU1106W Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. NU1106W Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. NU1106W Datasheet HTML 11Page - STANLEY ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
2009.10.30
Page 10
Reliability Testing Result
Reliability Testing Result
Failure Criteria
Reliability Testing
Result
Applicable Standard
Testing Conditions
Duration
Failure
Room Temp.
Operating Life
EIAJ ED-
4701/100(101)
Ta = 25℃, I
F = Maxium Rated Current
1,000 h
0/25
Resistance to
Soldering Heat
EIAJ ED-
4701/300(301)
Pre-heating : 150
∼180℃ 120s Max.
Operation Heating : 230
℃ 40s Max.
Peak Temperature : 260
Twice
0/25
Temperature Cycling
EIAJ ED-
4701/100(105)
Minimum Rated Storage Temperature(30min)
∼Normal Temperature(15min)
∼Maximum Rated Storage Temperature(30min)
∼Normal Temperature(15min)
200 cycles
0/25
High Temp.
Operating Life
EIAJ ED-
4701/100(101)
Ta = 100℃, I
F = 15mA
1,000 h
0/25
Humidity Temp.
Operating Life
EIAJ ED-
4701/100(102)
Ta = 60±2℃, RH = 90±5%, I
F = Maxium Rated Current
1,000 h
0/25
High Temp.
Storage Life
EIAJ ED-
4701/200(201)
Ta = Maximum Rated Storage Temperature
1,000 h
0/25
Low Temp.
Storage Life
EIAJ ED-
4701/200(202)
Ta = Minimum Rated Storage Temperature
1,000 h
0/25
Vibration,
Variable Frequency
EIAJ ED-
4701/400(403)
98.1m/s2 (10G), 100 ∼ 2KHz sw eep for 20min.,
XYZ each direction
2 h
0/10
Items
Symbols
Conditions
Failure criteria
Luminous Intensity
Iv
IF Value of each product
Luminous Intensity
Testing Min. Value < Spec. Min. Value x 0.5
Forward Voltage
VF
IF Value of each product
Forward Voltage
Testing Max. Value ≧ Spec. Max. Value x 1.2
Reverse Current
IR
VR = Maximum Rated
Reverse Voltage V
Testing Max. Value ≧ Spec. Max. Value x 2.5
Cosmetic Appearance
-
-
Occurrence of notable decoloration,
deformation and cracking
Single Color Super Wide Angle Type (t=1.3 mm)
NU□1106W Series


Similar Part No. - NU1106W

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
NU1S000-434LF BOTHHAND-NU1S000-434LF Datasheet
159Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH LEDS
NU1S041-434 BOTHHAND-NU1S041-434 Datasheet
702Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS AND LEDS
NU1S041-XXX BOTHHAND-NU1S041-XXX Datasheet
608Kb / 5P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS & XLEDs
NU1S041-XXX BOTHHAND-NU1S041-XXX Datasheet
133Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS & XLED
NU1S041-XXX BOTHHAND-NU1S041-XXX_1 Datasheet
133Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS & XLED
More results

Similar Description - NU1106W

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
FR1106W STANLEY-FR1106W Datasheet
216Kb / 13P
   Single Color Super Wide Angle Type (h=1.3 mm)
UB1106W STANLEY-UB1106W Datasheet
312Kb / 16P
   Single Color Super Wide Angle Type (h=1.3 mm)
UB1105C-0005 STANLEY-UB1105C-0005 Datasheet
316Kb / 17P
   Single Color Super Wide Angle Type (h=0.5 mm)
YPY1105C-0005 STANLEY-YPY1105C-0005 Datasheet
255Kb / 14P
   Single Color Super Wide Angle Type (h=0.5 mm)
PY1105CK STANLEY-PY1105CK Datasheet
205Kb / 12P
   Single Color Super Wide Angle ( h=0.5 mm)
1101F STANLEY-1101F Datasheet
367Kb / 21P
   Single Color Right Angle Type (3.0 X 2.0 mm)
BG1101F-TR STANLEY-BG1101F-TR Datasheet
410Kb / 21P
   Single Color Right Angle Type (3.0 X 2.0 mm)
PG1113F STANLEY-PG1113F Datasheet
286Kb / 15P
   Single Color Right Angle Type (2.1 X 1.0 mm)
PG1101F-TR STANLEY-PG1101F-TR Datasheet
410Kb / 21P
   Single Color Right Angle Type (3.0 X 2.0 mm)
BR4361F STANLEY-BR4361F Datasheet
407Kb / 32P
   Single Color 3.6 Right Angle Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com