Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMA5923B Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # SMA5923B
Description  SURFACE MOUNT ZENER TYPE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SMA5923B Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  SMA5923B Datasheet HTML 1Page - PACELEADER INDUSTRIAL SMA5923B Datasheet HTML 2Page - PACELEADER INDUSTRIAL SMA5923B Datasheet HTML 3Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
o
MAXIMUM RATINGS (at TA=25 C unless otherwise noted)
thru
4
FEATURES
MECHANICAL DATA
SURFACE MOUNT ZENER TYPE
SURFACE MOUNT ZENER TYPE
SMA/DO-214AC
Dimensions in inches and (millimeters)
www.paceleader.tw
SMA5921B
SMA59 5B
SURFACE MOUNT ZENER DIODES 1.5 WATTS
* 1.5W Power Dissipation
* For Surface Mounted Applications
* Zener Breakdown Voltage Range 6.8V to 68V
* Case: Molded plastic SMA/DO-214AC
* Epoxy: UL 94V-0 rate flame retardant
* Terminals: Solderable per MIL-STD-750
method 2026
* Polarity: cathode band
* Mounting position: Any
* Weight: 0.064 gram
.087(2.20)
.115(2.92)
.006(0.15
.
)
.012(0.31)
.176(4.48)
.004(.1 0 )
.157(4.00)
.050 (1.27)
.064(1.63)
.067(1.70)
.103(2.62
.
)
.030(0.76)
.060(1.52)
.181(4.60)
.009(.20 )
.220(5.59)
Characteristics
Symbol
Unit
°C
°C
PD
TSTG
Value
1.5
150
W
Tj
NOTES :
Power Dissipation2
10
A
Half sine-wave superimposed on rated load1
(JEDEC method)
IFSM
(1) Measurd on 8.3ms, single half-sine wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
(2) Mounted on 5.0mm2(.013mm thick) land areas.
Maximun junction Temperature
Storage Temperature Range
-55 to +150


Similar Part No. - SMA5923B

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMA5923B SECOS-SMA5923B Datasheet
317Kb / 4P
   1.5 Watts Surface Mount Zener Diode
logo
Weitron Technology
SMA5923B WEITRON-SMA5923B Datasheet
416Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
SMA5923B FORMOSA-SMA5923B Datasheet
990Kb / 3P
   SURFACE MOUNT ZENER DIODES 1.5 WATTS
logo
SeCoS Halbleitertechnol...
SMA5923B SECOS-SMA5923B Datasheet
264Kb / 3P
   1.5 Watts Surface Mount Zener Diode
logo
Yangzhou yangjie electr...
SMA5923B YANGJIE-SMA5923B Datasheet
403Kb / 4P
   Thyristor Surge Suppressors
More results

Similar Description - SMA5923B

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SMC5342B PACELEADER-SMC5342B Datasheet
360Kb / 2P
   SURFACE MOUNT ZENER TYPE
SMA4949A PACELEADER-SMA4949A Datasheet
241Kb / 2P
   SURFACE MOUNT ZENER TYPE
SMB5921B PACELEADER-SMB5921B Datasheet
381Kb / 2P
   SURFACE MOUNT ZENER TYPE
MMSZ5221B PACELEADER-MMSZ5221B Datasheet
197Kb / 4P
   SURFACE MOUNT ZENER TYPE
ZGFM052V4C-MH PACELEADER-ZGFM052V4C-MH Datasheet
210Kb / 4P
   SURFACE MOUNT ZENER TYPE
MMSZ2V4 PACELEADER-MMSZ2V4 Datasheet
233Kb / 4P
   SURFACE MOUNT ZENER TYPE
ZGFM103V3-M PACELEADER-ZGFM103V3-M Datasheet
267Kb / 3P
   SURFACE MOUNT ZENER TYPE
ZGF052V4C-MH PACELEADER-ZGF052V4C-MH Datasheet
210Kb / 4P
   SURFACE MOUNT ZENER TYPE
SMB5341B PACELEADER-SMB5341B Datasheet
458Kb / 3P
   SURFACE MOUNT ZENER TYPE
ZS4728A PACELEADER-ZS4728A Datasheet
262Kb / 3P
   SURFACE MOUNT ZENER TYPE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com