Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMA5924B Datasheet(PDF) 3 Page - PACELEADER INDUSTRIAL

Part # SMA5924B
Description  SURFACE MOUNT ZENER TYPE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SMA5924B Datasheet(HTML) 3 Page - PACELEADER INDUSTRIAL

  SMA5924B Datasheet HTML 1Page - PACELEADER INDUSTRIAL SMA5924B Datasheet HTML 2Page - PACELEADER INDUSTRIAL SMA5924B Datasheet HTML 3Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
FIG 3. ZENER VOLTAGE-10 TO 12 VOLTS
0
25
75
125
50
100
150
175
4
5
1.5
1.0
0.5
0
0
20
60
40
80 100 120 140 160 180 200
120
100
60
80
20
40
0
TL,LEADTEMPERATURE(°C)
VZ, ZENERVOLTAGE(VOLTS)
VZ@IZT
FIG 1. STEADY STATE POWERDERATING
-4
-2
0
2
6
8
4
3
4
5
6
7
8
9
10
11
12
VZ,ZENERVOLTAGE(VOLTS)
FIG 2. ZENER VOLTAGE-TO 12 VOLTS
VZ@IZT
1
10
100
1000
0.5
1
1.0
100
100
FIG 4. EFFECT OF ZENER CURRENT
IZ , ZENER TEST CURRENT (mA)
TJ - 25°C
IZ(ms) = 0.1 IZ(dc)
VZ = 150V
91V
62V
22V
12V
6.8V
200
100
70
50
30
20
10
7
5
3
2
5
7
10
20
30
50
70
100
10mA
20mA
1K
500
300
200
100
50
30
20
10
0.1 0.2 0.3 5
1
2 3 5
0 20
50 100
100
50
30
20
10
5
3
2
1
0.5
0.3
0.2
0.1
0
1
2
3
4
5
6
7
8
9 10
100
50
30
20
10
5
3
2
1
0.5
0.3
0.2
0.1
0
10 20 30 40
50 60 70
80 90 100
VZ, ZENER VOLTAGE (VOLTS)
Fig.7 VZ, ZENER VOLTAGE (VOLTS)
PW, PULSE WIDTH (ms)
Fig.8 VZ, ZENER VOLTAGE (VOLTS)
Fig 5. VZ = 6.8 THRU10VOLTS
Fig 6.VZ=12 THRU 82 VOLTS
Iz(dc) =1mA
Iz(ms) = 0.1Iz(dc)
RECTANGULAR NONREPETITIVE
WAVEFORM TJ = 25oC PRIOR TO
INITIAL PULSE
Typical Characteristics
SURFACE MOUNT ZENER TYPE
SURFACE MOUNT ZENER TYPE
thru
4
SMA5921B
SMA59 5B
SURFACE MOUNT ZENER DIODES 1.5 WATTS
3
www.paceleader.tw


Similar Part No. - SMA5924B

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMA5924B SECOS-SMA5924B Datasheet
317Kb / 4P
   1.5 Watts Surface Mount Zener Diode
logo
Weitron Technology
SMA5924B WEITRON-SMA5924B Datasheet
416Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
SMA5924B FORMOSA-SMA5924B Datasheet
990Kb / 3P
   SURFACE MOUNT ZENER DIODES 1.5 WATTS
logo
SeCoS Halbleitertechnol...
SMA5924B SECOS-SMA5924B Datasheet
264Kb / 3P
   1.5 Watts Surface Mount Zener Diode
logo
Yangzhou yangjie electr...
SMA5924B YANGJIE-SMA5924B Datasheet
403Kb / 4P
   Thyristor Surge Suppressors
More results

Similar Description - SMA5924B

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SMC5342B PACELEADER-SMC5342B Datasheet
360Kb / 2P
   SURFACE MOUNT ZENER TYPE
SMA4949A PACELEADER-SMA4949A Datasheet
241Kb / 2P
   SURFACE MOUNT ZENER TYPE
SMB5921B PACELEADER-SMB5921B Datasheet
381Kb / 2P
   SURFACE MOUNT ZENER TYPE
MMSZ5221B PACELEADER-MMSZ5221B Datasheet
197Kb / 4P
   SURFACE MOUNT ZENER TYPE
ZGFM052V4C-MH PACELEADER-ZGFM052V4C-MH Datasheet
210Kb / 4P
   SURFACE MOUNT ZENER TYPE
MMSZ2V4 PACELEADER-MMSZ2V4 Datasheet
233Kb / 4P
   SURFACE MOUNT ZENER TYPE
ZGFM103V3-M PACELEADER-ZGFM103V3-M Datasheet
267Kb / 3P
   SURFACE MOUNT ZENER TYPE
ZGF052V4C-MH PACELEADER-ZGF052V4C-MH Datasheet
210Kb / 4P
   SURFACE MOUNT ZENER TYPE
SMB5341B PACELEADER-SMB5341B Datasheet
458Kb / 3P
   SURFACE MOUNT ZENER TYPE
ZS4728A PACELEADER-ZS4728A Datasheet
262Kb / 3P
   SURFACE MOUNT ZENER TYPE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com