Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HUC1105W Datasheet(PDF) 2 Page - STANLEY ELECTRIC CO.,LTD.

Part # HUC1105W
Description  Single Color Ultra High Brightness Type
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

HUC1105W Datasheet(HTML) 2 Page - STANLEY ELECTRIC CO.,LTD.

  HUC1105W Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. HUC1105W Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. HUC1105W Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. HUC1105W Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. HUC1105W Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. HUC1105W Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. HUC1105W Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. HUC1105W Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. HUC1105W Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Color Variations and Luminous Intensity
Page 2
TYP.
IF
MIN.
MAX.
IF
TYP.
IF
VUB1105W
InGaN
Blue
470
10
120
470
10
350
10
VUG1105W
InGaN
530
10
560
2,200
10
780
10
VYBG1105W
AlGaInP
562
20
39
150
20
55
20
VYPY1105W
AlGaInP
Yellow
Green
572
20
100
390
20
200
20
VFY1105W
AlGaInP
Yellow
590
20
330
1,200
20
450
20
VFA1105W
AlGaInP
Orange
605
20
330
1,200
20
450
20
VFV1105W
AlGaInP
615
20
560
820
20
500
20
VFR1105W
AlGaInP
626
20
330
1,200
20
450
20
Part No.
Material
λd (nm)
Dominant
Wavelength
Emitted
Color
Green
Water
Clear
Luminous Flux
Iv (mcd)
φv(mlm)
Lens
Color
Luminous Intensity
Red
(High Reliability type, V-Series)
1105W Series
Single Color Dome Lens Type
(Ta=25℃)
※Note : The luminous intensity(I
v) and dominant wavelength (λd) above are the setup
values of the sorting machine.
(Tolerance : IV… ±10%, λd ... ±1nm)
2006.3.31


Similar Part No. - HUC1105W

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
HUC1105W STANLEY-HUC1105W Datasheet
330Kb / 20P
   Single Color Ultra High Brightness Type
HUC1105W STANLEY-HUC1105W Datasheet
337Kb / 20P
   Single Color Ultra High Brightness Type
More results

Similar Description - HUC1105W

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
1111C STANLEY-1111C Datasheet
392Kb / 27P
   Single Color Ultra High Brightness Type
UB1104B STANLEY-UB1104B Datasheet
269Kb / 18P
   Single Color Ultra High Brightness Type
UB1113F STANLEY-UB1113F_12 Datasheet
1Mb / 18P
   Single Color Ultra High Brightness Type
HUB1105W-TR STANLEY-HUB1105W-TR Datasheet
337Kb / 20P
   Single Color Ultra High Brightness Type
UR1113F-TR STANLEY-UR1113F-TR Datasheet
317Kb / 20P
   Single Color Ultra High Brightness Type
HUB1105W STANLEY-HUB1105W Datasheet
330Kb / 20P
   Single Color Ultra High Brightness Type
H-3000L STANLEY-H-3000L Datasheet
187Kb / 11P
   Single Color Ultra High Brightness ?5 Type
UB5304X STANLEY-UB5304X Datasheet
332Kb / 24P
   Single Color Ultra High Brightness ?5 Type
UB5305S STANLEY-UB5305S Datasheet
341Kb / 24P
   Single Color Ultra High Brightness ?5 Type
UB5306X STANLEY-UB5306X Datasheet
319Kb / 24P
   Single Color Ultra High Brightness ?5 Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com