Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UY1111C Datasheet(PDF) 9 Page - STANLEY ELECTRIC CO.,LTD.

Part # UY1111C
Description  Single Color Ultra High Brightness Type
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

UY1111C Datasheet(HTML) 9 Page - STANLEY ELECTRIC CO.,LTD.

Back Button UY1111C Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. UY1111C Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. UY1111C Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. UY1111C Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. UY1111C Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. UY1111C Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. UY1111C Datasheet HTML 11Page - STANLEY ELECTRIC CO.,LTD. UY1111C Datasheet HTML 12Page - STANLEY ELECTRIC CO.,LTD. UY1111C Datasheet HTML 13Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
2009.10.30
Page 9
Ambient Temperature vs. Relative Intensity
Condition : I
F=5mA
Ambient Temperature : Ta(℃)
Derating
Ambient Temperature vs. Maximum Forward Curren
Repetition Frequency : f ≧ 50Hz, Pulse Width tw≦1msec
Ambient Temperature : Ta(℃)
Single Color Ultra High Brightness Type
1111C Series
Technical Data (SB)
Ambient Temperature vs. Forward Voltage
Condition : I
F = 2∼ 15mA
Ambient Temperature : Ta(℃)
Ambient Temperature vs. Dominant Wavelength
Condition : I
F=5mA
Ambient Temperature : Ta(℃)
0
10
20
30
40
50
60
-40
10
60
110
Duty=5%
Duty=10%
Duty=20%
Duty=50%
DC
0.1
1.0
10.0
-40
-20
0
20
40
60
80
100
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
-40
-20
0
20
40
60
80
100
120
条件 / Condition:IF=2∼15mA
IF=10mA
IF=15mA
IF=2mA
IF=5mA
465
470
475
-40
-20
0
20
40
60
80
100


Similar Part No. - UY1111C

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
UY1112H STANLEY-UY1112H Datasheet
73Kb / 6P
   ULTRA HIGH BRIGHTNESS TYPE SURFACE MOUNT LED
UY1113F STANLEY-UY1113F Datasheet
317Kb / 20P
   Right Angle Type (2.1 x 1.0 mm) Type, Milky White resin
UY1113F STANLEY-UY1113F Datasheet
317Kb / 20P
   Single Color Ultra High Brightness Type
UY1113F STANLEY-UY1113F Datasheet
1Mb / 18P
   Single Color Ultra High Brightness Type
More results

Similar Description - UY1111C

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
UB1104B STANLEY-UB1104B Datasheet
269Kb / 18P
   Single Color Ultra High Brightness Type
UB1113F STANLEY-UB1113F_12 Datasheet
1Mb / 18P
   Single Color Ultra High Brightness Type
HUB1105W-TR STANLEY-HUB1105W-TR Datasheet
337Kb / 20P
   Single Color Ultra High Brightness Type
1105W STANLEY-1105W Datasheet
606Kb / 16P
   Single Color Ultra High Brightness Type
UR1113F-TR STANLEY-UR1113F-TR Datasheet
317Kb / 20P
   Single Color Ultra High Brightness Type
HUB1105W STANLEY-HUB1105W Datasheet
330Kb / 20P
   Single Color Ultra High Brightness Type
H-3000L STANLEY-H-3000L Datasheet
187Kb / 11P
   Single Color Ultra High Brightness ?5 Type
UB5304X STANLEY-UB5304X Datasheet
332Kb / 24P
   Single Color Ultra High Brightness ?5 Type
UB5305S STANLEY-UB5305S Datasheet
341Kb / 24P
   Single Color Ultra High Brightness ?5 Type
UB5306X STANLEY-UB5306X Datasheet
319Kb / 24P
   Single Color Ultra High Brightness ?5 Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com