Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VYBG1104B Datasheet(PDF) 8 Page - STANLEY ELECTRIC CO.,LTD.

Part # VYBG1104B
Description  Single Color PLCC-2 Bathtub Type (High Reliability type, V-Series)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

VYBG1104B Datasheet(HTML) 8 Page - STANLEY ELECTRIC CO.,LTD.

Back Button VYBG1104B Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. VYBG1104B Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. VYBG1104B Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. VYBG1104B Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. VYBG1104B Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. VYBG1104B Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. VYBG1104B Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. VYBG1104B Datasheet HTML 11Page - STANLEY ELECTRIC CO.,LTD. VYBG1104B Datasheet HTML 12Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
0.1
1.0
10.0
-40
-20
0
20
40
60
80
100
0
10
20
30
40
50
60
-40
-20
0
20
40
60
80
100
120
1
10
1
10
100
1000
10000
100000
Page 8
Characteristics Chart(VUB,VUG)
Dynamic Drive Rating
Duty cycle vs. Maximum Forward Current
Duty (%)
Pulse Width vs. Maximum Tolerable Peak Current
Ambient Temp. vs. Relative Intensity
Condition:I
F=20mA
Ambient Temp. Ta (℃ )
Derating
Ambient Temp. vs. Maximum Forward Current
Ambient Temperature : Ta (℃)
VUG
VUB
1104B Series
Single Color PLCC-2 Bathtub Type
Duty=5%
Duty=10%
Duty=20%
Duty=50%
DC
10kHz
1kHz
100Hz
50Hz
Repetition Frequency:f ≧50Hz
(High Reliability type, V-Series)
2008.1.18
Ambient Temp. : Ta=25℃
Pulse Width : tw (μs)


Similar Part No. - VYBG1104B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VYBG1104B VISHAY-VYBG1104B Datasheet
211Kb / 13P
   Standard SMD LED PLCC-2
Rev. 2.0, 04-Nov-15
logo
HK TO-GRACE TECHNOLOGY ...
VYBG1104B TO-GRACE-VYBG1104B Datasheet
880Kb / 13P
   Standard SMD LED PLCC-2
More results

Similar Description - VYBG1104B

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
VCPB1104LS STANLEY-VCPB1104LS Datasheet
281Kb / 16P
   Single Color PLCC-2 Type (High Reliability type, V-Series)
VLW1148LS STANLEY-VLW1148LS Datasheet
255Kb / 13P
   PLCC-2 Type White LED (High Reliability type, White V-Series)
VSEW1154LDS-E STANLEY-VSEW1154LDS-E Datasheet
299Kb / 20P
   PLCC-2 Type White LED (High Reliability type, White V-Series)
1105W STANLEY-1105W Datasheet
305Kb / 16P
   Single Color Dome Lens Type (High Reliability type, V-Series)
JRGB1316LS STANLEY-JRGB1316LS Datasheet
391Kb / 15P
   PLCC-6 Type Tri-color
logo
Lite-On Technology Corp...
LTST-T680TBKT LITEON-LTST-T680TBKT Datasheet
530Kb / 9P
   Single Color PLCC-2 Type T680 Package 3.5mm(L) x 2.8mm(W)
logo
STANLEY ELECTRIC CO.,LT...
YPY1104B STANLEY-YPY1104B Datasheet
259Kb / 18P
   Single Color High Brightness Type
FR1113F-TR STANLEY-FR1113F-TR Datasheet
311Kb / 18P
   Single Color High Brightness Type
FY1112H-TR STANLEY-FY1112H-TR Datasheet
368Kb / 20P
   Single Color High Brightness Type
FY1101F-TR STANLEY-FY1101F-TR Datasheet
288Kb / 16P
   Single Color High Brightness Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com