Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1105W Datasheet(PDF) 5 Page - STANLEY ELECTRIC CO.,LTD.

Part # 1105W
Description  Single Color Dome Lens Type (High Reliability type, V-Series)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

1105W Datasheet(HTML) 5 Page - STANLEY ELECTRIC CO.,LTD.

  1105W Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. 1105W Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. 1105W Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. 1105W Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. 1105W Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. 1105W Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. 1105W Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. 1105W Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. 1105W Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Luminous Intensity Rank
Page 5
Standard Chart(Unit: mcd)
1105W Series
Single Color Dome Lens Type
IV(mcd)
VUB VUG VYBG VYPY
VFY
VFA
VFV
VFR
MIN.
MAX.
B5
22
27
B6
27
33
B7
33
39
B8
39
47
B8
B9
47
56
BX
56
68
BY
68
82
BZ
82
100
C1
100
120
C1
C2
120
150
C2
C2
C3
150
180
C4
180
220
C5
220
270
C6
270
330
C7
330
390
C7
C7
C7
C7
C8
390
470
C8
C9
470
560
CX
560
680
CX
CX
CY
680
820
CZ
820
1,000
D1
1,000
1,200
D1
D1
D1
D2
1,200
1,500
D3
1,500
1,800
D3
D4
1,800
2,200
D4
D5
2,200
2,700
D6
2,700
3,300
D7
3,300
3,900
D8
3,900
4,700
D9
4,700
5,600
Rank
IF=10mA
IF=20mA
(High Reliability type, V-Series)
(Ta=25℃)
※Limited width of luminous intensity rank is from Min.4 rank width.
2006.3.31


Similar Part No. - 1105W

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
1105W STANLEY-1105W Datasheet
606Kb / 16P
   Single Color Ultra High Brightness Type
1105W STANLEY-1105W Datasheet
440Kb / 19P
   3216 Dome Lens Type, Water Clear resin
More results

Similar Description - 1105W

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LNJ318C8TRU1 PANASONIC-LNJ318C8TRU1 Datasheet
29Kb / 1P
   Dome-Lens Type
logo
STANLEY ELECTRIC CO.,LT...
VCPB1104LS STANLEY-VCPB1104LS Datasheet
281Kb / 16P
   Single Color PLCC-2 Type (High Reliability type, V-Series)
logo
Panasonic Semiconductor
LNJ218C8ARU1 PANASONIC-LNJ218C8ARU1 Datasheet
29Kb / 1P
   Dome-Lens Type
LNJ318C8TRU PANASONIC-LNJ318C8TRU Datasheet
29Kb / 1P
   Dome-Lens Type
logo
STANLEY ELECTRIC CO.,LT...
1104B STANLEY-1104B Datasheet
296Kb / 16P
   Single Color PLCC-2 Bathtub Type (High Reliability type, V-Series)
HBG1105W STANLEY-HBG1105W Datasheet
542Kb / 21P
   Single Color 3216 Dome Lenz Type
HPG1105W-TR STANLEY-HPG1105W-TR Datasheet
549Kb / 21P
   Single Color 3216 Dome Lenz Type
VFJY1105W-4C92D-TR STANLEY-VFJY1105W-4C92D-TR Datasheet
736Kb / 21P
   3216 size Dome Lens Type, Yellow color emitting LED
DNK1105W STANLEY-DNK1105W Datasheet
280Kb / 14P
   Surface Mount IRED/Dome Lens Type
HKR1105W-TR STANLEY-HKR1105W-TR Datasheet
156Kb / 2P
   H 1105W Series, Dome Lens Type SMT LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com