Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZMM8V2 Datasheet(PDF) 4 Page - PACELEADER INDUSTRIAL

Part # ZMM8V2
Description  SURFACE MOUNT ZENER DIODES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

ZMM8V2 Datasheet(HTML) 4 Page - PACELEADER INDUSTRIAL

  ZMM8V2 Datasheet HTML 1Page - PACELEADER INDUSTRIAL ZMM8V2 Datasheet HTML 2Page - PACELEADER INDUSTRIAL ZMM8V2 Datasheet HTML 3Page - PACELEADER INDUSTRIAL ZMM8V2 Datasheet HTML 4Page - PACELEADER INDUSTRIAL ZMM8V2 Datasheet HTML 5Page - PACELEADER INDUSTRIAL ZMM8V2 Datasheet HTML 6Page - PACELEADER INDUSTRIAL ZMM8V2 Datasheet HTML 7Page - PACELEADER INDUSTRIAL ZMM8V2 Datasheet HTML 8Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Forward characteristics
mA
iF
VF
10
10
10
1
10
10
10
10
10
0
0.2
0.4
0.6
0.8
1 V
3
2
-1
-2
-3
-4
-5
Tj=100 C
o
Tj=25 C
o
Admissible power dissipation
versus ambient temperature
Valid provided that electrodes are kept
at ambient temperature.
ZMM...
ZMM...
500
400
300
200
100
0
0
100
200 C
Tamb
Ptot
mW
o
ZMM 51
Test current Iz
5mA
0
10
0
2
6
4
8
Iz
20
30
40
50
60
Vz
80
70
90
100 V
ZMM 43
Breakdown characteristics
Tj = constant (pulsed)
mA
10
Tj=25 C
o
ZMM 39
ZMM 47
ZMM...
ZMM1 thru ZMM200
SURFACE MOUNT ZENER DIODES
SURFACE MOUNT ZENER DIODES
00
www.paceleader.tw
4


Similar Part No. - ZMM8V2

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZMM8V2 DIODES-ZMM8V2 Datasheet
59Kb / 3P
   500mW SURFACE MOUNT ZENER DIODE
DS18005 Rev. H-3
logo
Shanghai Leiditech Elec...
ZMM8V2 LEIDITECH-ZMM8V2 Datasheet
592Kb / 4P
   MiniMELF case especially for automatic insertion
logo
SEMTECH ELECTRONICS LTD...
ZMM8V2 SEMTECH_ELEC-ZMM8V2 Datasheet
456Kb / 8P
   SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
ZMM8V2 HTSEMI-ZMM8V2 Datasheet
1Mb / 8P
   SILICON PLANAR ZENER DIODES
logo
Yea Shin Technology Co....
ZMM8V2 YEASHIN-ZMM8V2 Datasheet
1Mb / 8P
   SILICON PLANAR ZENER DIODES
More results

Similar Description - ZMM8V2

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com