Electronic Components Datasheet Search |
|
SMCJ85A Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL |
|
SMCJ85A Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL |
1 / 2 page 1 FEATURES MECHANICAL DATA SMCJ5.0A thru SMCJ170CA SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE 5.0 TO 170 VOLTS 1500 Watt Peak Pulse Power DEVICES FOR BIPOLAR APPLICATION MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS UNITS SYMBOL VALUE 0C -55 to +150 o Ratings at 25 C ambient temperature unless otherwise specified RATING PPPM IPPM IFSM IJ TSTG Minimum 1500 200 SEE TABLE 1 Watts Amps Amps SMC/DO-214AB Dimensions in inches and (millimeters) .002(.051) .008(.203) .006(.152) .012(.305) .305(7.75) .320(8.13) .079(2.00) .103(2.62) .030(0.76) .050(1.27) .260(6.60) .280(7.11) .220(5.59) .245(6.22) .108(2.75) .128(3.25) For surface mount applications in order to optimize board space Low profile package Built-in strain relief Glass passivated junction Low inductance Excellent clamping capability Repetition Rate (duty cycle) 0.05% Fast response time typically less than 1.0ps from 0 Volts to BV min. Typical IR less than 1mA above 10V o High Temperature solderting 250 C/10seconds at terminals Plastic package has Underwriters Laboratory Flammability Classification 94V-0 Case JEDEC DO-214AB molded plastic over glass passivated junction Terminals Solder plated, solderable per MIL-STD-750, Method 2026 Polarity Color band denotes positive end (cathode) except bidirectional Standard Package 16mm tape (EIA STD EIA-481) Weight 0.007 ounce, 0.021gram For Bidirectional use C or CA Suffix for types SMCJ5.0 thru types SMCJ170 (e.g. SMCJ5.0C, SMCJ170CA) Electrical characteristics apply in both directions Peak Pulse Power Dissipation on 10/1000 S waveform (Note 1, 2, Fig.1) Peak Pulse Current of on 10/1000 S waveform (Note 1, Fig.3) Peak Forward Surge Current, 8.3ms Single Half Sine-Wave Superimposed on Rated Load (JEDEC Method) ( Note 2,3) Operating junction and Storage Temperature Range NOTES o 1. Non-repetitive current pulse, per Fig.3 and derated above TA=25 C per Fig.2. 2 2. Mounted on 5.0mm (0.03mm thick) Copper Pads to each terminal 3. 8.3ms Single Half Sine-Wave, or equivalent square wave, Duty cycle = 4 pulses per minutes maximum. www.paceleader.tw |
Similar Part No. - SMCJ85A |
|
Similar Description - SMCJ85A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |