Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZS4753A Datasheet(PDF) 3 Page - PACELEADER INDUSTRIAL

Part # ZS4753A
Description  SURFACE MOUNT ZENER TYPE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

ZS4753A Datasheet(HTML) 3 Page - PACELEADER INDUSTRIAL

  ZS4753A Datasheet HTML 1Page - PACELEADER INDUSTRIAL ZS4753A Datasheet HTML 2Page - PACELEADER INDUSTRIAL ZS4753A Datasheet HTML 3Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
RATING AND CHARACTERISTICS CURVES ZS4728A THRU ZS4755A
ZS4728A thru ZS4755A
SURFACE MOUNT ZENER TYPE
SURFACE MOUNT ZENER TYPE
1000
700
500
200
100
70
50
20
10
7
5
2
1
1
2
3
5
7 10
20 30
50
70 100
VZ, ZENER CURR ENT (mA)
Iz=1mA
5mA
20mA
Tj=25
Iz(ms)=0.1Iz(do)
f=60Hz
400
300
200
100
50
20
10
8
4
1
2
5
10
20
50
100
VZ, NOMINAL VZ (VOLTS)
50% OF BREAKDOWNBIAS
0VBIAS
0VBIAS
FIG. 1A- Range for Units to 12 Volts
+12
+10
+8
+6
+4
+2
0
-2
-4
2
3
4
5
6
7
8
9
10 11
12
VZ, ZENER VOLTAGE (VOLTS )
RANGE
VZ•—IZT
100
70
50
30
20
FIG.1B- Range for Unit s to 12 to 100
10
7
5
3
2
1
10
20
30
50
70
100
VZ, ZENER VOLTAGE (VOLTS )
RANGE
VZ•—IZT
Figure 2. Temperature Coefficients (-55
to+150
temperature change;90% of the units are in the ranges indicated.)
175
150
125
100
75
50
25
0
0
0.1 0.2
0.3
0.4
0.5
0.6
0.7 0.8
0.9
+6
+4
+2
0
-2
-4
3
4
5
6
7
8
20mA
1mA
0.01mA
VZ•—IZ
TA=25
NOTE:BELOW 3 VOLTS AAND ABOCE 8
VOLTS
CHANGES IN ZENER CURRENT DO NOT
L, LEAD LENGTH TO HEAT SINK (INCHES )
VZ, ZENER VOLTAGE (VOLTS)
1.25
1.0
0.75
0.5
0.25
Figure . 7 - Power Te mperature Derating Curve
0
20
40
60
80
100
120 140
160
180 20 0
TL, LEAD TEMPERATURE (
OC)
@
@
@
Figure 4. Effect of Zener Current
Figure 3. Typical Ther mal Resistance versus Lead
www.paceleader.tw


Similar Part No. - ZS4753A

ManufacturerPart #DatasheetDescription
logo
Formosa MS
ZS4753A FORMOSA-ZS4753A Datasheet
98Kb / 2P
   1WATT SURFACE MOUNT ZENER DIODE
logo
Weitron Technology
ZS4753A WEITRON-ZS4753A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
logo
Yea Shin Technology Co....
ZS4753A YEASHIN-ZS4753A Datasheet
872Kb / 5P
   1000mW Surface Mount Zener Diodes - 3.3V-100V
More results

Similar Description - ZS4753A

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SMC5342B PACELEADER-SMC5342B Datasheet
360Kb / 2P
   SURFACE MOUNT ZENER TYPE
SMA4949A PACELEADER-SMA4949A Datasheet
241Kb / 2P
   SURFACE MOUNT ZENER TYPE
SMB5921B PACELEADER-SMB5921B Datasheet
381Kb / 2P
   SURFACE MOUNT ZENER TYPE
MMSZ5221B PACELEADER-MMSZ5221B Datasheet
197Kb / 4P
   SURFACE MOUNT ZENER TYPE
ZGFM052V4C-MH PACELEADER-ZGFM052V4C-MH Datasheet
210Kb / 4P
   SURFACE MOUNT ZENER TYPE
MMSZ2V4 PACELEADER-MMSZ2V4 Datasheet
233Kb / 4P
   SURFACE MOUNT ZENER TYPE
ZGFM103V3-M PACELEADER-ZGFM103V3-M Datasheet
267Kb / 3P
   SURFACE MOUNT ZENER TYPE
ZGF052V4C-MH PACELEADER-ZGF052V4C-MH Datasheet
210Kb / 4P
   SURFACE MOUNT ZENER TYPE
SMB5341B PACELEADER-SMB5341B Datasheet
458Kb / 3P
   SURFACE MOUNT ZENER TYPE
SMA5921B PACELEADER-SMA5921B Datasheet
361Kb / 3P
   SURFACE MOUNT ZENER TYPE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com