Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZMM30 Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # ZMM30
Description  SURFACE MOUNT ZENER DIODES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

ZMM30 Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  ZMM30 Datasheet HTML 1Page - PACELEADER INDUSTRIAL ZMM30 Datasheet HTML 2Page - PACELEADER INDUSTRIAL ZMM30 Datasheet HTML 3Page - PACELEADER INDUSTRIAL ZMM30 Datasheet HTML 4Page - PACELEADER INDUSTRIAL ZMM30 Datasheet HTML 5Page - PACELEADER INDUSTRIAL ZMM30 Datasheet HTML 6Page - PACELEADER INDUSTRIAL ZMM30 Datasheet HTML 7Page - PACELEADER INDUSTRIAL ZMM30 Datasheet HTML 8Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
www.paceleader.tw
Zener voltage range 1)
Dynamic resistance
Reverse leakage current
Temp.
coefficient
of Zener Voltage
Vznom
IZT fo r VZT 2)
rzjT and rzjk at IZK
I and I 2) at V
TKVZ
Type
V
mA
V
Ω
Ω
mA
μA
μA
V
%/K
ZMM1V3
0.75
5
0.7 … 0.8
<8
<50
1
-
-
-
-0.26 … -0.23
ZMM2V0
2.0
5
1.9 … 2.1
<85
<600
1
<100
<200
1
-0.09 … -0.06
ZMM2V4
2.4
5
2.28 ... 2.56
<85
<600
1
<50
<100
1
-0.09 … -0.06
ZMM2V7
2.7
5
2.5 … 2.9
<85
<600
1
<10
<50
1
-0.09 … -0.06
ZMM3V0
3.0
5
2.8 … 3.2
<85
<600
1
<4
<40
1
-0.08 … -0.05
ZMM3V3
3.3
5
3.1 … 3.5
<85
<600
1
<2
<40
1
-0.08 … -0.05
ZMM3V6
3.6
5
3.4 … 3.8
<85
<600
1
<2
<40
1
-0.08 … -0.05
ZMM3V9
3.9
5
3.7 … 4.1
<85
<600
1
<2
<40
1
-0.08 … -0.05
ZMM4V3
4.3
5
4.0 … 4.6
<75
<600
1
<1
<20
1
-0.06 … -0.03
ZMM4V7
4.7
5
4.4 … 5.0
<60
<600
1
<0.5
<10
1
-0.05 … +0.02
ZMM5V1
5.1
5
4.8 … 5.4
<35
<550
1
<0.1
<2
1
-0.02 … +0.02
ZMM5V6
5.6
5
5.2 … 6.0
<25
<450
1
<0.1
<2
1
-0.05 … +0.05
ZMM6V2
6.2
5
5.8 …6.6
<10
<200
1
<0.1
<2
2
0.03 … 0.06
ZMM6V8
6.8
5
6.4 … 7.2
<8
<150
1
<0.1
<2
3
0.03 … 0.07
ZMM7V5
7.5
5
7.0 … 7.9
<7
<50
1
<0.1
<2
5
0.03 … 0.07
ZMM8V2
8.2
5
7.7 … 8.7
<7
<50
1
<0.1
<2
6.2
0.03 … 0.08
ZMM9V1
9.1
5
8.5 … 9.6
<10
<50
1
<0.1
<2
6.8
0.03 … 0.09
ZMM10
10
5
9.4 … 10.6
<15
<70
1
<0.1
<2
7.5
0.03 … 0.1
ZMM11
11
5
10.4 … 11.6
<20
<70
1
<0.1
<2
8.2
0.03 … 0.11
ZMM12
12
5
11.4 … 12.7
<20
<90
1
<0.1
<2
9.1
0.03 … 0.11
ZMM13
13
5
12.4 … 14.1
<26
<110
1
<0.1
<2
10
0.03 … 0.11
ZMM15
15
5
13.8 … 15.6
<30
<110
1
<0.1
<2
11
0.03 … 0.11
ZMM16
16
5
15.3 … 17.1
<40
<170
1
<0.1
<2
12
0.03 … 0.11
ZMM18
18
5
16.8 … 19.1
<50
<170
1
<0.1
<2
13
0.03 … 0.11
ZMM20
20
5
18.8 … 21.2
<55
<220
1
<0.1
<2
15
0.03 … 0.11
ZMM22
22
5
20.8 … 23.3
<55
<220
1
<0.1
<2
16
0.04 … 0.12
ZMM24
24
5
22.8 … 25.6
<80
<220
1
<0.1
<2
18
0.04 … 0.12
ZMM27
27
5
25.1 … 28.9
<80
<220
1
<0.1
<2
20
0.04 … 0.12
ZMM30
30
5
28 … 32
<80
<220
1
<0.1
<2
22
0.04 … 0.12
ZMM33
33
5
31 … 35
<80
<220
1
<0.1
<2
24
0.04 … 0.12
ZMM36
36
5
34 … 38
<80
<220
1
<0.1
<2
27
0.04 … 0.12
ZMM39
39
2.5
37 … 41
<90
<500
0.5
<0.1
<5
30
0.04 … 0.12
ZMM43
43
2.5
40 … 46
<90
<500
0.5
<0.1
<5
33
0.04 … 0.12
ZMM47
47
2.5
44 … 50
<110
<600
0.5
<0.1
<5
36
0.04 … 0.12
ZMM51
51
2.5
48 … 54
<125
<700
0.5
<0.1
<10
39
0.04 … 0.12
ZMM56
56
2.5
52 … 60
<135
<700
0.5
<0.1
<10
43
0.04 … 0.12
ZMM62
62
2.5
58 … 66
<150
<1000
0.5
<0.1
<10
47
0.04 … 0.12
ZMM68
68
2.5
64 … 72
<200
<1000
0.5
<0.1
<10
51
0.04 … 0.12
ZMM75
75
2.5
70 … 79
<250
<1000
0.5
<0.1
<10
56
0.04 … 0.12
ZMM82
82
2.5
77 … 87
<300
<1500
0.25
<0.1
<10
62
0.05 … 0.12
ZMM91
91
1
85 … 96
<450
<2000
0.1
<0.1
<10
68
0.05 … 0.12
ZMM100
100
1
94 … 106
<450
<5000
0.1
<0.1
<10
75
0.05 … 0.12
ZMM110
110
1
104 … 116
<600
<5000
0.1
<0.1
<10
82
0.05 … 0.12
ZMM120
120
1
114 … 127
<800
<5500
0.1
<0.1
<10
91
0.05 … 0.12
ZMM130
130
1
124 … 141
<950
<6000
0.1
<0.1
<10
100
0.05 … 0.12
ZMM150
150
1
138 … 156
<1250
<6500
0.1
<0.1
<10
110
0.05 … 0.12
ZMM160
160
1
153 … 171
<1400
<7000
0.1
<0.1
<10
120
0.05 … 0.12
ZMM180
180
1
168 … 191
<1700
<8500
0.1
<0.1
<10
130
0.05 … 0.12
ZMM200
200
1
188 … 212
<2000
<10000
0.1
<0.1
<10
150
0.05 … 0.12
Notes:
(1) Tested with pulses tp=20ms.
(2) Valid provided that electrodes are kept at ambient temperature.
(3) The ZMM1 is a silicon diode with operation in forward direction. Hence, the index of all parameters should be .F. instead of .Z..
Connect the cathode electrode to the negative pole.
ZMM1 thru ZMM200
SURFACE MOUNT ZENER DIODES
SURFACE MOUNT ZENER DIODES
00


Similar Part No. - ZMM30

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZMM30 SEMTECH-ZMM30 Datasheet
594Kb / 8P
   SILICON PLANAR POWER ZENER DIODES?
logo
Shenzhen Jin Yu Semicon...
ZMM30 HTSEMI-ZMM30 Datasheet
1Mb / 8P
   SILICON PLANAR ZENER DIODES
logo
Bytesonic Electronics C...
ZMM30 BYTESONIC-ZMM30 Datasheet
481Kb / 8P
   Silicon Epitaxial Planar Zener Diodes
logo
Shanghai Lunsure Electr...
ZMM30 CHENYI-ZMM30 Datasheet
449Kb / 8P
   0.5W SILICON PLANAR ZENER DIODES
logo
Diotec Semiconductor
ZMM30 DIOTEC-ZMM30 Datasheet
348Kb / 3P
   Surface mount Silicon Planar Zener Diodes
More results

Similar Description - ZMM30

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com