Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2827 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2827
Description  Triple Output PMIC with HyperLight Load??DCDC, two LDOs, and I2C Control
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2827 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2827 Datasheet HTML 1Page - Micrel Semiconductor MIC2827 Datasheet HTML 2Page - Micrel Semiconductor MIC2827 Datasheet HTML 3Page - Micrel Semiconductor MIC2827 Datasheet HTML 4Page - Micrel Semiconductor MIC2827 Datasheet HTML 5Page - Micrel Semiconductor MIC2827 Datasheet HTML 6Page - Micrel Semiconductor MIC2827 Datasheet HTML 7Page - Micrel Semiconductor MIC2827 Datasheet HTML 8Page - Micrel Semiconductor MIC2827 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
MIC2827
Triple Output PMIC with HyperLight Load™ DC-
DC, two LDOs, and I
2C Control
HyperLight Load is a trademark of Micrel, Inc
MLF and MicroLeadFrame are registered trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
July 2009
M9999-072709-A
General Description
The Micrel MIC2827 is a three output, programmable
Power Management IC, optimized for high efficiency
power support in Mobile Application Processors, Co-
Processors, DSPs, GPS and Media Player chipsets. The
device integrates a single 500mA PWM/PFM synchronous
buck (step-down) regulator with two Low Dropout
Regulators and a 400kHz I²C interface that provides
programmable Dynamic Voltage Scaling (DVS), Power
Sequencing, and individual output Enable/Disable controls
allowing the user to optimally control all three outputs.
The 4MHz synchronous buck regulator features a patented
HyperLight Load™ (HLL) architecture which minimizes
switching losses and provides low quiescent current
operation for high efficiency at light loads. Additional
benefits of this proprietary architecture are low output
ripple voltage and fast transient response throughout the
entire load range with the use of small output capacitors,
reducing the overall system size.
Two high performance LDOs are integrated into the
MIC2827 to provide additional system voltages for I/O,
memory and other analog functions. Each LDO is capable
of sourcing 150mA output current with high PSRR and low
output noise. A 2% output voltage accuracy, low dropout
voltage (150mV @ 150mA), and low ground current of
83µA (both LDOs operating) makes this device ideally
suited for mobile applications.
The MIC2827 is available in a tiny 14-pin 2.5mm x 2.5mm
Thin MLF
® with a junction operating range from -40°C to
+125
°C.
Data sheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Applications
• Application processors
• GPS subsystems
• General purpose PMIC
• Mobile phones / PDAs
• Portable media players
• Mobile television receivers
Features
• Fast-mode I2C control interface
• Tiny 14-pin 2.5mm x 2.5mm MLF® package
• Default start-up voltage states and sequencing
• Fault indication processor flag - IRQb
• -40°C to 125°C junction temperature range
• Thermal shutdown and current-limit protection
• Power On After Fault (POAF) function
DC-DC Synchronous Buck
• 2.7V to 5.5V input voltage range
• 500mA continuous output current
• HyperLight Load™ mode
25µA quiescent current
• 90% peak efficiency; 85% at 1mA
• Ultra-fast transient response
• Dynamic Voltage Scaling (DVS) range: 0.8V to 1.8V
0.8V to 1.2V in 25mV steps
1.2V to 1.8V in 50mV steps
• ±3% over temperature
• Low output voltage ripple: 20mVpp in HyperLight
Load™ mode, 3mV in full PWM mode
LDOs
• 1.8V to VDVIN input voltage range
• 150mA output current (each LDO)
• Dynamic Voltage Scaling (each LDO)
DVS range: 0.8V to 3.3V in 50mV steps
• ±3% over temperature
• Low quiescent current – 50µA (each LDO)
• Low dropout voltage – 50mV @ 50mA
• Low output noise - 45µVRMS
• Stable with ceramic output capacitors
• 65dB PSRR at 1kHz


Similar Part No. - MIC2827

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2821-4GJLYML MICREL-MIC2821-4GJLYML Datasheet
465Kb / 17P
   Digital Power Management IC 2MHz, 600mA DC/DC with Triple 300mA LDOs
MIC2821-4GMSYML MICREL-MIC2821-4GMSYML Datasheet
465Kb / 17P
   Digital Power Management IC 2MHz, 600mA DC/DC with Triple 300mA LDOs
MIC2826 MICREL-MIC2826 Datasheet
819Kb / 27P
   Quad Output PMIC with HyperLight Load??DCDC, three LDOs, and I2C Control
MIC2829 MICREL-MIC2829 Datasheet
3Mb / 52P
   3G/4G HEDGE/LTE PMIC with Six Buck Converters, Eleven LDOs and SIM Card Level Translation
MIC2829-A0YAL MICREL-MIC2829-A0YAL Datasheet
3Mb / 52P
   3G/4G HEDGE/LTE PMIC with Six Buck Converters, Eleven LDOs and SIM Card Level Translation
More results

Similar Description - MIC2827

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2826 MICREL-MIC2826 Datasheet
819Kb / 27P
   Quad Output PMIC with HyperLight Load??DCDC, three LDOs, and I2C Control
logo
ams AG
AS3709 AMSCO-AS3709 Datasheet
930Kb / 74P
   關PMIC with 5 DCDC and 2 LDOs
logo
Renesas Technology Corp
ISL91212A RENESAS-ISL91212A Datasheet
2Mb / 52P
   Triple/Quad Output PMIC with I2C Interface
Feb 20, 2020
logo
ON Semiconductor
NCP6914 ONSEMI-NCP6914 Datasheet
848Kb / 36P
   5 Channel PMIC: 1 DCDC Converter and 4 LDOs
April, 2014 ??Rev. 10
logo
Renesas Technology Corp
SLG51001 RENESAS-SLG51001 Datasheet
767Kb / 25P
   PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switch
10-May-2022
SLG51002 RENESAS-SLG51002 Datasheet
748Kb / 36P
   PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switches
12-Sep-2022
logo
Micrel Semiconductor
MIC7400 MICREL-MIC7400_15 Datasheet
5Mb / 68P
   Configurable PMIC, Five-Channel Buck Regulator Plus One-Boost with HyperLight Load짰 and I2C Control
logo
Renesas Technology Corp
SLG51000 RENESAS-SLG51000 Datasheet
1Mb / 25P
   PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switches
10-May-2022
logo
Micrel Semiconductor
MIC7401 MICREL-MIC7401 Datasheet
5Mb / 68P
   Configurable PMIC, Five-Channel Buck Regulator plus One-Boost with HyperLight Load짰, I2C Control, and Enable
logo
Linear Technology
LTC3445 LINER-LTC3445_15 Datasheet
480Kb / 24P
   I2C Controllable Buck Regulator with Two LDOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com