Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZMM39 Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # ZMM39
Description  SURFACE MOUNT ZENER DIODES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

ZMM39 Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  ZMM39 Datasheet HTML 1Page - PACELEADER INDUSTRIAL ZMM39 Datasheet HTML 2Page - PACELEADER INDUSTRIAL ZMM39 Datasheet HTML 3Page - PACELEADER INDUSTRIAL ZMM39 Datasheet HTML 4Page - PACELEADER INDUSTRIAL ZMM39 Datasheet HTML 5Page - PACELEADER INDUSTRIAL ZMM39 Datasheet HTML 6Page - PACELEADER INDUSTRIAL ZMM39 Datasheet HTML 7Page - PACELEADER INDUSTRIAL ZMM39 Datasheet HTML 8Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
FEATURES
MECHANICAL DATA
ZMM1 thru ZMM200
SURFACE MOUNT ZENER DIODES
SURFACE MOUNT ZENER DIODES
Case
MINI MELF Molded Glass (SOD-80)
Weight Approx .0.05g
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
SOLDERABLE ENDS
0.022(0.559)
0.016(0.406)
0.145(3.683)
0.066(1.676)
+0
-0.008(0.20)
CATHODE BAND
D1=
D2=D1
0.131(3.327)
0.060(1.524)
D2
Dimension in inches (millimeters )
DO-213AA / MINI MELF
www.paceleader.tw
00
•Silicon Planar Zener Diodes
in MiniMELF case especially for automatic insertion. The
Zener voltages are graded according to the international E 24
standard. Smaller voltage tolerances and higher Zener
voltages on request.
•These diodes are also available in DO-35 case with the type
designation ZPD1 thru ZPD51.
•These diodes are delivered taped.
Details see .Taping..
•Weight approx. : 0.05g
High temperature soldering : 260
OC / 10 seconds at terminals
Pb free product at available : 99% Sn above meet RoHS
environment substance directive request
Absolute Maximum Ratings (Ta=25℃ )
Symbols
Values
Units
Zener current see Table "Characteristics"
Power dissipation at Tamb=25℃
Ptot
500 1)
mW
Junction temperature
Tj
175
Storage temperature range
TS
-55 to +175
Note:
(1) Valid provided that electrodes are kept at ambient temperature.
Characteristics at Tamb=25℃
Symbols
Min.
Typ.
Max.
Units
Thermal resistance
junction to ambient Air
RthA
-
-
0.3 1)
K/mW
Note:
(1) Valid provided that electrodes are kept at ambient temperature.


Similar Part No. - ZMM39

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZMM39 SEMTECH-ZMM39 Datasheet
594Kb / 8P
   SILICON PLANAR POWER ZENER DIODES?
logo
Shenzhen Jin Yu Semicon...
ZMM39 HTSEMI-ZMM39 Datasheet
1Mb / 8P
   SILICON PLANAR ZENER DIODES
logo
Bytesonic Electronics C...
ZMM39 BYTESONIC-ZMM39 Datasheet
481Kb / 8P
   Silicon Epitaxial Planar Zener Diodes
logo
Shanghai Lunsure Electr...
ZMM39 CHENYI-ZMM39 Datasheet
449Kb / 8P
   0.5W SILICON PLANAR ZENER DIODES
logo
Diotec Semiconductor
ZMM39 DIOTEC-ZMM39 Datasheet
348Kb / 3P
   Surface mount Silicon Planar Zener Diodes
More results

Similar Description - ZMM39

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com