Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4223YMME Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC4223YMME
Description  Dual 4A, 4.5V to 18V, 15ns Switch Time, Low-Side MOSFET Drivers with Enable
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4223YMME Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC4223YMME Datasheet HTML 5Page - Micrel Semiconductor MIC4223YMME Datasheet HTML 6Page - Micrel Semiconductor MIC4223YMME Datasheet HTML 7Page - Micrel Semiconductor MIC4223YMME Datasheet HTML 8Page - Micrel Semiconductor MIC4223YMME Datasheet HTML 9Page - Micrel Semiconductor MIC4223YMME Datasheet HTML 10Page - Micrel Semiconductor MIC4223YMME Datasheet HTML 11Page - Micrel Semiconductor MIC4223YMME Datasheet HTML 12Page - Micrel Semiconductor MIC4223YMME Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Micrel, Inc.
MIC4223/MIC4224/MIC4225
June 2009
9
M9999-061109-A
(408) 944-0800
Functional Description
The MIC4223, MIC4224 and MIC4225 are a family of dual
high speed, high current drivers. The drivers come in both
inverting and non-inverting versions. Each driver has an
enable pin that turns the output off (low) regardless of the
input.
The MIC4223 is a dual inverting driver. The MIC4224 is a
dual non-inverting driver and the MIC4225 contains an
inverting and non-inverting driver.
Enable
Each output has an independent enable pin that forces the
output low when the enable pin is driven low. Each enable
pin is internally pulled-up to VDD. The outputs are enabled
by default if the enable pin is left open. Pulling the enable
pin low, below its threshold voltage, forces the output low.
A fast propagation delay between the enable and output
pins quickly disables the output, which is a requirement
during a system fault condition.
Input Stage
The driver input stage is high impedance, TTL-compatible
input stage. The driver’s input threshold voltage makes it
compatible with TTL and CMOS devices that are powered
from supply voltages between 3V and VDD. Hysteresis on
the input pin improves noise immunity and prevents input
signals with slow rise times from falsely triggering the
output. The VDD pin current is slightly higher when the
input voltage is above the high level threshold. See the
Typical Characteristic graphs for additional information.
The input voltage signal may go up to -5V below ground
without damage to the driver or cause a latch up condition.
Negative input voltages that are 0.7V below ground or
greater will increase propagation delay.
Output Driver Section
A functional diagram of the driver output is shown in Figure
2. The output drive is a parallel combination of MOSFET
and Bipolar transistor. For a given silicon area, a bipolar
device has a lower on-resistance than an equivalent MOS
device. It sources and sinks current more consistently as
the voltage across it changes. The low drive impedance of
the bipolar allows fast turn-on and turn-off of the external
MOSFET. The driver’s internal MOSFET gives the output
near rail-to-rail drive capability. This ensures a low RDSON
for the external MOSFET as well as noise immunity from
dv/dt induced glitching.
Figure 2. Output Driver
The slew rate of the output is non-adjustable and depends
only on the VDD voltage and how much capacitance is
present at the OUTA, B pin. Changing the slew rate at the
driver’s input pin will not affect the output rise or fall times.
The slew rate at the MOSFET gate can be adjusted by
adding a resistor between the MOSFET gate and the
driver output.


Similar Part No. - MIC4223YMME

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MIC4223YMME MIC-MIC4223YMME Datasheet
515Kb / 20P
   Dual 4A, 4.5V to 18V, 15ns Switch Time, Low-Side MOSFET Drivers with Enable
More results

Similar Description - MIC4223YMME

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MIC4223 MIC-MIC4223_11 Datasheet
515Kb / 20P
   Dual 4A, 4.5V to 18V, 15ns Switch Time, Low-Side MOSFET Drivers with Enable
logo
Micrel Semiconductor
MIC4414 MICREL-MIC4414 Datasheet
426Kb / 14P
   1.5A, 4.5V to 18V Low-Side MOSFET Driver
logo
ON Semiconductor
NCV81071 ONSEMI-NCV81071 Datasheet
224Kb / 12P
   Dual 5 A High Speed Low-Side MOSFET Drivers with Enable
August, 2017 ??Rev. 0
logo
Texas Instruments
UCC27423 TI-UCC27423 Datasheet
385Kb / 24P
[Old version datasheet]   DUAL 4-A HIGH SPEED LOW SIDE MOSFET DRIVERS WITH ENABLE
UCC27424DR TI1-UCC27424DR Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27423 TI1-UCC27423_13 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27423-Q1 TI1-UCC27423-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
UCC27423-Q1 TI1-UCC27423-Q1 Datasheet
783Kb / 28P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
AUGUST2011
logo
Fairchild Semiconductor
FAN3223 FAIRCHILD-FAN3223_10 Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3213 FAIRCHILD-FAN3213 Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com