Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3562-2 Datasheet(PDF) 2 Page - Pomona Electronics

Part # 3562-2
Description  Banana Jack To #12, 16, 20 & 22 Socket
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

3562-2 Datasheet(HTML) 2 Page - Pomona Electronics

  3562-2 Datasheet HTML 1Page - Pomona Electronics 3562-2 Datasheet HTML 2Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies.
Model 3560, 3562, 3564, 4690
Banana Jack To #12, 16, 20 & 22
Socket
Sales: 800-490-2361 Fax: 888-403-3360 Technical Support: 800-241-2060 (technicalsupport@pomonatest.com)
For “Where to Buy” information, visit the Pomona web site at www.pomonaelectronics.com
Rev: 100
D1093952, D1093954, D1093956, D1094166
Page 2 of 2


Similar Part No. - 3562-2

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
35620 BELDEN-35620 Datasheet
154Kb / 2P
   Lead Wire, #20 Str TC, XLPO Ins, AWM 3173
05-05-2023
35620-0065000 BELDEN-35620-0065000 Datasheet
154Kb / 2P
   Lead Wire, #20 Str TC, XLPO Ins, AWM 3173
05-05-2023
35620-010500 BELDEN-35620-010500 Datasheet
154Kb / 2P
   Lead Wire, #20 Str TC, XLPO Ins, AWM 3173
05-05-2023
35620-0105000 BELDEN-35620-0105000 Datasheet
154Kb / 2P
   Lead Wire, #20 Str TC, XLPO Ins, AWM 3173
05-05-2023
35622 BELDEN-35622 Datasheet
150Kb / 2P
   Lead Wire, #22 Str TC, XLPO Ins, AWM 3173
03-04-2023
More results

Similar Description - 3562-2

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3561 POMONA-3561 Datasheet
129Kb / 2P
   Banana Jack To #12, 16, 20 & 22 Pin
logo
List of Unclassifed Man...
BU-P72914-0 ETC2-BU-P72914-0 Datasheet
159Kb / 1P
   4mm banana jack to 2mm banana jack adapter
logo
Pomona Electronics
72916 POMONA-72916 Datasheet
129Kb / 1P
   4mm Banana Jack to 2mm Banana Jack Adapter
2138 POMONA-2138 Datasheet
21Kb / 1P
   Standard Banana Jack To Miniature Banana Plug
logo
List of Unclassifed Man...
BU-32101-0 ETC2-BU-32101-0 Datasheet
49Kb / 1P
   Insulated Banana Jack To Standard Banana Plug
logo
Pomona Electronics
4702 POMONA-4702 Datasheet
40Kb / 1P
   Banana Plug To In-Line Banana Jack
6384-0 POMONA-6384-0 Datasheet
34Kb / 3P
   Banana Jack, User Installed (18-22 AWG)
3834 POMONA-3834 Datasheet
24Kb / 1P
   Banana Jack To Pin Jack Adapter
2477 POMONA-2477 Datasheet
25Kb / 1P
   Miniature Banana Jack To Standard Banana Plug Adapter
3777A POMONA-3777A Datasheet
64Kb / 1P
   Spade Lug to Banana Jack
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com