Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY88236AL Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY88236AL
Description  2.5Gbps Burst Mode Laser Driver with Integrated Limiting Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88236AL Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY88236AL Datasheet HTML 1Page - Micrel Semiconductor SY88236AL Datasheet HTML 2Page - Micrel Semiconductor SY88236AL Datasheet HTML 3Page - Micrel Semiconductor SY88236AL Datasheet HTML 4Page - Micrel Semiconductor SY88236AL Datasheet HTML 5Page - Micrel Semiconductor SY88236AL Datasheet HTML 6Page - Micrel Semiconductor SY88236AL Datasheet HTML 7Page - Micrel Semiconductor SY88236AL Datasheet HTML 8Page - Micrel Semiconductor SY88236AL Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Micrel, Inc.
SY88236L/AL
June 2009
3
M9999-063009-A
hbwhelp@micrel.com or (408) 955-1690
Pin Configuration
32-Pin MLF
® (MLF-32)
Pin Description
Pin Number
Pin Name
Pin Function
1
LOS/SD_SEL
LOS or SD selection, TTL input. Set high, connect to VCC, or leave open to select LOS. Set low
or connect to GND to select SD.
2
LOSLVL
Loss-of-Signal Level Set. A resistor from this pin to VCC sets the threshold for the data input
amplitude at which LOS will be asserted.
3
LOS/SD
Loss-of-Signal (LOS selected): asserts high when the data input amplitude falls below the
threshold set by LOSLVL.
Signal Detect (SD selected): asserts low when the data input amplitude falls below the threshold
set by LOSLVL.
4
JAM
Active low TTL/CMOS. Internally pulled-up with 75kΩ. Connect to GND or apply a low level
signal (<0.8 V) to enable the post amp output. Can be shorted to LOS/SD (pin 3) to create a
squelch function. The polarity of this input follows the polarity of LOS/SD.
SY88236L: Driver Non-inverting input data. Internally terminated with 50Ω to a reference
voltage.
6
DIN+
SY88236AL: Driver Non-inverting input data. No internal termination.
SY88236L: Driver inverting input data. Internally terminated with 50Ω to a reference voltage.
7
DIN-
SY88236AL: Driver inverting input data. No internal termination.
9
BEN+
Non-Inverting burst enable. Accepts any input, single-ended or differential: TTL/CMOS,
LVPECL, CML, LVDS, and HSTL. BEN requires an external termination. See Figure 2-a-d.
10
BEN-
Inverting burst enable. Accepts any input, single-ended or differential: TTL/CMOS, LVPECL,
CML, LVDS, and HSTL. BEN requires an external termination. See Figure 2-a-d.
11
TXDIS
Internally pulled-up. Pull-down with a 22kΩ or lower resistance or apply a low level signal (<0.8
V) to enable bias and modulation. Keep floating or apply a high level (>2V) to disable bias and
modulation.


Similar Part No. - SY88236AL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88236ALMG MICREL-SY88236ALMG Datasheet
858Kb / 19P
   2.5Gbps Burst Mode Laser Driver with
SY88236ALMGTR MICREL-SY88236ALMGTR Datasheet
858Kb / 19P
   2.5Gbps Burst Mode Laser Driver with
More results

Similar Description - SY88236AL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88232L MICREL-SY88232L Datasheet
879Kb / 18P
   2.5Gbps Laser Diode Driver with Integrated Limiting Amplifier
SY88349NDL MICREL-SY88349NDL Datasheet
433Kb / 13P
   2.5Gbps Burst-Mode Limiting Amplifier
logo
Maxim Integrated Produc...
MAX3710 MAXIM-MAX3710 Datasheet
3Mb / 58P
   125Mbps to 2.5Gbps Integrated Limiting Amplifier/Burst Mode Laser Driver with Dual-Loop Power Control
Rev 0; 8/11
logo
M/A-COM Technology Solu...
02090-BRF-001-A MA-COM-02090-BRF-001-A Datasheet
493Kb / 2P
   3.3V Burst-Mode Laser Driver and Integrated Limiting Amplifier with
logo
Micrel Semiconductor
SY88236L MICREL-SY88236L_10 Datasheet
858Kb / 19P
   2.5Gbps Burst Mode Laser Driver with
logo
Taiwan Memory Technolog...
I7520N TMT-I7520N Datasheet
20Kb / 1P
   2.5Gbps Burst Mode Laser Driver & Post Amplifier
logo
M/A-COM Technology Solu...
M02090 MA-COM-M02090 Datasheet
493Kb / 2P
   3.3V Burst-Mode Laser Driver and Integrated Limiting Amplifier
logo
Micrel Semiconductor
SY88216L MICREL-SY88216L Datasheet
672Kb / 11P
   3.3V, 2.5Gbps Burst Mode Laser Driver
SY88216L MICREL-SY88216L_10 Datasheet
629Kb / 11P
   3.3V, 2.5Gbps Burst Mode Laser Driver
logo
Maxim Integrated Produc...
MAX3643 MAXIM-MAX3643_14 Datasheet
372Kb / 15P
   155Mbps to 2.5Gbps Burst-Mode Laser Driver
Rev 4; 12/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com