Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY88232LMGTR Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY88232LMGTR
Description  2.5Gbps Laser Diode Driver with Integrated Limiting Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88232LMGTR Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY88232LMGTR Datasheet HTML 1Page - Micrel Semiconductor SY88232LMGTR Datasheet HTML 2Page - Micrel Semiconductor SY88232LMGTR Datasheet HTML 3Page - Micrel Semiconductor SY88232LMGTR Datasheet HTML 4Page - Micrel Semiconductor SY88232LMGTR Datasheet HTML 5Page - Micrel Semiconductor SY88232LMGTR Datasheet HTML 6Page - Micrel Semiconductor SY88232LMGTR Datasheet HTML 7Page - Micrel Semiconductor SY88232LMGTR Datasheet HTML 8Page - Micrel Semiconductor SY88232LMGTR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Micrel, Inc.
SY88232L/AL
June 2009
4
M9999-063009-A
hbwhelp@micrel.com or (408) 955-1690
Pin Description (continued)
Pin Number
Pin Name
Pin Function
12
APCSET
Bias current setting and control. The bias current is set by installing an external resistor from this
pin to ground or using a current source. Connect a 50kΩ resistor to GND for open loop operation.
13
MODSET
Modulation current setting and control. The modulation current is set by installing an external
resistor from this pin to ground or using a current source.
14
BIASMAX
Install a resistor between this pin and GND to set the maximum bias current for the closed loop
operation. The APC loop controls the bias current up to the level of BIASMAX. When the bias
current reaches the maximum value set through this pin, the driver continues to sink a current
equal to this maximum. For open loop operations, this pin sets the bias current.
15
MODMON
Modulation Current Monitor. Provides a current, which represents 1/100 of the modulation
current. Install a resistor between this pin and GND to convert that current to a voltage
proportional to the modulation current.
18
MOD-
Inverted modulation current output. Provides modulation current when input data is negative.
19
MOD+
Non-inverted modulation current output. Provides modulation current when input data is positive.
21
BIAS
Bias current output, sources current when /TXDIS is high. Connect to the cathode of the laser
through a resistor.
22
MD
Input from the laser monitoring photodiode. Connect to the anode of the laser photodiode for APC
operation.
23
BIASMON
Bias Monitor. Provides a current, which represents 1/50 of the bias current. Install a resistor
between this pin and GND to convert that current to a voltage.
24
RSSI
Received Signal Strength Indicator. Install a resistor from this pin to GND to get a voltage
proportional to the received signal.
25
APCFAULT
Indicates APC failure when High. Active High TTL/CMOS. Use a 10kΩ Pull up.
SY88232L: Post amplifier Non-inverting input data. Internally terminated with 50Ω to a reference
voltage.
27
RIN+
SY88232AL: Post amplifier Non-inverting input data. No internal termination.
SY88232L: Driver inverting input data. Internally terminated with 50Ω to a reference voltage.
28
RIN-
SY88232AL: Driver inverting input data. No internal termination.
30
ROUT-
Post Amplifier Complementary CML data output.
31
ROUT+
Post Amplifier true CML data output.
5, 8, 16, 24, 29
GND
Ground. Ground and exposed pad must be connected to the plane of the most negative potential.
17, 20, 32
Supply Voltage. Bypass with a 0.1µF//0.01µF low ESR capacitor as close to VCC pin as possible.


Similar Part No. - SY88232LMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88232LMGTR MICREL-SY88232LMGTR Datasheet
701Kb / 18P
   2.5Gbps Laser Diode Driver with Integrated
More results

Similar Description - SY88232LMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88236L MICREL-SY88236L Datasheet
1Mb / 19P
   2.5Gbps Burst Mode Laser Driver with Integrated Limiting Amplifier
SY88232L MICREL-SY88232L_10 Datasheet
701Kb / 18P
   2.5Gbps Laser Diode Driver with Integrated
logo
Samsung semiconductor
CXB1828ER SAMSUNG-CXB1828ER Datasheet
254Kb / 20P
   2.5Gbps Laser Diode Driver
logo
Maxim Integrated Produc...
MAX3710 MAXIM-MAX3710 Datasheet
3Mb / 58P
   125Mbps to 2.5Gbps Integrated Limiting Amplifier/Burst Mode Laser Driver with Dual-Loop Power Control
Rev 0; 8/11
logo
Sony Corporation
CXB1828ER SONY-CXB1828ER Datasheet
258Kb / 20P
   2.5Gbps Laser Diode Driver
logo
Micrel Semiconductor
SY88212L MICREL-SY88212L Datasheet
456Kb / 10P
   3.3V, 2.5Gbps Laser Diode Driver with Integrated Bias and APC
SY88212L MICREL-SY88212L_10 Datasheet
414Kb / 10P
   3.3V, 2.5Gbps Laser Diode Driver
logo
Taiwan Memory Technolog...
I7511N TMT-I7511N Datasheet
21Kb / 1P
   1.25Gbps FTTX Laser Diode Driver/Limiting Amplifier
logo
M/A-COM Technology Solu...
02090-BRF-001-A MA-COM-02090-BRF-001-A Datasheet
493Kb / 2P
   3.3V Burst-Mode Laser Driver and Integrated Limiting Amplifier with
logo
Micrel Semiconductor
SY88922 MICREL-SY88922_11 Datasheet
485Kb / 6P
   SDH/SONET 2.5Gbps LASER DIODE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com