Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY88236LMG Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # SY88236LMG
Description  2.5Gbps Burst Mode Laser Driver with Integrated Limiting Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88236LMG Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button SY88236LMG Datasheet HTML 3Page - Micrel Semiconductor SY88236LMG Datasheet HTML 4Page - Micrel Semiconductor SY88236LMG Datasheet HTML 5Page - Micrel Semiconductor SY88236LMG Datasheet HTML 6Page - Micrel Semiconductor SY88236LMG Datasheet HTML 7Page - Micrel Semiconductor SY88236LMG Datasheet HTML 8Page - Micrel Semiconductor SY88236LMG Datasheet HTML 9Page - Micrel Semiconductor SY88236LMG Datasheet HTML 10Page - Micrel Semiconductor SY88236LMG Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Micrel, Inc.
SY88236L/AL
June 2009
7
M9999-063009-A
hbwhelp@micrel.com or (408) 955-1690
Post Amplifier
Symbol
Parameter
Condition
Min
Typ
Max
Units
LOSLVL
LOSLVL Voltage
VCC -1.3
VCC
V
VOH
ROUT+, ROUT- HIGH Voltage
VCC-0.020
VCC-0.005
VCC
V
VOL
ROUT+, ROUT- LOW Voltage
VCC-0.475
VCC-0.400
VCC-0.350
V
VOFFSET
Differential Output Offset
±80
mV
Z0 (ROUT)
Single-Ended Output
Impedance
42.5
50
57.5
ZI (RIN)
(SY88236L only)
Single-Ended Input Impedance
42.5
50
57.5
VOL(LOS/SD)
LOS/SD Output Low
IOL = 2mA
0.5
V
IOH(LOS/SD)
LOS/SD Output Leakage
VOH = VCC
100
µA


Similar Part No. - SY88236LMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88236LMG MICREL-SY88236LMG Datasheet
858Kb / 19P
   2.5Gbps Burst Mode Laser Driver with
SY88236LMGTR MICREL-SY88236LMGTR Datasheet
858Kb / 19P
   2.5Gbps Burst Mode Laser Driver with
More results

Similar Description - SY88236LMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88232L MICREL-SY88232L Datasheet
879Kb / 18P
   2.5Gbps Laser Diode Driver with Integrated Limiting Amplifier
SY88349NDL MICREL-SY88349NDL Datasheet
433Kb / 13P
   2.5Gbps Burst-Mode Limiting Amplifier
logo
Maxim Integrated Produc...
MAX3710 MAXIM-MAX3710 Datasheet
3Mb / 58P
   125Mbps to 2.5Gbps Integrated Limiting Amplifier/Burst Mode Laser Driver with Dual-Loop Power Control
Rev 0; 8/11
logo
M/A-COM Technology Solu...
02090-BRF-001-A MA-COM-02090-BRF-001-A Datasheet
493Kb / 2P
   3.3V Burst-Mode Laser Driver and Integrated Limiting Amplifier with
logo
Micrel Semiconductor
SY88236L MICREL-SY88236L_10 Datasheet
858Kb / 19P
   2.5Gbps Burst Mode Laser Driver with
logo
Taiwan Memory Technolog...
I7520N TMT-I7520N Datasheet
20Kb / 1P
   2.5Gbps Burst Mode Laser Driver & Post Amplifier
logo
M/A-COM Technology Solu...
M02090 MA-COM-M02090 Datasheet
493Kb / 2P
   3.3V Burst-Mode Laser Driver and Integrated Limiting Amplifier
logo
Micrel Semiconductor
SY88216L MICREL-SY88216L Datasheet
672Kb / 11P
   3.3V, 2.5Gbps Burst Mode Laser Driver
SY88216L MICREL-SY88216L_10 Datasheet
629Kb / 11P
   3.3V, 2.5Gbps Burst Mode Laser Driver
logo
Maxim Integrated Produc...
MAX3643 MAXIM-MAX3643_14 Datasheet
372Kb / 15P
   155Mbps to 2.5Gbps Burst-Mode Laser Driver
Rev 4; 12/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com