Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY898533L Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY898533L
Description  Precision Differential 3.3V Low Skew LVPECL 1:4 Fanout Buffer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY898533L Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY898533L Datasheet HTML 1Page - Micrel Semiconductor SY898533L Datasheet HTML 2Page - Micrel Semiconductor SY898533L Datasheet HTML 3Page - Micrel Semiconductor SY898533L Datasheet HTML 4Page - Micrel Semiconductor SY898533L Datasheet HTML 5Page - Micrel Semiconductor SY898533L Datasheet HTML 6Page - Micrel Semiconductor SY898533L Datasheet HTML 7Page - Micrel Semiconductor SY898533L Datasheet HTML 8Page - Micrel Semiconductor SY898533L Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SY898533L
Precision Differential 3.3V Low Skew
LVPECL 1:4 Fanout Buffer
Precision Edge is a registered trademark of Micrel, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
July 2009
M9999-072409-C
hbwhelp@micrel.com or (408) 955-1690
General Description
The SY898533L is a 3.3V, low skew, 1:4 LVPECL fanout
buffer with two selectable clock input pairs. Most standard
differential input levels can be applied to the CLK, /CLK
pair while LVPECL, CML, or SSTL input levels can be
applied to the PCLK, /PCLK pair. To eliminate runt pulses
on the outputs during asynchronous assertion/de-assertion
of the clock enable pin, the clock enable is synchronized
with the input signal.
The SY898533L operates from a 3.3V ±5% supply and is
guaranteed over the full industrial temperature range of
0°C to +70°C. The SY898533L is part of Micrel’s high-
speed, Precision Edge
® product line.
Datasheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Functional Block Diagram
Precision Edge
®
Features
∑ Provides four differential 3.3V LVPECL copies
∑ Selects between differential CLK, /CLK or LVPECL clock
inputs
∑ CLK, /CLK pair accepts LVDS, LVPECL, LVHSTL,
SSTL, HCSL input levels
∑ PCLK, /PCLK pair accepts LVPECL, CML, SSTL input
levels
∑ Guaranteed AC performance over temperature and
supply voltage:
650MHz Maximum output frequency
< 1.4ns Propagation delay (In-to-Q)
< 30ps Output skew
< 150ps Part-to-part skew
Additive phase jitter, RMS: 0.06ps (typical)
∑ 3.3V ±5% supply voltage
∑ 0°C to +70°C temperature operating range
∑ Available in a 20-pin TSSOP package
Applications
∑ SONET clock distribution
∑ Backplane distribution
Markets
∑ LAN/WAN
∑ Enterprise servers
∑ ATE
∑ Test and measurement


Similar Part No. - SY898533L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY898530U MICREL-SY898530U Datasheet
437Kb / 11P
   500MHz 1:16 3.3V-to-2.5V LVPECL Fanout Buffer
SY898530U MICREL-SY898530U Datasheet
315Kb / 12P
   500MHz 1:16 3.3V-to-2.5/3.3V LVPECL
SY898530UTZ MICREL-SY898530UTZ Datasheet
437Kb / 11P
   500MHz 1:16 3.3V-to-2.5V LVPECL Fanout Buffer
SY898530UTZTR MICREL-SY898530UTZTR Datasheet
315Kb / 12P
   500MHz 1:16 3.3V-to-2.5/3.3V LVPECL
SY898530UTZTR MICREL-SY898530UTZTR Datasheet
437Kb / 11P
   500MHz 1:16 3.3V-to-2.5V LVPECL Fanout Buffer
More results

Similar Description - SY898533L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY898531L MICREL-SY898531L Datasheet
438Kb / 12P
   Precision Differential 3.3V Low Skew LVPECL 1:9 Fanout Buffer
SY898535L MICREL-SY898535L Datasheet
267Kb / 7P
   Precision Differential 3.3V, Low Skew, 1:4 LVCMOS/LVTTL -to-LVPECL Fanout Buffer
logo
Integrated Device Techn...
8533AG-01LFT IDT-8533AG-01LFT Datasheet
280Kb / 17P
   LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
logo
Renesas Technology Corp
8533I-01 RENESAS-8533I-01 Datasheet
492Kb / 19P
   Low Skew, 1-to-4 Differential-to-3.3V LVPECL Fanout Buffer
7/9/15
8533-01 RENESAS-8533-01 Datasheet
411Kb / 18P
   Low Skew, 1-to-4 Differential-to-3.3V LVPECL Fanout Buffer
January 19, 2016
logo
Integrated Circuit Syst...
ICS8533-01 ICST-ICS8533-01 Datasheet
125Kb / 13P
   LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
logo
Renesas Technology Corp
ICS8530-01 RENESAS-ICS8530-01 Datasheet
354Kb / 18P
   Low Skew, 1-to16, Differential-to-3.3V LVPECL Fanout Buffer
2019
ICS853S004I RENESAS-ICS853S004I Datasheet
474Kb / 21P
   Low Skew, 1-to-4, Differential-to-2.5V, 3.3V LVPECL Fanout Buffer
May 27, 2017
logo
Integrated Device Techn...
ICS853S004I IDT-ICS853S004I Datasheet
278Kb / 20P
   Low Skew, 1-to-4, Differential-to-2.5V, 3.3V LVPECL Fanout Buffer
logo
Pericom Semiconductor C...
PI6C48533-01 PERICOM-PI6C48533-01 Datasheet
409Kb / 7P
   3.3V Low Skew 1-to-4 Differential/LVCMOS to LVPECL Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com