Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWC6312RM9P9 Datasheet(PDF) 8 Page - ANADIGICS, Inc

Part # AWC6312RM9P9
Description  HELP3TM PCS CDMA 3.4V/28dBm Linear Power Amplifier Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWC6312RM9P9 Datasheet(HTML) 8 Page - ANADIGICS, Inc

  AWC6312RM9P9 Datasheet HTML 1Page - ANADIGICS, Inc AWC6312RM9P9 Datasheet HTML 2Page - ANADIGICS, Inc AWC6312RM9P9 Datasheet HTML 3Page - ANADIGICS, Inc AWC6312RM9P9 Datasheet HTML 4Page - ANADIGICS, Inc AWC6312RM9P9 Datasheet HTML 5Page - ANADIGICS, Inc AWC6312RM9P9 Datasheet HTML 6Page - ANADIGICS, Inc AWC6312RM9P9 Datasheet HTML 7Page - ANADIGICS, Inc AWC6312RM9P9 Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
WARNING
ANADIGICS products are not intended for use in life support appliances, devices or systems. Use of an ANADIGICS product
in any such application without written consent is prohibited.
IMPORTANT NOTICE
ANADIGICS, Inc.
141 Mount Bethel Road
Warren, New Jersey 07059, U.S.A.
Tel: +1 (908) 668-5000
Fax: +1 (908) 668-5132
URL: http://www.anadigics.com
E-mail: Mktg@anadigics.com
ANADIGICS, Inc. reserves the right to make changes to its products or to discontinue any product at any time without notice.
The product specifications contained in Advanced Product Information sheets and Preliminary Data Sheets are subject to
change prior to a product’s formal introduction. Information in Data Sheets have been carefully checked and are assumed
to be reliable; however, ANADIGICS assumes no responsibilities for inaccuracies. ANADIGICS strongly urges customers
to verify that the information they are using is current before placing orders.
Data Sheet - Rev 2.0
01/2009
8
AWC6312R
ORDERING INFORMATION
ORDER NUMBER TEMPERATURE
RANGE
PACKAGE
DESCRIPTION
COMPONENT PACKAGING
AWC6312RM9Q7
-30 °C to +85 °C
RoHS Compliant 8 Pin
3mm x 3mm x 1mm
Surface Mount Module
Tape and Reel, 2500 pieces per Reel
AWC6312RM9P9
-30 °C to +85 °C
RoHS Compliant 8 Pin
3mm x 3mm x 1mm
Surface Mount Module
Partial Tape and Reel


Similar Part No. - AWC6312RM9P9

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWC6323 ANADIGICS-AWC6323 Datasheet
608Kb / 11P
   HELP3ETM Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
AWC6323RM47P9 ANADIGICS-AWC6323RM47P9 Datasheet
608Kb / 11P
   HELP3ETM Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
AWC6323RM47Q7 ANADIGICS-AWC6323RM47Q7 Datasheet
608Kb / 11P
   HELP3ETM Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
AWC6325 ANADIGICS-AWC6325 Datasheet
895Kb / 11P
   HELP3E Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
AWC6325P9 ANADIGICS-AWC6325P9 Datasheet
895Kb / 11P
   HELP3E Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
More results

Similar Description - AWC6312RM9P9

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6302 ANADIGICS-AWT6302 Datasheet
177Kb / 8P
   PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6135 ANADIGICS-AWT6135 Datasheet
260Kb / 8P
   PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6113 ANADIGICS-AWT6113 Datasheet
236Kb / 16P
   PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6308R ANADIGICS-AWT6308R Datasheet
176Kb / 8P
   PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6302R ANADIGICS-AWT6302R Datasheet
442Kb / 10P
   PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6308R ANADIGICS-AWT6308R_08 Datasheet
406Kb / 8P
   HELP2TM PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6332 ANADIGICS-AWT6332 Datasheet
429Kb / 8P
   ZeroICTM PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6134 ANADIGICS-AWT6134 Datasheet
277Kb / 12P
   KPCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6114 ANADIGICS-AWT6114 Datasheet
125Kb / 8P
   KPCS CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6309 ANADIGICS-AWT6309 Datasheet
456Kb / 8P
   HELP2TM AWS/KPCS CDMA 3.4V/28dBm Linear Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com