Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWT6132RM5P9 Datasheet(PDF) 5 Page - ANADIGICS, Inc

Part # AWT6132RM5P9
Description  415 MHz CDMA 3.4V/29.5dBm Linear Power Amplifier Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6132RM5P9 Datasheet(HTML) 5 Page - ANADIGICS, Inc

  AWT6132RM5P9 Datasheet HTML 1Page - ANADIGICS, Inc AWT6132RM5P9 Datasheet HTML 2Page - ANADIGICS, Inc AWT6132RM5P9 Datasheet HTML 3Page - ANADIGICS, Inc AWT6132RM5P9 Datasheet HTML 4Page - ANADIGICS, Inc AWT6132RM5P9 Datasheet HTML 5Page - ANADIGICS, Inc AWT6132RM5P9 Datasheet HTML 6Page - ANADIGICS, Inc AWT6132RM5P9 Datasheet HTML 7Page - ANADIGICS, Inc AWT6132RM5P9 Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MASTER DATA SHEET - Rev 2.1
10/2008
AWT6132R
5
APPLICATION INFORMATION
To ensure proper performance, refer to all related
Application Notes on the ANADIGICS web site:
http://www.anadigics.com
Shutdown Mode
The power amplifier may be placed in a shutdown
mode by applying logic low levels (see Operating
Ranges table) to both the VREF and VMODE voltages.
Figure 3: Application Circuit Schematic
High Bias Mode
The power amplifier may be placed in a high bias mode
by applying a logic low level (see Operating Ranges
table) to the VMODE voltage.
(50 Ohms)
(50 Ohms)
RF Input
4.7uF
0.1uF
4.7uF (ceramic)
GND at slug (pad)
Bias Control
1
4
3
6
7
2
5
GND
VCC
VCC
VREF
VMODE
RF Out
(ceramic)


Similar Part No. - AWT6132RM5P9

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6130 ANADIGICS-AWT6130 Datasheet
195Kb / 8P
   Cellular Dual Mode AMPS/CDMA 3.5V 29dBm Power Amplifier Module
AWT6131 ANADIGICS-AWT6131 Datasheet
206Kb / 12P
   PCS/CDMA 3.5V/29dBm Linear Power Amplifier Module
AWT6131M7P8 ANADIGICS-AWT6131M7P8 Datasheet
206Kb / 12P
   PCS/CDMA 3.5V/29dBm Linear Power Amplifier Module
AWT6133 ANADIGICS-AWT6133 Datasheet
269Kb / 8P
   PCS/CDMA 3.5V/29dBm Linear Power Amplifier Module
AWT6133M7P8 ANADIGICS-AWT6133M7P8 Datasheet
269Kb / 8P
   PCS/CDMA 3.5V/29dBm Linear Power Amplifier Module
More results

Similar Description - AWT6132RM5P9

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6136 ANADIGICS-AWT6136 Datasheet
220Kb / 12P
   450 MHz CDMA 3.4V/29.5dBm Linear Power Amplifier Module
AWT6388 ANADIGICS-AWT6388 Datasheet
463Kb / 8P
   450 MHz CDMA 3.4V/29.5dBm Linear Power Amplifier Module
AWT6136 ANADIGICS-AWT6136_08 Datasheet
401Kb / 9P
   450 MHz CDMA 3.4V/29.5dBm Linear Power Amplifier Module
AWT6134 ANADIGICS-AWT6134 Datasheet
277Kb / 12P
   KPCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6135 ANADIGICS-AWT6135 Datasheet
260Kb / 8P
   PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6113 ANADIGICS-AWT6113 Datasheet
236Kb / 16P
   PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6308R ANADIGICS-AWT6308R Datasheet
176Kb / 8P
   PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6114 ANADIGICS-AWT6114 Datasheet
125Kb / 8P
   KPCS CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6302R ANADIGICS-AWT6302R Datasheet
442Kb / 10P
   PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6302 ANADIGICS-AWT6302 Datasheet
177Kb / 8P
   PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com